Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8647ETE+ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8647ETE+
Description  Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8647ETE+ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8647ETE+ Datasheet HTML 1Page - Maxim Integrated Products MAX8647ETE+ Datasheet HTML 2Page - Maxim Integrated Products MAX8647ETE+ Datasheet HTML 3Page - Maxim Integrated Products MAX8647ETE+ Datasheet HTML 4Page - Maxim Integrated Products MAX8647ETE+ Datasheet HTML 5Page - Maxim Integrated Products MAX8647ETE+ Datasheet HTML 6Page - Maxim Integrated Products MAX8647ETE+ Datasheet HTML 7Page - Maxim Integrated Products MAX8647ETE+ Datasheet HTML 8Page - Maxim Integrated Products MAX8647ETE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Ultra-Efficient Charge Pumps for
Six White/RGB LEDs in 3mm x 3mm Thin QFN
_______________________________________________________________________________________
5
EFFICIENCY vs. SUPPLY VOLTAGE
(DRIVING SIX LEDs)
INPUT VOLTAGE (V)
3.9
3.6
3.3
3.0
10
20
30
40
50
60
70
80
90
100
0
2.7
4.2
6.4mA/LED
20.8mA/LED
LEDs HAVE MISMATCHED VF
EFFICIENCY vs. Li+ BATTERY VOLTAGE
(DRIVING SIX LEDs)
Li+ BATTERY VOLTAGE (V, TIME-WEIGHTED)
3.4
3.5
3.6
3.7
3.8
3.9
50
60
70
80
90
100
40
4.2
3.0
1.6mA/LED
16mA/LED
LEDs HAVE MISMATCHED VF
EFFICIENCY vs. Li+ BATTERY VOLTAGE
(DRIVING SIX LEDs)
Li+ BATTERY VOLTAGE (V, TIME-WEIGHTED)
3.4
3.5
3.6
3.7
3.8
3.9
50
60
70
80
90
100
40
4.2
3.0
6.4mA/LED
20.8mA/LED
LEDs HAVE MISMATCHED VF
INPUT CURRENT vs. INPUT VOLTAGE
(DRIVING SIX LEDs)
INPUT VOLTAGE (V)
3.7
3.2
20
40
60
80
100
120
140
160
180
200
0
2.7
4.2
LEDs HAVE MISMATCHED VF
ILED = 16mA
ILED = 20.8mA
ILED = 6.4mA
ILED = 1.6mA
INPUT CURRENT vs. Li+ BATTERY
VOLTAGE (DRIVING SIX LEDs)
Li+ BATTERY VOLTAGE (V, TIME-WEIGHTED)
3.5
3.6
3.4
3.7
3.8
3.9
20
40
60
80
100
120
140
160
180
200
0
4.2
3.0
1.6mA/LED
6.4mA/LED
16mA/LED
20.8mA/LED
LEDs HAVE MISMATCHED VF
INPUT CURRENT
vs. INPUT VOLTAGE (RGB MODULE)
INPUT VOLTAGE (V)
3.7
3.2
10
20
30
40
50
60
70
80
90
100
0
2.7
4.2
ILED = 20.8mA
ILED = 16mA
ILED = 4.8mA
ILED = 1.6mA
RGB MODULE: LUMEX SML-LX3632SISUGSBC
INPUT CURRENT vs. Li+ BATTERY
VOLTAGE (RGB MODULE)
Li+ BATTERY VOLTAGE (V, TIME-WEIGHTED)
3.5
3.6
3.4
3.7
3.8
3.9
10
20
30
40
50
60
70
80
90
100
0
4.2
3.0
1.6mA/LED
6.4mA/LED
16mA/LED
20.8mA/LED
RGB MODULE: LUMEX SML-LX3632SISUGSBC
INPUT RIPPLE VOLTAGE vs. SUPPLY
VOLTAGE (DRIVING SIX WHITE LEDs)
SUPPLY VOLTAGE (V)
3.7
3.2
2
4
6
8
10
12
14
16
0
2.7
4.2
20.8mA/LED
16mA/LED
6.4mA/LED
1.6mA/LED
LEDs HAVE
MISMATCHED VF
15.0
15.6
15.4
15.2
16.0
15.8
16.8
16.6
16.4
16.2
17.0
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
LED CURRENT MATCHING
vs. INPUT VOLTAGE (16mA/LED)
INPUT VOLTAGE (V)
Typical Operating Characteristics (continued)
(VIN = 3.6V, VEN_ = VIN, circuit of Figure 1, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX8647ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8647ETE++ MAXIM-MAX8647ETE+ Datasheet
265Kb / 15P
   Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 0; 4/07
More results

Similar Description - MAX8647ETE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8647 MAXIM-MAX8647 Datasheet
265Kb / 15P
   Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 0; 4/07
MAX8847Y MAXIM-MAX8847Y Datasheet
1Mb / 13P
   High-Performance Negative Charge Pump for 6 White LEDs in 3mm x 3mm Thin QFN
19-5196; Rev 0; 4/10
MAX8848Y MAXIM-MAX8848Y Datasheet
1Mb / 14P
   High-Performance Negative Charge Pump for 7 White LEDs in 3mm x 3mm Thin QFN
19-5233; Rev 0; 4/10
MAX8630Y MAXIM-MAX8630Y Datasheet
249Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 1; 2/07
MAX8630W MAXIM-MAX8630W Datasheet
242Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8630 MAXIM-MAX8630 Datasheet
248Kb / 12P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07
MAX8608Y MAXIM-MAX8608Y Datasheet
400Kb / 11P
   125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 10/05
MAX8822 MAXIM-MAX8822 Datasheet
251Kb / 15P
   Ultra-Efficient Negative Charge-Pump LED Driver with Dual LDOs in 3mm x 3mm Thin QFN
Rev 0; 11/07
logo
Linear Integrated Syste...
LTC3210EUD-3 LINEAR-LTC3210EUD-3 Datasheet
225Kb / 16P
   MAIN/CAM LED Controller in 3mm x 3mm QFN
logo
Exar Corporation
SP7682 EXAR-SP7682 Datasheet
512Kb / 19P
   Backlight and Flash Driver in QFN 3mm x 3mm
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com