Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8798 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX8798
Description  Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8798 Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX8798 Datasheet HTML 1Page - Maxim Integrated Products MAX8798 Datasheet HTML 2Page - Maxim Integrated Products MAX8798 Datasheet HTML 3Page - Maxim Integrated Products MAX8798 Datasheet HTML 4Page - Maxim Integrated Products MAX8798 Datasheet HTML 5Page - Maxim Integrated Products MAX8798 Datasheet HTML 6Page - Maxim Integrated Products MAX8798 Datasheet HTML 7Page - Maxim Integrated Products MAX8798 Datasheet HTML 8Page - Maxim Integrated Products MAX8798 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 30 page
background image
Internal-Switch Boost Regulator with
Integrated 3-Channel Scan Driver for TFT LCDs
_______________________________________________________________________________________
5
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Slew Rate CKV, CKVB
Without charge sharing,
STV = VDD, CLOAD = 4.7nF, 50
20
40
V/μs
Propagation Delay Between
STV and STVP
CLOAD = 4.7nF
250
450
ns
STVP Output Slew Rate
CLOAD = 4.7nF, 50
20
40
V/μs
Charge-Sharing Discharge
Path Resistance
CKV to CKVCS and
CKVB to CKVBCS
250
400
DISH Discharge Path Resistance GOFF to -3V, DISH = -3V
250
500
DISH Turn-On Threshold
Dish falling
-1.8
V
STV, CPV, OE Input Low Voltage
0.8
V
STV, CPV, OE Input High Voltage
1.6
V
OECON Input Low Voltage
1.5
V
OECON Input High Voltage
2.0
V
OECON Sink Current
OECON = 5W = VDD
0.4
0.8
mA
STV, CPV, OE
Input Current
VSTV = VDD or GND,
VCPV = VDD or GND,
VOE = VDD or GND,
VOECON = VDD or GND
-1
+1
μA
CKV, CKVB, STVP Output
Three-State Current
VCKV = GON or GOFF, three-state
VCKVB = GON or GOFF, three-state
VCKVCS = GON or GOFF, three-state
VCKVBCS = GON or GOFF, three-state
VSTVP = GON or GOFF, three-state
-1
+1
μA
CONTROL INPUTS
Input Low Voltage
SHDN
0.6
V
SHDN, 1.8V < VIN < 3.0V
1.8
Input High Voltage
SHDN, 3.0V < VIN < 5.5V
2.0
V
SHDN Input Current
SHDN = 0V or 3V
-1
+1
μA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = VDD = VSHDN = +3V, circuit of Figure 2, BOOST = 8V, GON = 23V, GOFF = -12V, VPOS = 0V, VNEG = 1.5V, OE = CPV = STV =
OECON = 0V, TA = 0°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.)
ELECTRICAL CHARACTERISTICS
(VIN = VDD = VSHDN = +3V, circuit of Figure 2, BOOST = 8V, GON = 23V, GOFF = -12V, VPOS = 0V, VNEG = 1.5V, OE = CPV = STV =
OECON = 0V, TA = -40°C to +85°C, unless otherwise noted.) (Note 6)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD Input Voltage Range
1.8
4.0
V
VDD Quiescent Current
VDD = 3V
10
μA
VDD Undervoltage Lockout
VDD rising; typical hysteresis 100mV
1.75
V
IN Input Voltage Range
(Note 1)
1.8
6.0
V
IN Quiescent Current
VIN = 3V, VFB = 1.5V, not switching
0.1
mA
IN Undervoltage Lockout
IN rising; typical hysteresis 100mV
1.75
V


Similar Part No. - MAX8798

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8798 MAXIM-MAX8798 Datasheet
250Kb / 13P
   Resistor-Adjustable Switching Regulator and Op-Amp Output Range
Rev 1; 9/08
MAX8798 MAXIM-MAX8798 Datasheet
610Kb / 31P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
2008
MAX8798ETX++ MAXIM-MAX8798ETX+ Datasheet
610Kb / 31P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
2008
MAX8798EVCMAXQU++ MAXIM-MAX8798EVCMAXQU+ Datasheet
250Kb / 13P
   Resistor-Adjustable Switching Regulator and Op-Amp Output Range
Rev 1; 9/08
MAX8798EVKIT MAXIM-MAX8798EVKIT Datasheet
250Kb / 13P
   Resistor-Adjustable Switching Regulator and Op-Amp Output Range
Rev 1; 9/08
More results

Similar Description - MAX8798

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8798 MAXIM-MAX8798_V01 Datasheet
610Kb / 31P
   Internal-Switch Boost Regulator with Integrated 3-Channel Scan Driver for TFT LCDs
2008
MAX17088 MAXIM-MAX17088 Datasheet
796Kb / 28P
   Internal-Switch Boost Regulator with High-Voltage Level Shifter for TFT LCDs
2009
MAX17117 MAXIM-MAX17117 Datasheet
1Mb / 22P
   Internal-Switch Boost Regulator with Integrated 7-Channel Scan Driver, Op Amp, and LDO
19-5241; Rev 0; 4/10
MAX17115 MAXIM-MAX17115 Datasheet
2Mb / 23P
   Internal-Switch Boost Regulator and High-Voltage, Low-Dropout Linear Regulator for TFT LCDs
2010
logo
Silicon Mitus, Inc.
SM4500 SILICONMITUS-SM4500 Datasheet
267Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
SM2001 SILICONMITUS-SM2001 Datasheet
267Kb / 1P
   4 Channel White LED Driver with Internal-switch Boost Regulator
Februay 2018 Rev. 0.0.0
logo
Maxim Integrated Produc...
MAX17094 MAXIM-MAX17094 Datasheet
1Mb / 26P
   Internal-Switch Boost Regulator with Integrated 7-Channel Driver, VCOM Calibrator, Op Amp, and LDO
2008
MAX8784 MAXIM-MAX8784 Datasheet
963Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
MAX8784EVKIT MAXIM-MAX8784EVKIT Datasheet
458Kb / 24P
   Step-Up Regulator, Internal Charge Pumps, Switch Control, and Operational Amplifier for TFT LCDs
Rev 0; 1/07
logo
Silicon Mitus, Inc.
SM2006 SILICONMITUS-SM2006 Datasheet
266Kb / 1P
   6 Channel White LED Driver with Internal-switch Boost Regulator for High Power LED
Februay 2018 Rev. 0.0.0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com