Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3628MPBF Datasheet(PDF) 9 Page - International Rectifier

Part # IR3628MPBF
Description  HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3628MPBF Datasheet(HTML) 9 Page - International Rectifier

Back Button IR3628MPBF Datasheet HTML 5Page - International Rectifier IR3628MPBF Datasheet HTML 6Page - International Rectifier IR3628MPBF Datasheet HTML 7Page - International Rectifier IR3628MPBF Datasheet HTML 8Page - International Rectifier IR3628MPBF Datasheet HTML 9Page - International Rectifier IR3628MPBF Datasheet HTML 10Page - International Rectifier IR3628MPBF Datasheet HTML 11Page - International Rectifier IR3628MPBF Datasheet HTML 12Page - International Rectifier IR3628MPBF Datasheet HTML 13Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
IR3628MPbF
08/10/2007
Soft-Start
The IR3628 has programmable soft-start to
control the output voltage rise and limit the inrush
current during start-up.
To ensure
correct
start-up,
the soft-start
sequence initiates when Vcc and Vc rise above
their threshold and generate the Power On
Ready (POR) signal. The soft-start function
operates by sourcing current to charge an
external capacitor to about 3V.
Initially, the soft-start function clamps the output
of error amplifier by injecting a current (40uA)
into the Fb pin and generates a voltage about
0.96V (40ux24K) across the negative input of
error amplifier (see figure 5).
The magnitude of the injected current is inversely
proportional to the voltage at the soft-start pin. As
the soft-start voltage ramps up, the injected
current decreases linearly and so does the
voltage at negative input of error amplifier.
When the soft-start capacitor is around 1V, the
voltage at the positive input of the error amplifier
is approximately 0.6V.
The output of error amplifier will start increasing
and generating the first PWM signal. As the soft-
start capacitor voltage continues to go up, the
current flowing into the Fb pin will keep
decreasing.
The feedback voltage increases linearly as the
soft start voltage ramps up. When soft-start
voltage is around 2V the output voltage is
reached the steady state and the injected current
is zero.
Figure 6 shows the theoretical operational
waveforms during soft-start.
The output voltage start-up time is the time
period
when
soft-start
capacitor
voltage
increases from 1V to 2V.
The start-up time will be dependent on the size of
the external soft-start capacitor and can be
estimate by:
Fig. 5: Soft-Start circuit for IR3628
Fig. 6: Theoretical operation waveforms
during soft-start
20uA
40uA
POR
Error Amp
SS/SD
Fb
Comp
24K
0.6V
24K
3V
Soft-Start
Voltage
Voltage at negative input
of Error Amp
Voltage at Fb pin
Current flowing
into Fb pin
40uA
0uA
0V
0.6V
0.96V
0.6V
0V
3V
2V
1V
Output of UVLO
POR
For a given start-up time, the soft-start capacitor
(nF) can be estimated as:
V
1
V
2
C
T
μA
20
ss
start
=
)
1
--(
ms
T
A
20
C
start
SS
)
(
*
μ
9


Similar Part No. - IR3628MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3621 IRF-IR3621 Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621F IRF-IR3621F Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621FTR IRF-IR3621FTR Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621M IRF-IR3621M Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
IR3621MPBF IRF-IR3621MPBF Datasheet
375Kb / 29P
   2-PHASE / DUAL SYNCHRONOUS PWM CONTROLLER WITH OSCILLATOR SYNCHRONIZATION AND PRE-BIAS STARTUP
More results

Similar Description - IR3628MPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3640MPBF IRF-IR3640MPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3624MPBF IRF-IR3624MPBF Datasheet
791Kb / 21P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
IR3640MTRPBF IRF-IR3640MTRPBF Datasheet
964Kb / 32P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER
logo
Richtek Technology Corp...
RT9232 RICHTEK-RT9232_07 Datasheet
387Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232A RICHTEK-RT9232A Datasheet
386Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
RT9232B RICHTEK-RT9232B Datasheet
304Kb / 14P
   Programmable Frequency Synchronous Buck PWM Controller
logo
International Rectifier
IR3638STRPBF IRF-IR3638STRPBF Datasheet
301Kb / 15P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
IR3638SPBF IRF-IR3638SPBF Datasheet
293Kb / 15P
   HIGH FREQUENCY SYNCHRONOUS PWM BUCK CONTROLLER FOR TRACKING APPLIACTIONS
logo
Anpec Electronics Corop...
APW7062A ANPEC-APW7062A Datasheet
179Kb / 16P
   Synchronous Buck PWM Controller
APW7062B ANPEC-APW7062B_08 Datasheet
278Kb / 18P
   Synchronous Buck PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com