Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX6773TASD2+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX6773TASD2+T
Description  Automotive Micropower Linear Regulators with Supervisor
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6773TASD2+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX6773TASD2+T Datasheet HTML 1Page - Maxim Integrated Products MAX6773TASD2+T Datasheet HTML 2Page - Maxim Integrated Products MAX6773TASD2+T Datasheet HTML 3Page - Maxim Integrated Products MAX6773TASD2+T Datasheet HTML 4Page - Maxim Integrated Products MAX6773TASD2+T Datasheet HTML 5Page - Maxim Integrated Products MAX6773TASD2+T Datasheet HTML 6Page - Maxim Integrated Products MAX6773TASD2+T Datasheet HTML 7Page - Maxim Integrated Products MAX6773TASD2+T Datasheet HTML 8Page - Maxim Integrated Products MAX6773TASD2+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
Automotive Micropower Linear Regulators
with Supervisor
_______________________________________________________________________________________
5
24
28
26
32
30
36
34
38
42
40
44
420
28
12
36
44
52
60
68
SUPPLY CURRENT vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
ILOAD = 100mA
ILOAD = 0
LIMITED BY POWER
DISSIPATION
VOUT = 3.3V
27
31
29
37
35
33
39
41
45
43
47
-40
-10 5
-25
203550658095 110 125
SUPPLY CURRENT vs. TEMPERATURE
TEMPERATURE (°C)
ILOAD = 100mA
ILOAD = 50mA
ILOAD = 1mA
ILOAD = 0
VOUT = 5V
1.0
1.5
4.5
2.5
2.0
3.0
3.5
4.0
5.0
-40
-10 5
20
-25
35 50
95
80
110
65
125
SHUTDOWN SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
0
1.0
0.5
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
12
36
60
SHUTDOWN SUPPLY CURRENT
vs. INPUT VOLTAGE
INPUT VOLTAGE (V)
428
44
52
20
68
0.992
1.004
1.003
1.002
1.001
1.000
0.999
0.998
0.997
0.996
0.995
0.994
0.993
-40
-10 5
-25
203550658095 110 125
NORMALIZED RESETIN THRESHOLD VOLTAGE
vs. TEMPERATURE
TEMPERATURE (°C)
20
0
100
50
150
200
250
300
350
400
450
500
550
600
40
60
80
100
DROPOUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
030
10
50
70
90
VOUT = 5V
4.80
4.90
4.85
4.95
5.10
5.15
5.05
5.00
5.20
OUTPUT VOLTAGE
vs. LOAD CURRENT
20
40
60
80
100
LOAD CURRENT (mA)
030
10
50
70
90
VOUT = 5V
OUTPUT VOLTAGE
vs. LOAD CURRENT
3.22
3.20
3.24
3.30
3.32
3.28
3.26
3.34
20
40
60
80
100
LOAD CURRENT (mA)
030
10
50
70
90
VOUT = 3.3V
Typical Operating Characteristics
(VIN = 14V, COUT = 10µF, CIN = 0.1µF, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX6773TASD2+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6773TASD2T MAXIM-MAX6773TASD2T Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
More results

Similar Description - MAX6773TASD2+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6765 MAXIM-MAX6765_10 Datasheet
419Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 4; 6/10
MAX6765 MAXIM-MAX6765_11 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 5; 10/11
MAX6765 MAXIM-MAX6765_07 Datasheet
295Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 2; 7/07
MAX6765 MAXIM-MAX6765 Datasheet
686Kb / 23P
   Automotive Micropower Linear Regulators with Supervisor
Rev 0; 10/06
MAX6765 MAXIM-MAX6765_12 Datasheet
214Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 6; 3/12
MAX6765 MAXIM-MAX6765_13 Datasheet
340Kb / 22P
   Automotive Micropower Linear Regulators with Supervisor
Rev 8; 4/13
logo
Linear Technology
LTC3025-1 LINER-LTC3025-1 Datasheet
188Kb / 12P
   500mA Micropower VLDO Linear Regulators
LTC3025-4 LINER-LTC3025-4_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-2 LINER-LTC3025-2_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
LTC3025-3 LINER-LTC3025-3_15 Datasheet
255Kb / 14P
   500mA Micropower VLDO Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com