Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8805W Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8805W
Description  600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8805W Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8805W Datasheet HTML 1Page - Maxim Integrated Products MAX8805W Datasheet HTML 2Page - Maxim Integrated Products MAX8805W Datasheet HTML 3Page - Maxim Integrated Products MAX8805W Datasheet HTML 4Page - Maxim Integrated Products MAX8805W Datasheet HTML 5Page - Maxim Integrated Products MAX8805W Datasheet HTML 6Page - Maxim Integrated Products MAX8805W Datasheet HTML 7Page - Maxim Integrated Products MAX8805W Datasheet HTML 8Page - Maxim Integrated Products MAX8805W Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
600mA/650mA PWM Step-Down Converters in
2mm x 2mm WLP for WCDMA PA Power
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MAX8805Y/MAX8805Z
0.44 x
VIN2
0.465 x
VIN2
0.48 x
VIN2
REFIN
Dual Mode™ Threshold
VREFIN rising, 50mV hysteresis
MAX8805W/MAX8805X
0.36 x
VIN2
0.372 x
VIN2
0.39 x
VIN2
V
LX
p-channel MOSFET switch, ILX = -40mA
0.18
0.6
On-Resistance
n-channel MOSFET rectifier, ILX = 40mA
0.15
0.6
Ω
TA = +25°C
0.1
5
LX Leakage Current
VIN1A = VIN1B = VIN2 = 5.5V,
VLX = 0V
TA = +85°C
1
µA
MAX8805Y/MAX8805Z
0.7
0.9
1.1
p-Channel MOSFET Peak
Current Limit
VLX = 0V
MAX8805W/MAX8805X
0.75
0.95
1.15
A
MAX8805Y/MAX8805Z
0.5
0.7
0.9
n-Channel MOSFET Valley
Current Limit
MAX8805W/MAX8805X
0.55
0.75
0.95
A
MAX8805Y/MAX8805Z
0.1
Minimum On- and Off-Times
MAX8805W/MAX8805X
0.07
µs
Power-Up Delay
From PA_EN rising to LX rising
150
250
µs
BYPASS
TA = +25
°C
0.060
0.1
On-Resistance
p-channel MOSFET bypass,
IOUT = -90mA
TA = +85
°C
0.1
Ω
Bypass Current Limit
VPA = 0V
0.8
1.2
1.8
A
MAX8805Y/MAX8805Z
0.7
0.9
1.1
Step-Down Current Limit in Bypass
VLX = 0V
MAX8805W/MAX8805X
0.75
0.95
1.15
A
MAX8805Y/MAX8805Z
1.5
2.1
2.9
Total Bypass Current Limit
VLX = VPA = 0V
MAX8805W/MAX8805X
1.55
2.15
2.95
A
TA = +25
°C
0.01
10
Bypass Off-Leakage Current
VIN1A = VIN1B = VIN2 = 5.5V,
VPAA = VPAB = 0V
TA = +85
°C1
µA
LDO1
MAX8805_EWEAA+T
1.746
1.8
1.854
MAX8805_EWEBC+T
2.425
2.5
2.575
MAX8805_EWECC+T
2.619
2.7
2.781
MAX8805_EWEDD+T
2.716
2.8
2.884
MAX8805_EWEEE+T
2.765
2.85
2.936
Output Voltage VLDO1
VIN2 = 5.5V, ILDO1 = 1mA;
VIN2 = 3.4V, ILDO1 = 100mA
MAX8805_EWEGG+T
2.910
3.0
3.090
V
Output Current
200
mA
Current Limit
VLDO1 = 0V
250
550
750
mA
Dropout Voltage
ILDO1 = 100mA, TA = +25
°C (VLDO1 ≥ 2.5V)
70
200
mV
Line Regulation
VIN2 stepped from 3.5V to 5.5V, ILDO1 = 100mA
2.4
mV
Load Regulation
ILDO1 stepped from 50µA to 200mA
25
mV
Power-Supply Rejection
10Hz to 10kHz, CLDO1 = 1µF, ILDO1 = 30mA
70
dB
ELECTRICAL CHARACTERISTICS (continued)
(VIN1A = VIN1B = VIN2 = VPA_EN = VEN1 = VEN2 = 3.6V, VHP = 0V, VREFIN = 0.9V (MAX8805Y/MAX8805Z), VREFIN = 0.72V
(MAX8805W/MAX8805X), TA = -40°C to +85°C. Typical values are at TA =+25°C, unless otherwise noted.) (Note 1)


Similar Part No. - MAX8805W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805W MAXIM-MAX8805W Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805WEREXY+T*+T* MAXIM-MAX8805WEREXY+T* Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
More results

Similar Description - MAX8805W

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
   600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8896 MAXIM-MAX8896 Datasheet
452Kb / 17P
   Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
Rev 0; 5/09
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
   2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com