Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8804YETA+ Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX8804YETA+
Description  High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8804YETA+ Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX8804YETA+ Datasheet HTML 4Page - Maxim Integrated Products MAX8804YETA+ Datasheet HTML 5Page - Maxim Integrated Products MAX8804YETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX8804YETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX8804YETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX8804YETA+ Datasheet HTML 9Page - Maxim Integrated Products MAX8804YETA+ Datasheet HTML 10Page - Maxim Integrated Products MAX8804YETA+ Datasheet HTML 11Page - Maxim Integrated Products MAX8804YETA+ Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
High-Voltage, Dual-Input, USB/AC
Adapter Chargers in 2mm x 3mm TDFN
8
_______________________________________________________________________________________
Detailed Description
The MAX8804W/MAX8804Y/MAX8804Z dual-input linear
battery chargers use voltage, current, and thermal-con-
trol loops to charge and protect a single Li+ battery.
When a Li+ battery with a cell voltage below 2.5V is
inserted, the MAX8804W/MAX8804Z chargers enter the
prequalification stage where they precharge that cell
with 95mA (Figure 2). The CHG indicator output is dri-
ven low to indicate entry into the prequalification state.
When battery voltage exceeds 2.5V, the charger soft-
starts as it enters the fast-charge stage. The MAX8804Y
eliminates the prequalification state and enters fast-
charge when the battery is inserted. The fast-charge cur-
rent level is programmed by a simple single-wire
interface. As the battery voltage approaches 4.2V, the
charging current is reduced. If the battery current drops
below the top-off current threshold, the CHG indicator
goes high impedance, signaling that the battery is fully
charged. The ICs then enter a constant voltage-regula-
tion mode to maintain the battery at full charge.
The MAX8804W/MAX8804Y/MAX8804Z automatically
select between either a USB or AC adapter input source.
The AC adapter charge current is programmable from
400mA to 700mA in 50mA steps through a simple single-
wire interface (see Tables 2 and 3). The USB charge cur-
rent is programmable to 95mA, 380mA, or 475mA
through the same interface (see Tables 4 and 5).
DC AND USB OUTPUT CONTROL
LOGIC
CONTROL
DC
USB
BAT
SET
POK
CHG
<USBPWR>
4.15V TO 30V
4.15V TO 16V
TEMP
SENSOR
+105
°C
VOLTAGE
LOOP
BIAS
CIRCUIT
REF
GND
OVERVOLTAGE
PROTECTION
Li+
MAX8804Y
MAX8804Z
DC
POK
USB
POK
(DETBAT)
NOTE: ( ) FOR MAX8804W ONLY
< > FOR MAX8804Y/MAX8804Z ONLY
Figure 1. Functional Diagram


Similar Part No. - MAX8804YETA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8804YETA++ MAXIM-MAX8804YETA+ Datasheet
207Kb / 15P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 0; 4/07
MAX8804YETA++ MAXIM-MAX8804YETA+ Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
2008
More results

Similar Description - MAX8804YETA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8804 MAXIM-MAX8804_08 Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8804Z MAXIM-MAX8804Z Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
2008
MAX8804Y MAXIM-MAX8804Y Datasheet
207Kb / 15P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 0; 4/07
MAX8804V MAXIM-MAX8804V Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8586 MAXIM-MAX8586_09 Datasheet
298Kb / 13P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586 MAXIM-MAX8586 Datasheet
245Kb / 11P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 0; 11/04
logo
Linear Technology
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Maxim Integrated Produc...
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com