Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8805X Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX8805X
Description  600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8805X Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX8805X Datasheet HTML 3Page - Maxim Integrated Products MAX8805X Datasheet HTML 4Page - Maxim Integrated Products MAX8805X Datasheet HTML 5Page - Maxim Integrated Products MAX8805X Datasheet HTML 6Page - Maxim Integrated Products MAX8805X Datasheet HTML 7Page - Maxim Integrated Products MAX8805X Datasheet HTML 8Page - Maxim Integrated Products MAX8805X Datasheet HTML 9Page - Maxim Integrated Products MAX8805X Datasheet HTML 10Page - Maxim Integrated Products MAX8805X Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
-50
-30
-10
10
30
50
0.4
0.7 0.8
0.5 0.6
0.9 1.0 1.1 1.2 1.3
REFIN vs. REFIN TO OUT GAIN (MAX8805X)
REFIN VOLTAGE (V)
VIN1 = 3.2V, NO LOAD
VIN1 = 4.2V, NO LOAD
-50
-30
-10
10
30
50
0.4
0.7 0.8
0.5 0.6
0.9 1.0 1.1 1.2 1.3
REFIN vs. REFIN TO OUT GAIN (MAX8805W)
REFIN VOLTAGE (V)
VIN1 = 3.2V, NO LOAD
VIN1 = 4.2V, NO LOAD
400ns/div
PA STEP-DOWN CONVERTER LIGHT-LOAD
SWITCHING WAVEFORMS (MAX8805X/MAX8805Z)
VPA
AC-COUPLED
ILX
200mA/div
20mV/div
2V/div
MAX8805W/X/Y/Z toc18
VLX
VPA = 1.2V, IPA = 50mA
600mA/650mA PWM Step-Down Converters in
2mm x 2mm WLP for WCDMA PA Power
_______________________________________________________________________________________
7
400ns/div
PA STEP-DOWN CONVERTER LIGHT-LOAD
SWITCHING WAVEFORMS (MAX8805W/MAX8805Y)
VPA
AC-COUPLED
ILX
200mA/div
20mV/div
2V/div
MAX8805W/X/Y/Z toc19
VLX
VPA = 1.2V, IPA = 50mA
400ns/div
PA STEP-DOWN HEAVY-LOAD
SWITCHING WAVEFORMS (MAX8805X/MAX8805Z)
VPA
AC-COUPLED
ILX
500mA/div
20mV/div
2V/div
MAX8805W/X/Y/Z toc20
VLX
VPA = 1.2V, IPA = 500mA
400ns/div
PA STEP-DOWN HEAVY-LOAD
SWITCHING WAVEFORMS (MAX8805W/MAX8805Y)
VPA
AC-COUPLED
ILX
500mA/div
20mV/div
2V/div
MAX8805W/X/Y/Z toc21
VLX
VPA = 1.2V, IPA = 500mA
Typical Operating Characteristics (continued)
(VIN1A = VIN1B = VIN2 = 3.6V, VPA = 1.2V, VLDO1 = 2.85V, VLDO2 = 2.85V, RPA = 7.5Ω, circuit of Figure 5, TA = +25°C, unless other-
wise noted.)
_______________________________________________________________________________________
7


Similar Part No. - MAX8805X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805X MAXIM-MAX8805X Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805XEREXY+T*+T* MAXIM-MAX8805XEREXY+T* Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
More results

Similar Description - MAX8805X

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
   600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8896 MAXIM-MAX8896 Datasheet
452Kb / 17P
   Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
Rev 0; 5/09
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
   2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com