Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8804ZETA+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX8804ZETA+
Description  High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8804ZETA+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX8804ZETA+ Datasheet HTML 6Page - Maxim Integrated Products MAX8804ZETA+ Datasheet HTML 7Page - Maxim Integrated Products MAX8804ZETA+ Datasheet HTML 8Page - Maxim Integrated Products MAX8804ZETA+ Datasheet HTML 9Page - Maxim Integrated Products MAX8804ZETA+ Datasheet HTML 10Page - Maxim Integrated Products MAX8804ZETA+ Datasheet HTML 11Page - Maxim Integrated Products MAX8804ZETA+ Datasheet HTML 12Page - Maxim Integrated Products MAX8804ZETA+ Datasheet HTML 13Page - Maxim Integrated Products MAX8804ZETA+ Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
High-Voltage, Dual-Input, USB/AC
Adapter Chargers in 2mm x 3mm TDFN
10
______________________________________________________________________________________
DC/USB Mode and
Charging Current Setting
SET is a logic input that sets DC/USB charging mode
and charging current. Drive SET low or leave it uncon-
nected to enable DC charging mode. Drive SET high to
enable USB charging mode (see Table 1). SET can
also be driven by series pulses to program the charg-
ing current in both DC and USB mode.
DC Charge Mode
Drive SET low or leave it unconnected to enable DC
charging mode. Subsequent pulses on SET program
the charging current and the top-off threshold. There
are seven fast-charge current options and four top-off
threshold options. Default fast-charge current and top-
off threshold current are 500mA and 80mA. Pulse SET
high (1µs to 1ms pulse width) subsequently to realize
charging current and top-off threshold programming
and transition. After the 28th pulse, the MAX8804W/
MAX8804Y/MAX8804Z go into the default mode and
start a new cycle. See Tables 2 and 3 and Figure 3 to
set the desired charging current and top-off threshold.
Drive SET high longer than 2ms to disable the DC
charging-control circuitry.
Table 1. SET Truth Table
SET
VDC
VUSB
CHARGER STATUS
0
Invalid
Invalid
Off
0
Invalid
Valid
Off
0
Valid
Invalid
DC charging mode enabled,
USB charging mode disabled
0
Valid
Valid
DC charging mode enabled,
USB charging mode disabled
1
Invalid
Invalid
Off
1
Invalid
Valid
DC charging mode disabled,
USB charging mode enabled
1
Valid
Invalid
Off
1
Valid
Valid
Off
Table 2. MAX8804Y/MAX8804Z DC Charging Current Programming by Series Pulses
PULSE
NUMBER
DEFAULT
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
11th
12th
13th
14th
ICHG (mA)
500
500
500
500
550
550
550
550
600
600
600
600
450
450
450
Top-Off Current
Threshold (mA)
80
90
100
70
80
90
100
70
80
90
100
70
80
90
100
PULSE
NUMBER
15th
16th
17th
18th
19th
20th
21st
22nd
23rd
24th
25th
26th
27th
28th
ICHG (mA)
450
400
400
400
400
650
650
650
650
700
700
700
700
500
Top-Off Current
Threshold (mA)
70
80
90
100
70
80
90
100
70
80
90
100
70
80
Table 3. MAX8804W DC Charging Current Programming by Series Pulses
PULSE
NUMBER
DEFAULT
1st
2nd
3rd
4th
5th
6th
7th
8th
9th
10th
11th
12th
13th
14th
ICHG (mA)
450
450
450
450
550
550
550
550
500
500
500
500
400
400
400
Top-Off Current
Threshold (mA)
80
90
100
70
80
90
100
70
80
90
100
70
80
90
100
PULSE
NUMBER
15th
16th
17th
18th
19th
20th
21st
22nd
23rd
24th
25th
26th
27th
28th
ICHG (mA)
400
600
600
600
600
650
650
650
650
700
700
700
700
450
Top-Off Current
Threshold (mA)
70
80
90
100
70
80
90
100
70
80
90
100
70
80
Note: This table is true when DETBAT = LOW for the MAX8804W.
When DETBAT = HIGH, the MAX8804W enters shutdown.


Similar Part No. - MAX8804ZETA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8804ZETA++ MAXIM-MAX8804ZETA+ Datasheet
207Kb / 15P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 0; 4/07
MAX8804ZETA++ MAXIM-MAX8804ZETA+ Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
2008
More results

Similar Description - MAX8804ZETA+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8804 MAXIM-MAX8804_08 Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8804Z MAXIM-MAX8804Z Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
2008
MAX8804Y MAXIM-MAX8804Y Datasheet
207Kb / 15P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 0; 4/07
MAX8804V MAXIM-MAX8804V Datasheet
199Kb / 16P
   High-Voltage, Dual-Input, USB/AC Adapter Chargers in 2mm x 3mm TDFN
Rev 2; 4/08
MAX8586 MAXIM-MAX8586_09 Datasheet
298Kb / 13P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 1; 1/09
MAX8586 MAXIM-MAX8586 Datasheet
245Kb / 11P
   Single 1.2A USB Switch in 3mm x 3mm TDFN
Rev 0; 11/04
logo
Linear Technology
LTC4075 LINER-LTC4075_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075 LINER-LTC4075 Datasheet
188Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
LTC4075X LINER-LTC4075X_15 Datasheet
210Kb / 16P
   Dual Input USB/AC Adapter Standalone Li-Ion Battery Chargers
logo
Maxim Integrated Produc...
MAX1551-MAX1555 MAXIM-MAX1551-MAX1555 Datasheet
204Kb / 8P
   SOT23 Dual-Input USB/AC Adapter 1-Cell LiBattery Chargers
Rev 0; 7/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com