Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IR3822AMPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IR3822AMPBF
Description  HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3822AMPBF Datasheet(HTML) 1 Page - International Rectifier

  IR3822AMPBF Datasheet HTML 1Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11/28/07
1
PD-xxxxx
IR3822AMPbF
HIGHLY INTEGRATED 6A
WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
Features
Wide Input Voltage Range 2.5V to 21V
Wide Output Voltage Range 0.6V to 12V
Continuous 6A Load Capability
300kHz High Frequency Operation
Programmable Over-Current Protection
Programmable PGood Output
Hiccup Current Limit
Precision Reference Voltage (0.6V)
Programmable Soft-Start
Pre-Bias Start-up
Thermal Protection
Thermally Enhanced Package
Small Size 5mmx6mm QFN
Pb-Free (RoHS Compliant)
Fig. 1. Typical application diagram
Description
The IR3822A SupIRBuckTM is an easy-to-use,
fully
integrated
and
highly
efficient
DC/DC
regulator. The onboard switching controller and
MOSFETs make the IR3822A a space-efficient
solution, providing accurate power delivery for
low output voltage applications.
The IR3822A operates from a 4.5V to 14V input
supply
and
generates
an
output
voltage
adjustable from 0.6V to 0.75*Vin at loads up to 6A.
A versatile regulator offering programmability of
startup time, power good threshold and current
limit, the IR3822A’s fixed 300kHz switching
frequency allows the use of small external
components.
The IR3822A also features important protection
functions, such as Pre-Bias startup, hiccup
current limit and thermal shutdown to provide the
required system level security in the event of fault
conditions.
Applications
Distributed Point-of-Loads
Server and Workstations
Embedded Systems
Storage Systems
DDR Applications
Graphics Cards
Game Consoles
Computing Peripheral Voltage Regulators
SupIRBuckTM


Similar Part No. - IR3822AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3822AMPBF IRF-IR3822AMPBF Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF Datasheet
706Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_1 Datasheet
706Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results

Similar Description - IR3822AMPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3863M IRF-IR3863M_15 Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3863MPBF IRF-IR3863MPBF Datasheet
1Mb / 21P
   6A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_1 Datasheet
706Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3822AMPBF IRF-IR3822AMPBF_08 Datasheet
495Kb / 21P
   HIGHLY INTEGRATED 6A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3800MPBF IRF-IR3800MPBF Datasheet
672Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3821MPBF IRF-IR3821MPBF Datasheet
40Kb / 1P
   HIGHLY INTEGRATED 7A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3810MTR1PBF IRF-IR3810MTR1PBF Datasheet
677Kb / 21P
   HIGHLY INTEGRATED 12A WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3865MPBF IRF-IR3865MPBF Datasheet
1Mb / 22P
   10A HIGHLY INTEGRATED WIDE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com