Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8805XEWEEE+T Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX8805XEWEEE+T
Description  600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8805XEWEEE+T Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX8805XEWEEE+T Datasheet HTML 1Page - Maxim Integrated Products MAX8805XEWEEE+T Datasheet HTML 2Page - Maxim Integrated Products MAX8805XEWEEE+T Datasheet HTML 3Page - Maxim Integrated Products MAX8805XEWEEE+T Datasheet HTML 4Page - Maxim Integrated Products MAX8805XEWEEE+T Datasheet HTML 5Page - Maxim Integrated Products MAX8805XEWEEE+T Datasheet HTML 6Page - Maxim Integrated Products MAX8805XEWEEE+T Datasheet HTML 7Page - Maxim Integrated Products MAX8805XEWEEE+T Datasheet HTML 8Page - Maxim Integrated Products MAX8805XEWEEE+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
General Description
The MAX8805W/MAX8805X/MAX8805Y/MAX8805Z
high-frequency step-down converters are optimized for
dynamically powering the power amplifier (PA) in
WCDMA or NCDMA handsets. The devices integrate a
high-efficiency PWM step-down converter for medium-
and low-power transmission, and a 60mΩ typical
bypass FET to power the PA directly from the battery
during high-power transmission. Dual 200mA low-noise,
high-PSRR low-dropout regulators (LDOs) for PA bias-
ing are also integrated.
Two switching frequency options are available (2MHz for
the MAX8805W/MAX8805Y and 4MHz for the MAX8805X/
MAX8805Z), allowing optimization for smallest solution
size or highest efficiency. Fast switching allows the use of
small ceramic 2.2µF input and output capacitors while
maintaining low ripple voltage. The feedback network is
integrated, further reducing external component count
and total solution size.
The MAX8805W/MAX8805X/MAX8805Y/MAX8805Z use
an analog input driven by an external DAC to control
the output voltage linearly for continuous PA power
adjustment. The REFIN to OUT gain is available in two
options (2V/V for the MAX8805Y/MAX8805Z and 2.5V/V
for the MAX8805W/MAX8805X). At high-duty cycle, the
MAX8805W/MAX8805X/MAX8805Y/MAX8805Z auto-
matically switch to the bypass mode, connecting the
input to the output through a low-impedance (60mΩ
typ) MOSFET. The user can also enable the bypass
mode directly through a logic-control input.
The LDOs in the MAX8805W/MAX8805X/MAX8805Y/
MAX8805Z are designed for low-noise operation
(35µVRMS typ). Each LDO is individually enabled
through its own logic control interface.
The MAX8805W/MAX8805X/MAX8805Y/MAX8805Z are
available in a 16-bump, 2mm x 2mm WLP package
(0.7mm max height).
Features
♦ PA Step-Down Converter
7.5µs (typ) Settling Time for 0.8V to 3.4V Output
Voltage Change
Dynamic Output Voltage Setting from 0.4V to
VBATT
60mΩ pFET and 100% Duty Cycle for Low
Dropout
2MHz or 4MHz Switching Frequency
Low Output-Voltage Ripple
600mA (MAX8805Y/MAX8805Z) or 650mA
(MAX8805W/MAX8805X) Output Drive
Capability
2% Maximum Accuracy
Tiny External Components
♦ Dual Low-Noise LDOs
Low 35µVRMS (typ) Output Noise
High 70dB (typ) PSRR
Guaranteed 200mA Output Drive Capability
Individual ON/OFF Control
♦ Low 0.1µA Shutdown Current
♦ 2.7V to 5.5V Supply Voltage Range
♦ Thermal Shutdown
♦ Tiny 2mm x 2mm x 0.7mm WLP Package
(4 x 4 Grid)
600mA/650mA PWM Step-Down Converters in
2mm x 2mm WLP for WCDMA PA Power
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
19-0777; Rev 1; 10/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead-free package.
T = Tape and reel package.
*
xy is the output voltage code (see Table 1).
Note: All devices are specified over the -40°C to +85°C operating temperature range.
Pin Configuration appears at end of data sheet.
PART
PIN-
PACKAGE
PKG
CODE
SWITCHING
FREQUENCY
REFIN TO OUT GAIN
MAX8805WEWExy+T*
16 WLP-16
W162B2+1
2MHz
2.5V/V
MAX8805XEWExy+T*
16 WLP-16
W162B2+1
4MHz
2.5V/V
MAX8805YEWExy+T*
16 WLP-16
W162B2+1
2MHz
2V/V
MAX8805ZEWExy+T*
16 WLP-16
W162B2+1
4MHz
2V/V
Applications
WCDMA/NCDMA Cellular Handsets
Wireless PDAs
Smartphones


Similar Part No. - MAX8805XEWEEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805XEREXY+T*+T* MAXIM-MAX8805XEREXY+T* Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
More results

Similar Description - MAX8805XEWEEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
   600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8896 MAXIM-MAX8896 Datasheet
452Kb / 17P
   Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
Rev 0; 5/09
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
   2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com