Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9234EUM Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX9234EUM
Description  Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9234EUM Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX9234EUM Datasheet HTML 5Page - Maxim Integrated Products MAX9234EUM Datasheet HTML 6Page - Maxim Integrated Products MAX9234EUM Datasheet HTML 7Page - Maxim Integrated Products MAX9234EUM Datasheet HTML 8Page - Maxim Integrated Products MAX9234EUM Datasheet HTML 9Page - Maxim Integrated Products MAX9234EUM Datasheet HTML 10Page - Maxim Integrated Products MAX9234EUM Datasheet HTML 11Page - Maxim Integrated Products MAX9234EUM Datasheet HTML 12Page - Maxim Integrated Products MAX9234EUM Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Hot-Swappable, 21-Bit, DC-Balanced LVDS
Deserializers
_______________________________________________________________________________________
9
MAX9234/MAX9236/MAX9238 vs.
MAX9210/MAX9220/MAX9222
The MAX9234/MAX9236/MAX9238 operate in DC-bal-
ance mode only. Pinouts are the same as the
MAX9210/MAX9220/MAX9222 except that pin 6 on the
MAX9234/MAX9236/MAX9238 is no connect (N.C.). DC
balance allows AC-coupling with series capacitors. The
MAX9234/MAX9236/MAX9238 are hot-swappable and
the input frequency can be changed on the fly, but oth-
erwise the specifications and functionality are the same
as the MAX9210/MAX9220/MAX9222 operating in DC-
balance mode. See Table 1.
Applications Information
Selection of AC-Coupling Capacitors
Voltage droop and the DSV of transmitted symbols
cause signal transitions to start from different voltage
levels. Because the transition time is finite, starting the
signal transition from different voltage levels causes
timing jitter. The time constant for an AC-coupled link
needs to be chosen to reduce droop and jitter to an
acceptable level.
The RC network for an AC-coupled link consists of the
LVDS receiver termination resistor (RT), the LVDS driver
output resistor (RO), and the series AC-coupling capac-
itors (C). The RC time constant for two equal-value
series capacitors is (C x (RT + RO)) / 2 (Figure 10). The
RC time constant for four equal-value series capacitors
is (C x (RT + RO)) / 4 (Figure 11).
RT is required to match the transmission line imped-
ance (usually 100
Ω) and RO is determined by the LVDS
driver design (the minimum differential output resis-
tance of 78
Ω for the MAX9209/MAX9211/MAX9213/
MAX9215 serializers is used in the following example).
This leaves the capacitor selection to change the sys-
tem time constant.
TxIN_, DCA_, AND DCB_ ARE DATA FROM THE SERIALIZER.
DCA0
DCB1
DCA1
DCB2
DCA2
CYCLE N + 1
CYCLE N
CYCLE N - 1
TxIN2
TxIN6
TxIN3
TxIN4
TxIN5
TxIN9
TxIN13
TxIN10
TxIN11
TxIN12
TxIN2
TxIN3
TxIN4
DCA0
TxIN5
TxIN6
DCB0
TxIN9
TxIN10
TxIN11
DCA1
TxIN12
TxIN13
DCB1
TxIN16
TxIN17
TxIN18
DCA2
TxIN19
TxIN20
DCB2
TxIN0
TxIN1
TxIN7
TxIN8
TxIN14
TxIN15
TxIN16
TxIN20
TxIN17
TxIN18
TxIN19
DCB0
RxCLK IN
RxIN1
RxIN0
RxIN2
TxIN1
TxIN8
TxIN15
TxIN0
TxIN7
TxIN14
+
-
Figure 9. Deserializer Serial Input
0.8V
PWRDWN
RxCLK IN
RxOUT_
RxCLK OUT
RPDD
HIGH-Z
Figure 8. Power-Down Delay


Similar Part No. - MAX9234EUM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
More results

Similar Description - MAX9234EUM

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9234 MAXIM-MAX9234_12 Datasheet
207Kb / 15P
   Hot-Swappable, 21-Bit, DC-Balanced LVDS Deserializers
Rev 2; 9/12
MAX9248 MAXIM-MAX9248 Datasheet
195Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 3; 4/09
MAX9248 MAXIM-MAX9248_14 Datasheet
211Kb / 20P
   27-Bit, 2.5MHz to 42MHz DC-Balanced LVDS Deserializers
Rev 4; 7/14
MAX9210 MAXIM-MAX9210_07 Datasheet
194Kb / 17P
   Programmable DC-Balance 21-Bit Deserializers
Rev 5; 11/07
MAX9220 MAXIM-MAX9220 Datasheet
904Kb / 18P
   Programmable DC-Balance 21-Bit Deserializers
Rev 3; 4/04
MAX9210 MAXIM-MAX9210_V01 Datasheet
1Mb / 17P
   Programmable DC-Balance 21-Bit Deserializers
2014
MAX9206 MAXIM-MAX9206 Datasheet
179Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 0; 8/01
MAX9206 MAXIM-MAX9206_07 Datasheet
205Kb / 13P
   10-Bit Bus LVDS Deserializers
Rev 1; 12/07
MAX9206 MAXIM-MAX9206_10 Datasheet
324Kb / 12P
   10-Bit Bus LVDS Deserializers
Rev 2; 11/10
MAX9242 MAXIM-MAX9242 Datasheet
401Kb / 22P
   21-Bit Deserializers with Programmable Spread Spectrum and DC Balance
Rev 0; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com