Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8805YEWEEE+T Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX8805YEWEEE+T
Description  600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8805YEWEEE+T Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX8805YEWEEE+T Datasheet HTML 7Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 8Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 9Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 10Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 11Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 12Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 13Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 14Page - Maxim Integrated Products MAX8805YEWEEE+T Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
600mA/650mA PWM Step-Down Converters in
2mm x 2mm WLP for WCDMA PA Power
______________________________________________________________________________________
11
LDO PSRR vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
0.1
20
30
40
50
60
70
80
10
0.01
1000
ILDO = 30mA
LDO OUTPUT NOISE SPECTRAL DENSITY
vs. FREQUENCY
FREQUENCY (kHz)
100
10
1
0.1
1.0E+02
1.0E+03
1.0E+04
1.0E+01
0.01
1000
400
μs/div
LDO1, LDO2 OUTPUT NOISE WAVEFORM
50mV/div
MAX8805W/X/Y/Z toc42
20
μs/div
LDO LINE TRANSIENT RESPONSE
500mV/div
MAX8805W/X/Y/Z toc43
4.0V
4.0V
3.5V
ILDO_ = 80mA
5mV/div
VIN2
VLDO_
20
μs/div
LDO1, LDO2 LOAD TRANSIENT
RESPONSE NEAR DROPOUT
100mA/div
50mV/div
100mA/div
MAX8805W/X/Y/Z toc44
0mA
80mA
VIN2 = VLDO1,2 + 200mV
50mV/div
ILDO1
VLDO1
ILDO2
VLDO2
0mA
0mA
0mA
80mA
1ms/div
LDO1, LDO2 TURN ON AND
SHUTDOWN RESPONSE
2V/div
2V/div
2V/div
MAX8805W/X/Y/Z toc45
VEN1,2
VLDO1
VLDO2
Typical Operating Characteristics (continued)
(VIN1A = VIN1B = VIN2 = 3.6V, VPA = 1.2V, VLDO1 = 2.85V, VLDO2 = 2.85V, RPA = 7.5Ω, circuit of Figure 5, TA = +25°C, unless other-
wise noted.)


Similar Part No. - MAX8805YEWEEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805YEWEEE+T MAXIM-MAX8805YEWEEE+T Datasheet
468Kb / 21P
   600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
More results

Similar Description - MAX8805YEWEEE+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX8805 MAXIM-MAX8805 Datasheet
881Kb / 24P
   600mA/650mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
19-0777; Rev 5; 2/10
MAX8805Y MAXIM-MAX8805Y Datasheet
468Kb / 21P
   600mA PWM Step-Down Converters in 2mm x 2mm WLP for WCDMA PA Power
Rev 0; 4/07
MAX8836Z MAXIM-MAX8836Z Datasheet
420Kb / 19P
   1.2A PWM Step-Down Converter in 2mm x 2mm WLP/UCSP for PA Power
19-4059; Rev 1; 9/08
MAX8896 MAXIM-MAX8896 Datasheet
452Kb / 17P
   Dual PWM Step-Down Converter in a 2mm x 2mm Package for WCDMA PA and RF Power
Rev 0; 5/09
MAX8649 MAXIM-MAX8649_11 Datasheet
2Mb / 31P
   1.8A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 4; 6/11
MAX8952 MAXIM-MAX8952 Datasheet
1Mb / 31P
   2.5A Step-Down Regulator with Remote Sense in 2mm x 2mm WLP
Rev 1; 6/11
MAX8649 MAXIM-MAX8649 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 0; 9/09
MAX8649 MAXIM-MAX8649_10 Datasheet
1Mb / 31P
   1.8A Step-Down Regulator with Differential Remote Sense in 2mm x 2mm WLP
Rev 1; 2/10
MAX8884Y MAXIM-MAX8884Y Datasheet
617Kb / 15P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 0; 4/09
MAX8884Y MAXIM-MAX8884Y_10 Datasheet
525Kb / 17P
   700mA DC-DC Step-Down Converters with Dual 300mA LDO in 2mm x 2mm CSP
Rev 1; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com