Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9452EHJ Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9452EHJ
Description  High-Precision Clock Generators with Integrated VCXO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9452EHJ Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9452EHJ Datasheet HTML 1Page - Maxim Integrated Products MAX9452EHJ Datasheet HTML 2Page - Maxim Integrated Products MAX9452EHJ Datasheet HTML 3Page - Maxim Integrated Products MAX9452EHJ Datasheet HTML 4Page - Maxim Integrated Products MAX9452EHJ Datasheet HTML 5Page - Maxim Integrated Products MAX9452EHJ Datasheet HTML 6Page - Maxim Integrated Products MAX9452EHJ Datasheet HTML 7Page - Maxim Integrated Products MAX9452EHJ Datasheet HTML 8Page - Maxim Integrated Products MAX9452EHJ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
High-Precision Clock Generators
with Integrated VCXO
_______________________________________________________________________________________
5
VDD AND VDDA SUPPLY CURRENT
vs. VOLTAGE (MAX9450)
VOLTAGE (V)
3.2
3.0
2.8
2.6
48
56
64
72
80
40
2.4
3.6
3.4
TA = -40
°C
TA = +25
°C
TA = +85
°C
VDDQ SUPPLY CURRENT
vs. VOLTAGE (MAX9450)
VOLTAGE (V)
3.2
3.0
2.8
2.6
48
56
64
72
80
40
2.4
3.6
3.4
TA = -40
°C
TA = +25
°C
TA = +85
°C
OUTPUT FREQUENCY CHANGE
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
-15
10
-20
0
20
40
-40
-40
85
PHASE NOISE
vs. FREQUENCY
MAX9450 toc05
100k
FREQUENCY (Hz)
1M
10M
10k
1k
0
-20
-40
-60
-80
-100
-120
-140
-160
INPUT REFERENCE = 38.88 MHz
OUTPUT CLOCK = 155.52 MHz
OUTPUT RMS JITTER
vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
2
4
6
8
10
0
-40
85
OUTPUT CLOCK SYNCHRONIZED
TO INPUT REFERENCE
MAX9450 toc06
153.13mV/div
100mV/div
10ns/div
INPUT REFERENCE = 19.44MHz
OUTPUT CLOCK = 155.52 MHz
Typical Operating Characteristics
(VDD = VDDA = VDDQ = 3.3V. TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9452EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9452EHJ MAXIM-MAX9452EHJ Datasheet
306Kb / 17P
   High-Precision Clock Generators with Integrated VCXO
Rev 2; 9/06
logo
Microsemi Corporation
MAX9452EHJ MICROSEMI-MAX9452EHJ Datasheet
467Kb / 19P
   High-Precision Clock Generators with Integrated VCXO
Rev 3
More results

Similar Description - MAX9452EHJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9450 MAXIM-MAX9450 Datasheet
306Kb / 17P
   High-Precision Clock Generators with Integrated VCXO
Rev 2; 9/06
logo
Microsemi Corporation
MAX9450 MICROSEMI-MAX9450 Datasheet
467Kb / 19P
   High-Precision Clock Generators with Integrated VCXO
Rev 3
logo
National Semiconductor ...
LMK03002 NSC-LMK03002 Datasheet
476Kb / 24P
   Precision Clock Conditioner with Integrated VCO
LMK02002 NSC-LMK02002 Datasheet
418Kb / 18P
   Precision Clock Conditioner with Integrated PLL
LMK02000 NSC-LMK02000 Datasheet
444Kb / 20P
   Precision Clock Conditioner with Integrated PLL
LMK03000 NSC-LMK03000_09 Datasheet
700Kb / 30P
   Precision Clock Conditioner with Integrated VCO
LMK03002C NSC-LMK03002C_14 Datasheet
2Mb / 28P
   Precision Clock Conditioner with Integrated VCO
LMK03000 NSC-LMK03000_08 Datasheet
628Kb / 30P
   Precision Clock Conditioner with Integrated VCO
logo
Cypress Semiconductor
CY241V08A-12 CYPRESS-CY241V08A-12 Datasheet
133Kb / 6P
   Clock Generator with VCXO
logo
Integrated Device Techn...
MK2069-03 IDT-MK2069-03 Datasheet
397Kb / 21P
   VCXO-BASED CLOCK TRANSLATOR WITH HIGH MULTIPLICATION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com