Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9511CEG Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX9511CEG
Description  RGBHV Driver with EMI Suppression
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9511CEG Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX9511CEG Datasheet HTML 1Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 2Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 3Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 4Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 5Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 6Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 7Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 8Page - Maxim Integrated Products MAX9511CEG Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
General Description
The MAX9511 provides a complete VGA interface
between a graphics controller and/or docking station.
The MAX9511 has output drivers with variable electro-
magnetic interference (EMI) suppression for graphics
video and sync (RGBHV) signals and includes external
load-detection circuitry.
The MAX9511 suppresses EMI emissions by limiting
the slew rate (SR) rather than limiting bandwidth with
fixed L-C filters. The SR controls the large-signal band-
width without affecting the small-signal bandwidth,
resulting in sharper video images, while reducing EMI.
The SR of the MAX9511 provides tighter control than
traditional passive L-C components, and allows the SR
to track the resolution by varying an external resistor
(RRX) rather than being fixed to a sub-optimal value.
The load-detection circuitry of the MAX9511 automatically
detects and transmits a change in load status to the input
stages when an external load (monitor, docking station, or
projector) is connected. The MAX9511 is compatible with
the load-detection circuitry on the digital-to-analog (DAC)
outputs of most video graphics controllers. The output
drivers provide 6dB of gain to compensate for the 75Ω
back-termination resistors, which reduce transmission line
reflections.
The RGBHV channels can be placed into shutdown to
reduce power when no external load is connected.
The MAX9511 operates from 3V and 5V supplies. The
DDC circuitry performs bidirectional level translation
from 3V to 5V logic levels. The MAX9511 is offered in a
24-pin QSOP package and is specified over the com-
mercial 0°C to +70°C temperature range.
Applications
Notebook PCs (Laptops)
Docking Stations
Graphics Cards for Notebooks and Personal
Computers
Personal Computer Motherboards with On-Board
Video Graphics Controllers
Workstations
Features
♦ RGB Drivers with Adjustable Slew Rate for EMI
Control
♦ H Sync and V Sync Drivers with Level Translation
♦ Bidirectional Level Translators for DDC Support
♦ Simultaneously Drives External Monitor/Projector
and Docking Station without Analog RGB
Switches—No Stub Reflections
♦ Eliminates Up to 34 External Components
♦ Small 24-Pin QSOP Package
RGBHV Driver with EMI Suppression
________________________________________________________________ Maxim Integrated Products
1
19-3669; Rev 3; 8/07
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
Ordering Information
PART
TEMP RANGE
PIN-
PACKAGE
PKG
CODE
MAX9511CEG
0°C to +70°C
24 QSOP
E24-2
MAX9511CEG+
0°C to +70°C
24 QSOP
E24-2
RED_OUT
RED_IN
MAX9511
EMI SUPPRESSION
LOAD-DETECT CIRCUITRY
GREEN_OUT
GREEN_IN
BLUE_OUT
BLUE_IN
H_SYNC_OUT
H_SYNC_IN
V_SYNC_OUT
V_SYNC_IN
DDC_DATA_OUT
DDC_DATA_IN
DDC_CLK_OUT
DDC_CLK_IN
Simplified Block Diagram
+Denotes a lead-free package.
Pin Configuration appears at end of data sheet.


Similar Part No. - MAX9511CEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9511CEG MAXIM-MAX9511CEG Datasheet
334Kb / 15P
   Complete VGA Interface with EMI Suppression
Rev 0; 4/05
More results

Similar Description - MAX9511CEG

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9511 MAXIM-MAX9511 Datasheet
334Kb / 15P
   Complete VGA Interface with EMI Suppression
Rev 0; 4/05
logo
EPCOS
B3291 EPCOS-B3291 Datasheet
363Kb / 4P
   EMI Suppression Capacitors
logo
Murata Manufacturing Co...
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
EPCOS
B81130 EPCOS-B81130 Datasheet
133Kb / 5P
   EMI Suppression Capacitors
logo
TDK Electronics
B32021A3102K000 TDK-B32021A3102K000 Datasheet
373Kb / 22P
   EMI Suppression Capacitors
logo
Fair-Rite Products Corp...
2673018001 FAIR-RITE-2673018001_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2673022401 FAIR-RITE-2673022401_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2673028602 FAIR-RITE-2673028602_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
2643200101 FAIR-RITE-2643200101 Datasheet
1Mb / 2P
   EMI Suppression Beads
2643012702 FAIR-RITE-2643012702_18 Datasheet
1Mb / 2P
   EMI Suppression Beads
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com