Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9516ALB+T Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX9516ALB+T
Description  1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9516ALB+T Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX9516ALB+T Datasheet HTML 1Page - Maxim Integrated Products MAX9516ALB+T Datasheet HTML 2Page - Maxim Integrated Products MAX9516ALB+T Datasheet HTML 3Page - Maxim Integrated Products MAX9516ALB+T Datasheet HTML 4Page - Maxim Integrated Products MAX9516ALB+T Datasheet HTML 5Page - Maxim Integrated Products MAX9516ALB+T Datasheet HTML 6Page - Maxim Integrated Products MAX9516ALB+T Datasheet HTML 7Page - Maxim Integrated Products MAX9516ALB+T Datasheet HTML 8Page - Maxim Integrated Products MAX9516ALB+T Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
1.8V, Ultra-Low-Power, DirectDrive
Video Filter Amplifier with Load Detect
_______________________________________________________________________________________
5
LARGE-SIGNAL GAIN FLATNESS
vs. FREQUENCY
FREQUENCY (MHz)
10
1
-2.5
-2.0
-1.5
-1.0
-0.5
0
0.5
1.0
-3.0
0.1
100
VOUT = 2VP-P
GROUP DELAY
vs. FREQUENCY
FREQUENCY (MHz)
10
1
10
20
30
40
50
60
70
80
90
100
110
0
0.1
100
VOUT = 2VP-P
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (MHz)
10
1
-80
-60
-40
-20
0
20
-100
0.1
100
VRIPPLE = 100mVP-P
QUIESCENT SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
1.5
2.0
2.5
3.5
3.0
4.0
4.5
5.0
1.0
-50
125
VOLTAGE GAIN
vs. TEMPERATURE
TEMPERATURE (
°C)
100
75
50
25
0
-25
7.85
7.90
7.95
8.05
8.00
8.10
8.15
8.20
7.80
-50
125
OUTPUT VOLTAGE
vs. INPUT VOLTAGE
INPUT VOLTAGE (mV)
350
300
250
200
150
100
50
0
-50
-1.0
-0.5
0
0.5
1.0
1.5
2.0
-1.5
-100
400
Typical Operating Characteristics (continued)
(VDD = SHDN = 1.8V, GND = 0V, video output has RL = 150Ω connected to GND, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX9516ALB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9516 MAXIM-MAX9516 Datasheet
102Kb / 5P
   DC-Coupled Output
Rev 0; 4/07
MAX9516EVKIT MAXIM-MAX9516EVKIT Datasheet
102Kb / 5P
   DC-Coupled Output
Rev 0; 4/07
MAX9516EVKIT++ MAXIM-MAX9516EVKIT+ Datasheet
102Kb / 5P
   DC-Coupled Output
Rev 0; 4/07
More results

Similar Description - MAX9516ALB+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9509 MAXIM-MAX9509 Datasheet
1Mb / 15P
   1.8V, Ultra-Low Power, DirectDrive Video Filter Amplifiers
19-0727; Rev 2; 5/14
MAX9507 MAXIM-MAX9507 Datasheet
465Kb / 29P
   1.8V DirectDrive Video Filter Amplifier with Load Detection and Dual SPST Analog Switches
Rev 0; 11/07
MAX9503 MAXIM-MAX9503 Datasheet
831Kb / 13P
   DirectDrive Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
   DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
   Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
   DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
logo
STMicroelectronics
TSH122 STMICROELECTRONICS-TSH122 Datasheet
583Kb / 16P
   Ultra low power video buffer,filter with power-down
logo
Analog Devices
ADA4431-1 AD-ADA4431-1 Datasheet
456Kb / 12P
   Ultralow Power SD Video Filter with Load Detection
REV. 0
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
   Ultralow Power SD Video Filter with Load Detection
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com