Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9550 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX9550
Description  High-Current VCOM Drive Buffers for TFT LCDs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9550 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX9550_07 Datasheet HTML 3Page - Maxim Integrated Products MAX9550_07 Datasheet HTML 4Page - Maxim Integrated Products MAX9550_07 Datasheet HTML 5Page - Maxim Integrated Products MAX9550_07 Datasheet HTML 6Page - Maxim Integrated Products MAX9550_07 Datasheet HTML 7Page - Maxim Integrated Products MAX9550_07 Datasheet HTML 8Page - Maxim Integrated Products MAX9550_07 Datasheet HTML 9Page - Maxim Integrated Products MAX9550_07 Datasheet HTML 10Page - Maxim Integrated Products MAX9550_07 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
High-Current VCOM Drive Buffers
for TFT LCDs
_______________________________________________________________________________________
7
Applications Information
Output Load Capacitor
The output load capacitor must have a low ESR value
(50mΩ or lower) and it must be placed as close as pos-
sible to the OUT pin to ensure buffer stability (see
Figure 2). Ceramic capacitors are an excellent choice.
Power Supplies and Bypass Capacitors
The MAX9550/MAX9551/MAX9552 operate from a 6V to
20V single supply, or from ±3V to ±10V dual supplies.
Proper supply bypassing ensures stability while driving
high transient loads. The MAX9550/MAX9551/MAX9552
require minimum 4.7µF (C1) and 0.1µF (C2) power-sup-
ply bypass capacitors placed as close as possible to
the power-supply pin (VDD). See Figure 2. For dual-
supply operation, use 4.7µF and 0.1µF bypass capaci-
tors on both supplies (VDD and GND) with each
capacitor placed as close as possible to the VDD and
GND pins.
Layout and Grounding
The exposed paddle on the µMAX and TSSOP pack-
ages provides a low thermal resistance for heat dissi-
pation. Solder the exposed paddle to a ground plane
for best results. Do not route traces under these pack-
ages. For dual-supply operation, the exposed paddle
(EP) must be electrically connected to the negative
supply or it can be left unconnected.
MAX9550
16V
SUPPLY
*C1 = 4.7µF
CL=1µF
*C2 = 0.1µF
*PLACE 4.7µF AND 0.1µF CAPACITORS AS CLOSE TO PIN AS POSSIBLE.
NOTE: PLACE CL AS CLOSE TO THE OUT PIN AS POSSIBLE
AND KELVIN SENSE THE FEEDBACK LOOP CONNECTION AS SHOWN.
IN+
OUT
VOUT
TFT-LCD
CAPACITANCE
VREF
VDD
TFT LCD
IN-
GND
Figure 2. Typical TFT-LCD Backplane Drive Circuit


Similar Part No. - MAX9550_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9550EUA MAXIM-MAX9550EUA Datasheet
823Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 1; 2/06
MAX9550EZK MAXIM-MAX9550EZK Datasheet
823Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 1; 2/06
MAX9550EZKT MAXIM-MAX9550EZKT Datasheet
823Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 1; 2/06
More results

Similar Description - MAX9550_07

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9550 MAXIM-MAX9550 Datasheet
823Kb / 12P
   High-Current VCOM Drive Buffers for TFT LCDs
Rev 1; 2/06
MAX9650 MAXIM-MAX9650 Datasheet
329Kb / 12P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 2; 5/09
MAX9650_1007 MAXIM-MAX9650_1007 Datasheet
673Kb / 13P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 4; 7/10
MAX9650 MAXIM-MAX9650_V01 Datasheet
1Mb / 9P
   High-Current VCOM Drive Op Amps for TFT LCDs
2018
MAX9650 MAXIM-MAX9650_10 Datasheet
613Kb / 13P
   High-Current VCOM Drive Op Amps for TFT LCDs
Rev 3; 2/10
MAX17100 MAXIM-MAX17100 Datasheet
818Kb / 35P
   Driver, VCOM Calibrator, and Op Amp for TFT LCDs
2010
MAX1886 MAXIM-MAX1886 Datasheet
284Kb / 7P
   High-Current VCOM Drive Buffer
Rev 0; 8/01
logo
Sharp Corporation
RB5P0070M SHARP-RB5P0070M Datasheet
81Kb / 2P
   Video Interface ICs for TFT-LCDs
RB5P0090M SHARP-RB5P0090M Datasheet
38Kb / 1P
   Video Interface ICs for TFT-LCDs
logo
Rohm
BD8151EFV ROHM-BD8151EFV Datasheet
397Kb / 6P
   TFT-LCD Bias Boost Converter Including Quad Buffers and VCOM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com