Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AUP1G00 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74AUP1G00
Description  Low-power 2-input NAND gate
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1G00 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74AUP1G00 Datasheet HTML 7Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 8Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 9Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 10Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 11Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 12Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 13Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 14Page - NXP Semiconductors 74AUP1G00 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
74AUP1G00_2
© Koninklijke Philips Electronics N.V. 2006. All rights reserved.
Product data sheet
Rev. 02 — 29 June 2006
11 of 16
Philips Semiconductors
74AUP1G00
Low-power 2-input NAND gate
13. Package outline
Fig 9.
Package outline SOT353-1 (TSSOP5)
UNIT
A1
A
max.
A2
A3
bp
L
HE
Lp
wy
v
ce
D(1)
E(1)
Z(1)
θ
REFERENCES
OUTLINE
VERSION
EUROPEAN
PROJECTION
ISSUE DATE
IEC
JEDEC
JEITA
mm
0.1
0
1.0
0.8
0.30
0.15
0.25
0.08
2.25
1.85
1.35
1.15
0.65
e1
1.3
2.25
2.0
0.60
0.15
7
°
0
°
0.1
0.1
0.3
0.425
DIMENSIONS (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.15 mm maximum per side are not included.
0.46
0.21
SOT353-1
MO-203
SC-88A
00-09-01
03-02-19
w M
bp
D
Z
e
e1
0.15
13
5
4
θ
A
A2
A1
Lp
(A3)
detail X
L
HE
E
c
v M A
X
A
y
1.5
3 mm
0
scale
TSSOP5: plastic thin shrink small outline package; 5 leads; body width 1.25 mm
SOT353-1
1.1


Similar Part No. - 74AUP1G00

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Nexperia B.V. All right...
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
logo
Diodes Incorporated
74AUP1G00FW4-7 DIODES-74AUP1G00FW4-7 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00FZ4-7 DIODES-74AUP1G00FZ4-7 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
More results

Similar Description - 74AUP1G00

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
74AUP1G00-Q100 NEXPERIA-74AUP1G00-Q100 Datasheet
229Kb / 14P
   Low-power 2-input NAND gate
Rev. 2 - 13 January 2022
74AXP1G00 NEXPERIA-74AXP1G00 Datasheet
794Kb / 17P
   Low-power 2-input NAND gate
74AUP1G00 NEXPERIA-74AUP1G00 Datasheet
274Kb / 18P
   Low-power 2-input NAND gate
Rev. 8 - 13 January 2022
74AUP2G00-Q100 NEXPERIA-74AUP2G00-Q100 Datasheet
223Kb / 13P
   Low-power dual 2-input NAND gate
Rev. 2 - 9 June 2022
logo
NXP Semiconductors
74AUP2G00 PHILIPS-74AUP2G00 Datasheet
83Kb / 16P
   Low-power dual 2-input NAND gate
Rev. 01-25 August 2006
74AUP2G00 NXP-74AUP2G00 Datasheet
537Kb / 17P
   Low-power dual 2-input NAND gate
Rev. 04-5 June 2008
logo
Nexperia B.V. All right...
74AUP2G00 NEXPERIA-74AUP2G00 Datasheet
302Kb / 20P
   Low-power dual 2-input NAND gate
Rev. 11 - 9 June 2022
logo
NXP Semiconductors
74AUP1G38 NXP-74AUP1G38 Datasheet
91Kb / 15P
   Low-power 2-input NAND gate (open drain)
Rev. 03-22 June 2009
logo
Texas Instruments
SN74AUP1G00 TI1-SN74AUP1G00_16 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power Single 2-Input Positive-NAND Gate
logo
Nexperia B.V. All right...
74AUP1G38 NEXPERIA-74AUP1G38 Datasheet
269Kb / 18P
   Low-power 2-input NAND gate (open drain)
Rev. 9 - 16 August 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com