Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTM01 Datasheet(PDF) 11 Page - Analog Microelectronics

Part # ATTM01
Description  Processor Thermal Monitor
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

ATTM01 Datasheet(HTML) 11 Page - Analog Microelectronics

Back Button ATTM01 Datasheet HTML 7Page - Analog Microelectronics ATTM01 Datasheet HTML 8Page - Analog Microelectronics ATTM01 Datasheet HTML 9Page - Analog Microelectronics ATTM01 Datasheet HTML 10Page - Analog Microelectronics ATTM01 Datasheet HTML 11Page - Analog Microelectronics ATTM01 Datasheet HTML 12Page - Analog Microelectronics ATTM01 Datasheet HTML 13Page - Analog Microelectronics ATTM01 Datasheet HTML 14Page - Analog Microelectronics ATTM01 Datasheet HTML 15Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AME, Inc.
11
ATTM01/ATTM02
Processor Thermal Monitor
Rev. B.01
Type
Position
Bits
I
Function
W/O
[7:0]
8
8’h50
Host set the remote diode high limit temperature
value. The default value set to 80 ℃ and LSB
denotes 1 ℃.
Field
RHIGH_DATA
Type
Position
Bits
I
Function
WO
[7:0]
8
8’h50
Setting the local diode alerting high limit register.
The default value is 80 ℃ and the LSB denotes 1 ℃.
LALERT_HIGH
Field
Type
Position
Bits
I
Function
N/A
[7:4]
4
0
Reserved. Not implemented.
WO
[3:0]
4
4’h8
Control the ADC value update to SMBus register.
The variable rate control can be used to reduce
supply current in portable equipment application.
4’h8: conversion rate is 16 Hz (default value), 4’h7:
conversion rate is 8 Hz, 4’h6: conversion rate is 4
Hz, 4’h5: conversion rate is 2 Hz, 4’h4: conversion
rate is 1 Hz, 4’h3: conversion rate is 0.5 Hz, 4’h2:
conversion rate is 0.25 Hz, 4’h1: conversion rate is
0.125 Hz, 4’h0: conversion rate is 0.0625 Hz, other
values are reserved.
CONVERSIO_RATE
Field
Reserved
9.10 Temperature sensor Configuration Register, Access Address:
“Command Index = 9h”
9.11 ADC Conversion Rate Register, Access Address:
“Command Index = Ah”
9.14 Remote Diode Alerting High Limit Temperature Register, Access Address:
“Command Index = Dh”
Type
Position
Bits
I
Function
WO
[7]
1
0
When set to “1” ALERT# interrupt is masked.
WO
[6]
1
0
When set to “1” then the ADC will be terminated.
NA
[5]
1
0
Reserved. Not implemented.
WO
[4]
1
0
When set to “1” the Remote/Local diodes exceed
the critical set point will no activated the OVER#
pin..
NA
[3:0]
4
0
Reserved. Not implemented.
STOP
Reserved
CRITI_MASK
Reserved
Field
ALERT_MASK
9.12 Local Diode Alerting High Limit Register, Access Address:
“Command Index = Bh”
Type
Position
Bits
I
Function
WO
[7:0]
8
0
Setting the local diode alerting low limit register. The
default value is 0 ℃ and the LSB represents 1 ℃.
Field
LAERT_LOW
9.13 Local Diode Alerting Low Limit Register, Access Address:
“Command Index = Ch”


Similar Part No. - ATTM01

ManufacturerPart #DatasheetDescription
logo
Amphenol Sine Systems C...
ATT-12-00 ASS-ATT-12-00 Datasheet
334Kb / 2P
   1 POS, PLUG, SOCKET, STRUCTURE PLUS™ ATHD, SIZE 12, BLACK
Rev. A2
ATT-12-00 ASS-ATT-12-00 Datasheet
239Kb / 2P
   STRUCTURE, OVERMOLD-COMPATIBLE PLUG, 6 SOCKET, ATP SERIES
Rev. 01
logo
Amphenol Corporation
ATT-12-00 AMPHENOL-ATT-12-00 Datasheet
216Kb / 2P
   PLUG, 2 SOCKET, ATP SERIES
logo
Amphenol Sine Systems C...
ATT-12-01 ASS-ATT-12-01 Datasheet
334Kb / 2P
   1 POS, PLUG, SOCKET, STRUCTURE PLUS™ ATHD, SIZE 12, BLACK
Rev. A2
ATT-12-01 ASS-ATT-12-01 Datasheet
239Kb / 2P
   STRUCTURE, OVERMOLD-COMPATIBLE PLUG, 6 SOCKET, ATP SERIES
Rev. 01
More results

Similar Description - ATTM01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC1730 TI-UC1730 Datasheet
284Kb / 5P
[Old version datasheet]   Thermal Monitor
UC3730N TI-UC3730N Datasheet
261Kb / 6P
[Old version datasheet]   Thermal Monitor
logo
ON Semiconductor
NVT224 ONSEMI-NVT224 Datasheet
618Kb / 58P
   Remote Thermal Monitor
August, 2012 ??Rev. 1
logo
STMicroelectronics
TDA9108 STMICROELECTRONICS-TDA9108 Datasheet
201Kb / 9P
   MONITOR HORIZONTAL PROCESSOR
logo
uPI Group Inc.
UP1905 UPI-UP1905 Datasheet
282Kb / 11P
   High Accuracy Thermal Monitor
logo
Samsung semiconductor
S5D2508A01 SAMSUNG-S5D2508A01 Datasheet
222Kb / 24P
   OSD PROCESSOR FOR MONITOR
KS2508 SAMSUNG-KS2508 Datasheet
224Kb / 22P
   OSD PROCESSOR FOR MONITOR
logo
STMicroelectronics
TDA9103 STMICROELECTRONICS-TDA9103 Datasheet
306Kb / 27P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
logo
Daewoo Semiconductor
DBL2071 DAEWOO-DBL2071 Datasheet
201Kb / 5P
   HORIZONTAL PROCESSOR FOR MONITOR SET
logo
STMicroelectronics
STV7778S STMICROELECTRONICS-STV7778S Datasheet
125Kb / 11P
   DEFLECTION PROCESSOR FOR MULTISYNC MONITOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com