Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4T1G044QC Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4T1G044QC
Description  1Gb C-die DDR2 SDRAM Specification
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T1G044QC Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4T1G044QC Datasheet HTML 6Page - Samsung semiconductor K4T1G044QC Datasheet HTML 7Page - Samsung semiconductor K4T1G044QC Datasheet HTML 8Page - Samsung semiconductor K4T1G044QC Datasheet HTML 9Page - Samsung semiconductor K4T1G044QC Datasheet HTML 10Page - Samsung semiconductor K4T1G044QC Datasheet HTML 11Page - Samsung semiconductor K4T1G044QC Datasheet HTML 12Page - Samsung semiconductor K4T1G044QC Datasheet HTML 13Page - Samsung semiconductor K4T1G044QC Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
DDR2 SDRAM
K4T1G044QC
K4T1G084QC
Rev. 1.1 June 2007
10 of 26
Note :
1. Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect reliability.
2. Storage Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JESD51-2
standard.
Symbol
Parameter
Rating
Units
Notes
VDD
Voltage on VDD pin relative to VSS
- 1.0 V ~ 2.3 V
V
1
VDDQ
Voltage on VDDQ pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
VDDL
Voltage on VDDL pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
VIN, VOUT
Voltage on any pin relative to VSS
- 0.5 V ~ 2.3 V
V
1
TSTG
Storage Temperature
-55 to +100
°C
1, 2
6.0 Absolute Maximum DC Ratings
Note : There is no specific device VDD supply voltage requirement for SSTL-1.8 compliance. However under all conditions VDDQ must be less than or equal
to VDD.
1. The value of VREF may be selected by the user to provide optimum noise margin in the system. Typically the value of VREF is expected to be about 0.5
x VDDQ of the transmitting device and VREF is expected to track variations in VDDQ.
2. Peak to peak AC noise on VREF may not exceed +/-2% VREF(DC).
3. VTT of transmitting device must track VREF of receiving device.
4. AC parameters are measured with VDD, VDDQ and VDDL tied together.
Symbol
Parameter
Rating
Units
Notes
Min.
Typ.
Max.
VDD
Supply Voltage
1.7
1.8
1.9
V
VDDL
Supply Voltage for DLL
1.7
1.8
1.9
V
4
VDDQ
Supply Voltage for Output
1.7
1.8
1.9
V
4
VREF
Input Reference Voltage
0.49*VDDQ
0.50*VDDQ
0.51*VDDQ
mV
1,2
VTT
Termination Voltage
VREF-0.04
VREF
VREF+0.04
V
3
7.0 AC & DC Operating Conditions
7.1 Recommended DC Operating Conditions (SSTL - 1.8)


Similar Part No. - K4T1G044QC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G044QA SAMSUNG-K4T1G044QA Datasheet
612Kb / 28P
   1Gb A-die DDR2 SDRAM Specification
K4T1G044QA-ZCD5 SAMSUNG-K4T1G044QA-ZCD5 Datasheet
612Kb / 28P
   1Gb A-die DDR2 SDRAM Specification
K4T1G044QA-ZCE6 SAMSUNG-K4T1G044QA-ZCE6 Datasheet
612Kb / 28P
   1Gb A-die DDR2 SDRAM Specification
K4T1G044QE SAMSUNG-K4T1G044QE Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
K4T1G044QE-HCLE6 SAMSUNG-K4T1G044QE-HCLE6 Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
More results

Similar Description - K4T1G044QC

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T1G044QQ SAMSUNG-K4T1G044QQ Datasheet
886Kb / 44P
   1Gb Q-die DDR2 SDRAM Specification
K4T1G044QM SAMSUNG-K4T1G044QM Datasheet
457Kb / 29P
   1Gb M-die DDR2 SDRAM Specification
K4T1G044QA SAMSUNG-K4T1G044QA Datasheet
612Kb / 28P
   1Gb A-die DDR2 SDRAM Specification
K4T1G084QD SAMSUNG-K4T1G084QD Datasheet
587Kb / 27P
   1Gb D-die DDR2 SDRAM Specification
K4B1G0446C SAMSUNG-K4B1G0446C Datasheet
1Mb / 63P
   1Gb C-die DDR3 SDRAM Specification
K4T1G044QF SAMSUNG-K4T1G044QF Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
K4T1G084QF-BCE6000 SAMSUNG-K4T1G084QF-BCE6000 Datasheet
1Mb / 46P
   1Gb F-die DDR2 SDRAM
K4T1G044QE SAMSUNG-K4T1G044QE Datasheet
1Mb / 46P
   1Gb E-die DDR2 SDRAM
K4H1G0638C SAMSUNG-K4H1G0638C Datasheet
348Kb / 23P
   Stacked 1Gb C-die DDR SDRAM Specification
K4H1G0438A SAMSUNG-K4H1G0438A Datasheet
366Kb / 24P
   1Gb A-die SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com