Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6244IRGZTG4 Datasheet(PDF) 11 Page - Texas Instruments

Part # ADS6244IRGZTG4
Description  DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6244IRGZTG4 Datasheet(HTML) 11 Page - Texas Instruments

Back Button ADS6244IRGZTG4 Datasheet HTML 7Page - Texas Instruments ADS6244IRGZTG4 Datasheet HTML 8Page - Texas Instruments ADS6244IRGZTG4 Datasheet HTML 9Page - Texas Instruments ADS6244IRGZTG4 Datasheet HTML 10Page - Texas Instruments ADS6244IRGZTG4 Datasheet HTML 11Page - Texas Instruments ADS6244IRGZTG4 Datasheet HTML 12Page - Texas Instruments ADS6244IRGZTG4 Datasheet HTML 13Page - Texas Instruments ADS6244IRGZTG4 Datasheet HTML 14Page - Texas Instruments ADS6244IRGZTG4 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 76 page
background image
www.ti.com
DCLKP
DCLKM
CLKM
CLKP
FCLKM
FCLKP
DOP
DOM
Sample N–1
t
A
t
PD_CLK
Sample
N
Sample
N+11
Sample
N+12
Sample
N+13
Input
Signal
Input
Clock
Bit
Clock
Output
Data
Frame
Clock
D13
D13
D3
D3
D11
D11
D5
D5
D1
D1
D12
D12
D6
D6
D2
D2
D10
D10
D4
D4
D0
D0
Latency 12 Clocks
Sample N
T0105-04
T0106-03
BitClock
DCLKP
OutputData
DOP,DOM
t
su
t
h
t
h
t
su
DCLKM
Dn+1
Dn
ADS6245, ADS6244
ADS6243, ADS6242
SLAS542A – MAY 2007 – REVISED JULY 2007
Figure 1. Latency
Figure 2. LVDS Timings
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): ADS6245 ADS6244 ADS6243 ADS6242


Similar Part No. - ADS6244IRGZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62 TI-ADS62 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
ADS6222 TI-ADS6222 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6222IRGZR TI-ADS6222IRGZR Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6222IRGZRG4 TI-ADS6222IRGZRG4 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6222IRGZT TI-ADS6222IRGZT Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
More results

Similar Description - ADS6244IRGZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
ADS6225 TI-ADS6225 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com