Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS6245IRGZTG4 Datasheet(PDF) 5 Page - Texas Instruments

Part # ADS6245IRGZTG4
Description  DUAL CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS6245IRGZTG4 Datasheet(HTML) 5 Page - Texas Instruments

  ADS6245IRGZTG4 Datasheet HTML 1Page - Texas Instruments ADS6245IRGZTG4 Datasheet HTML 2Page - Texas Instruments ADS6245IRGZTG4 Datasheet HTML 3Page - Texas Instruments ADS6245IRGZTG4 Datasheet HTML 4Page - Texas Instruments ADS6245IRGZTG4 Datasheet HTML 5Page - Texas Instruments ADS6245IRGZTG4 Datasheet HTML 6Page - Texas Instruments ADS6245IRGZTG4 Datasheet HTML 7Page - Texas Instruments ADS6245IRGZTG4 Datasheet HTML 8Page - Texas Instruments ADS6245IRGZTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 76 page
background image
www.ti.com
ADS6245, ADS6244
ADS6243, ADS6242
SLAS542A – MAY 2007 – REVISED JULY 2007
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at 25
°C, min and max values are across the full temperature range T
MIN = –40°C to TMAX = 85°C, AVDD =
LVDD = 3.3 V, maximum rated sampling frequency, 50% clock duty cycle, –1dBFS differential analog input, internal reference
mode (unless otherwise noted).
ADS6245
ADS6244
ADS6243
ADS6242
Fs = 125 MSPS
Fs = 105 MSPS
Fs = 80 MSPS
Fs = 65 MSPS
PARAMETER
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
VCM output current
±4
±4
±4
±4
mA
capability
DC ACCURACY
No missing codes
Assured
Assured
Assured
Assured
EO
Offset error, across devices
–15
±2
15
–15
±2
15
–15
±2
15
–15
±2
15
mV
and across channels within
a device
Offset error temperature
0.05
0.05
0.05
0.05
mV/
°C
coefficient, across devices
and across channels within
a device
There are two sources of gain error - internal reference inaccuracy and channel gain error
EGREF
Gain error due to internal
–0.75
±0.1
0.75
–0.75
±0.1
0.75
–0.75
±0.1
0.75
–0.75
±0.1
0.75
% FS
reference inaccuracy alone,
(
ΔVREF /2.0) %
Reference gain error
0.0125
0.0125
0.0125
0.0125
Δ%/
°C
temperature coefficient
EGCHAN
Gain error of channel alone,
–1
±0.3
1
–1
±0.3
1
–1
±0.3
1
–1
±0.3
1
% FS
across devices and across
channels within a device (1)
Channel gain error
0.005
0.005
0.005
0.005
Δ%/
°C
temperature coefficient,
across devices and across
channels within a device
DNL
Differential nonlinearity
–0.95
±0.6
2.5
–0.9
±0.6
2.5
–0.9
±0.5
2.0
–0.9
±0.5
2.5
LSB
INL
Integral nonlinearity
-5
±3
5
-5
±3
5
-4.5
±2
4.5
-4.5
±2
4.5
LSB
PSRR
DC power supply rejection
0.5
0.5
0.5
0.5
mV/V
ratio
POWER SUPPLY
ICC
Total supply current
300
245
210
190
mA
IAVDD
Analog supply current
237
185
155
140
mA
ILVDD
LVDS supply current
63
60
55
50
mA
Total power
1.0
1.2
0.81
0.97
0.7
0.85
0.63
0.8
W
Power down (with input
77
150
77
150
77
150
77
150
mW
clock stopped)
(1)
This is specified by design and characterization; it is not tested in production.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s): ADS6245 ADS6244 ADS6243 ADS6242


Similar Part No. - ADS6245IRGZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS62 TI-ADS62 Datasheet
484Kb / 49P
[Old version datasheet]   Wideband Transmit-Receive Digital Signal Processors
ADS6222 TI-ADS6222 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6222IRGZR TI-ADS6222IRGZR Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6222IRGZRG4 TI-ADS6222IRGZRG4 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS6222IRGZT TI-ADS6222IRGZT Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
More results

Similar Description - ADS6245IRGZTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS6445 TI-ADS6445_09 Datasheet
3Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6445 TI1-ADS6445_14 Datasheet
3Mb / 82P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
STMicroelectronics
ADS6445 STMICROELECTRONICS-ADS6445 Datasheet
2Mb / 75P
   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
logo
Texas Instruments
ADS6445 TI-ADS6445_10 Datasheet
2Mb / 80P
[Old version datasheet]   QUAD CHANNEL, 14-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS62P45 TI-ADS62P45 Datasheet
2Mb / 67P
[Old version datasheet]   Dual Channel 14-Bit, 125/105/80/65 MSPS ADC with Parallel CMOS/DDR LVDS outputs
ADS6225 TI-ADS6225 Datasheet
3Mb / 75P
[Old version datasheet]   DUAL CHANNEL, 12-BIT, 125/105/80/65 MSPS ADC WITH SERIAL LVDS INTERFACE
ADS62P45 TI-ADS62P45_08 Datasheet
1Mb / 70P
[Old version datasheet]   DUAL CHANNEL, 14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6445-EP TI1-ADS6445-EP_13 Datasheet
2Mb / 66P
[Old version datasheet]   QUAD CHANNEL, 14 BIT, 125/105 MSPS ADC WITH SERIAL LVDS OUTPUTS
ADS6143IRHB25 TI1-ADS6143IRHB25 Datasheet
2Mb / 67P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
ADS6145 TI-ADS6145 Datasheet
2Mb / 68P
[Old version datasheet]   14-BITS, 125/105/80/65 MSPS ADC WITH DDR LVDS/CMOS OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com