Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K7S3236T4C Datasheet(PDF) 6 Page - Samsung semiconductor

Part # K7S3236T4C
Description  1Mx36 & 2Mx18 QDRTM II b4 SRAM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K7S3236T4C Datasheet(HTML) 6 Page - Samsung semiconductor

Back Button K7S3236T4C Datasheet HTML 2Page - Samsung semiconductor K7S3236T4C Datasheet HTML 3Page - Samsung semiconductor K7S3236T4C Datasheet HTML 4Page - Samsung semiconductor K7S3236T4C Datasheet HTML 5Page - Samsung semiconductor K7S3236T4C Datasheet HTML 6Page - Samsung semiconductor K7S3236T4C Datasheet HTML 7Page - Samsung semiconductor K7S3236T4C Datasheet HTML 8Page - Samsung semiconductor K7S3236T4C Datasheet HTML 9Page - Samsung semiconductor K7S3236T4C Datasheet HTML 10Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1Mx36 & 2Mx18 QDRTM II+ b4 SRAM
K7S3236T4C
K7S3218T4C
- 6 -
Rev. 1.2 March 2007
The K7S3236T4C and K7S3218T4C are37,748,736-bits QDR(Quad Data Rate) Synchronous Pipelined Burst SRAMs. They are
organized as 1,048,576 words by 36bits for K7S3236T4C and 2,097,152 words by 18 bits for K7S3218T4C.
The QDR operation is possible by supporting DDR read and write operations through separate data output and input ports with the
same cycle. Memory bandwidth is maximized as data can be transferred into and out of SRAM on every rising edge of K and K. And
totally independent read and write ports eliminate the need for high speed bus turn around.
Address for read and write are latched on alternate rising edges of the input clock K. Data inputs, data output, and all control signals
are synchronized to the input clock ( K or K ). Read data are referenced to echo clock ( CQ or CQ ) outputs. Common address bus is
used to access address both for read and write operations. The internal burst counter is fixed to 4-bit sequential for both read and
write operations, requiring two full clock bus cycles. Any request that attempts to interrupt a burst operation in progress is ignored.
Synchronous pipeline read and late write enable high speed operations. Simple depth expansion is accomplished by using R and W
for port selection. Byte write operation is supported with BW0 and BW1 ( BW2 and BW3 ) pins.
IEEE 1149.1 serial boundary scan (JTAG) simplifies monitoring package pads attachment status with system.
The K7S3236T4C and K7S3218T4C are implemented with SAMSUNG's high performance 6T CMOS technology and is available in
165pin FBGA packages. Multiple power and ground pins minimize ground bounce.
GENERAL DESCRIPTION
Read Operations
Read cycles are initiated by activating R at the rising edge of the positive input clock K. Address is presented and stored in the read
address register synchronized with K clock. For 4-bit burst DDR operation, it will access four 36-bit or 18-bit data words with each
read command.
The first pipelined data is transferred out of the device triggered by K clock rising edge. Next burst data is triggered by the rising edge
of following K clock rising edge. The process continues until all four data are transferred. Continuous read operations are initiated
with K clock rising edge. And pipelined data are transferred out of device on every rising edge of both K and K clocks. Initial read data
latency is 2 clock cycles when DLL is on.
When the R is disabled after a read operation,the K7S3236T4C and K7S3218T4C will first complete burst read operation before
entering into deselect mode at the next K clock rising edge. Then output drivers disabled automatically to high impedance state.
Write cycles are initiated by activating W at the rising edge of the positive input clock K. Address is presented and stored in the write
address register synchronized with K clock. For 4-bit burst DDR operation, it will write four 36-bit or 18-bit data words with each write
command.
The first "late" data is transferred and registered in to the device synchronous with next K clock rising edge. Next burst data is trans-
ferred and registered synchronous with following K clock rising edge. The process continues until all four data are transferred and
registered. Continuous write operations are initiated with K rising edge. And "late writed" data is presented to the device on every ris-
ing edge of both K and K clocks.
The device disregards input data presented on the same cycle W disabled. When the W is disabled after a write operation, the
K7S3236T4C and K7S3218T4C will first complete burst write operation before entering into deselect mode at the next K clock rising
edge.
The K7S3236T4C and K7S3218T4C support byte write operations. With activating BW0 or BW1 ( BW2 or BW3 ) in write cycle, only
one byte of input data is presented. In K7S3218T4C, BW0 controls write operation to D0:D8, BW1 controls write operation to D9:D17.
And in K7S3236T4C, BW2 controls write operation to D18:D26, BW3 controls write operation to D27:D35.
Write Operations


Similar Part No. - K7S3236T4C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
More results

Similar Description - K7S3236T4C

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K7R323684M SAMSUNG-K7R323684M Datasheet
195Kb / 18P
   1Mx36 & 2Mx18 QDRTM II b4 SRAM
K7S3236T4C SAMSUNG-K7S3236T4C_08 Datasheet
445Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7S3236U4C SAMSUNG-K7S3236U4C Datasheet
444Kb / 20P
   1Mx36 & 2Mx18 QDR II b4 SRAM
K7R323684C SAMSUNG-K7R323684C Datasheet
463Kb / 20P
   1Mx36, 2Mx18 & 4Mx9 QDR II b4 SRAM
DS_K7R323682M SAMSUNG-DS_K7R323682M Datasheet
201Kb / 19P
   1Mx36 & 2Mx18 & 4Mx9 QDRTM II b2 SRAM
K7I323684C SAMSUNG-K7I323684C Datasheet
419Kb / 18P
   1Mx36 & 2Mx18 DDRII CIO b4 SRAM
K7R163684B SAMSUNG-K7R163684B_06 Datasheet
456Kb / 19P
   512Kx36 & 1Mx18 QDRTM II b4 SRAM
K7D323674C SAMSUNG-K7D323674C Datasheet
462Kb / 18P
   1Mx36 & 2Mx18 SRAM
K7R643684M SAMSUNG-K7R643684M Datasheet
352Kb / 18P
   2Mx36 & 4Mx18 QDRTM II b4 SRAM
K7P323674C SAMSUNG-K7P323674C Datasheet
455Kb / 15P
   1Mx36 & 2Mx18 SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com