Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF6727MTRPBF Datasheet(PDF) 6 Page - International Rectifier

Part # IRF6727MTRPBF
Description  DirectFET Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6727MTRPBF Datasheet(HTML) 6 Page - International Rectifier

  IRF6727MTRPBF Datasheet HTML 1Page - International Rectifier IRF6727MTRPBF Datasheet HTML 2Page - International Rectifier IRF6727MTRPBF Datasheet HTML 3Page - International Rectifier IRF6727MTRPBF Datasheet HTML 4Page - International Rectifier IRF6727MTRPBF Datasheet HTML 5Page - International Rectifier IRF6727MTRPBF Datasheet HTML 6Page - International Rectifier IRF6727MTRPBF Datasheet HTML 7Page - International Rectifier IRF6727MTRPBF Datasheet HTML 8Page - International Rectifier IRF6727MTRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
IRF6727MPbF
6
www.irf.com
Fig 15a. Gate Charge Test Circuit
Fig 15b. Gate Charge Waveform
Fig 16b. Unclamped Inductive Waveforms
tp
V(BR)DSS
IAS
Fig 16a. Unclamped Inductive Test Circuit
Fig 17b. Switching Time Waveforms
Fig 17a. Switching Time Test Circuit
R G
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
VGS
Vds
Vgs
Id
Vgs(th)
Qgs1
Qgs2
Qgd
Qgodr
1K
VCC
DUT
0
L
S
20K
VDS
90%
10%
VGS
td(on)
tr
td(off) tf
VDS
Pulse Width ≤ 1 µs
Duty Factor ≤ 0.1 %
RD
VGS
RG
D.U.T.
VGS
+
-VDD


Similar Part No. - IRF6727MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6727MTRPBF IRF-IRF6727MTRPBF Datasheet
2Mb / 6P
   Benchmark MOSFETs Product Selection Guide
IRF6727MTRPbF IRF-IRF6727MTRPbF Datasheet
264Kb / 9P
   DirectFET Power MOSFET
IRF6727MTRPBF IRF-IRF6727MTRPBF Datasheet
264Kb / 9P
   RoHS Compliant and Halogen Free
IRF6727MTRPBF IRF-IRF6727MTRPBF_09 Datasheet
264Kb / 9P
   DirectFETPower MOSFET
More results

Similar Description - IRF6727MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6644 IRF-IRF6644 Datasheet
247Kb / 9P
   DirectFET Power MOSFET
IRF6628PBF IRF-IRF6628PBF Datasheet
267Kb / 9P
   DirectFET Power MOSFET
IRF6722SPBF IRF-IRF6722SPBF Datasheet
260Kb / 9P
   DirectFET Power MOSFET
IRF6631PBF IRF-IRF6631PBF Datasheet
253Kb / 10P
   DirectFETPower MOSFET
IRF6711SPBF IRF-IRF6711SPBF Datasheet
308Kb / 9P
   DirectFETPower MOSFET
IRF6718L2TRPBF IRF-IRF6718L2TRPBF Datasheet
236Kb / 10P
   DirectFETPower MOSFET
IRF7738L2PBF IRF-IRF7738L2PBF Datasheet
285Kb / 10P
   DirectFETPower MOSFET
AUIRL7732S2 IRF-AUIRL7732S2 Datasheet
221Kb / 11P
   DirectFETPower MOSFET
IRF6613PBF IRF-IRF6613PBF Datasheet
241Kb / 9P
   DirectFETPower MOSFET
IRF6620PBF IRF-IRF6620PBF Datasheet
239Kb / 9P
   DirectFETPower MOSFET
AUIRF7640S2TR IRF-AUIRF7640S2TR Datasheet
309Kb / 11P
   DirectFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com