Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K4T56163QI-ZCLD5 Datasheet(PDF) 10 Page - Samsung semiconductor

Part # K4T56163QI-ZCLD5
Description  256Mb I-die DDR2 SDRAM Specification
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4T56163QI-ZCLD5 Datasheet(HTML) 10 Page - Samsung semiconductor

Back Button K4T56163QI-ZCLD5 Datasheet HTML 6Page - Samsung semiconductor K4T56163QI-ZCLD5 Datasheet HTML 7Page - Samsung semiconductor K4T56163QI-ZCLD5 Datasheet HTML 8Page - Samsung semiconductor K4T56163QI-ZCLD5 Datasheet HTML 9Page - Samsung semiconductor K4T56163QI-ZCLD5 Datasheet HTML 10Page - Samsung semiconductor K4T56163QI-ZCLD5 Datasheet HTML 11Page - Samsung semiconductor K4T56163QI-ZCLD5 Datasheet HTML 12Page - Samsung semiconductor K4T56163QI-ZCLD5 Datasheet HTML 13Page - Samsung semiconductor K4T56163QI-ZCLD5 Datasheet HTML 14Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Rev. 1.0 October 2007
DDR2 SDRAM
K4T56163QI
10 of 42
7.2 Operating Temperature Condition
Note :
1. Operating Temperature is the case surface temperature on the center/top side of the DRAM. For the measurement conditions, please refer to JESD51.2
standard.
2. At 85 - 95
°C operation temperature range, doubling refresh commands in frequency to a 32ms period ( tREFI=3.9 us ) is required, and to enter to
self refresh mode at this temperature range, an EMRS command is required to change internal refresh rate.
7.3 Input DC Logic Level
7.4 Input AC Logic Level
7.5 AC Input Test Conditions
Note :
1. Input waveform timing is referenced to the input signal crossing through the VIH/IL(AC) level applied to the device under test.
2. The input signal minimum slew rate is to be maintained over the range from VREF to VIH(AC) min for rising edges and the range from VREF to VIL(AC)
max for falling edges as shown in the below figure.
3. AC timings are referenced with input waveforms switching from VIL(AC) to VIH(AC) on the positive transitions and VIH(AC) to VIL(AC) on the negative
transitions.
Symbol
Parameter
Rating
Units
Notes
TOPER
Operating Temperature
0 to 95
°C
1, 2
Symbol
Parameter
Min.
Max.
Units
Notes
VIH(DC)
DC input logic high
VREF + 0.125
VDDQ + 0.3
V
VIL(DC)
DC input logic low
- 0.3
VREF - 0.125
V
Symbol
Parameter
DDR2-400, DDR2-533
DDR2-667, DDR2-800
Units
Min.
Max.
Min.
Max.
VIH (AC)
AC input logic high
VREF + 0.250
-
VREF + 0.200
V
VIL (AC)
AC input logic low
-VREF - 0.250
VREF - 0.200
V
Symbol
Condition
Value
Units
Notes
VREF
Input reference voltage
0.5 * VDDQ
V1
VSWING(MAX)
Input signal maximum peak to peak swing
1.0
V
1
SLEW
Input signal minimum slew rate
1.0
V/ns
2, 3
VDDQ
VIH(AC) min
VIH(DC) min
VREF
VIL(DC) max
VIL(AC) max
VSS
< AC Input Test Signal Waveform >
VSWING(MAX)
delta TR
delta TF
VREF - VIL(AC) max
delta TF
Falling Slew =
Rising Slew =
VIH(AC) min - VREF
delta TR


Similar Part No. - K4T56163QI-ZCLD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T56163QI SAMSUNG-K4T56163QI Datasheet
542Kb / 15P
   Consumer Memory
More results

Similar Description - K4T56163QI-ZCLD5

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4T56043QF SAMSUNG-K4T56043QF Datasheet
477Kb / 27P
   256Mb F-die DDR2 SDRAM
K4S560432E-TC SAMSUNG-K4S560432E-TC Datasheet
198Kb / 14P
   256Mb E-die SDRAM Specification
K4S560432J SAMSUNG-K4S560432J Datasheet
297Kb / 15P
   256Mb J-die SDRAM Specification
logo
Hynix Semiconductor
HY5PS561621BLFPE3 HYNIX-HY5PS561621BLFPE3 Datasheet
827Kb / 34P
   256Mb DDR2 SDRAM
HY5PS561621BLFPE3I HYNIX-HY5PS561621BLFPE3I Datasheet
826Kb / 34P
   256Mb DDR2 SDRAM
H5PS2562GFR HYNIX-H5PS2562GFR Datasheet
1Mb / 61P
   256Mb DDR2 SDRAM
HY5PS561621AFP-E3 HYNIX-HY5PS561621AFP-E3 Datasheet
2Mb / 34P
   256Mb DDR2 SDRAM
HY5PS56421LF-E3 HYNIX-HY5PS56421LF-E3 Datasheet
614Kb / 35P
   256Mb DDR2 SDRAM
logo
Samsung semiconductor
FMB857B SAMSUNG-FMB857B Datasheet
329Kb / 23P
   256Mb F-die DDR SDRAM Specification
K4H561638H SAMSUNG-K4H561638H Datasheet
416Kb / 24P
   256Mb H-die DDR SDRAM Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com