Electronic Components Datasheet Search |
|
MAX8738 Datasheet(PDF) 4 Page - Maxim Integrated Products |
|
MAX8738 Datasheet(HTML) 4 Page - Maxim Integrated Products |
4 / 13 page EEPROM-Programmable TFT VCOM Calibrator with I2C Interface 4 _______________________________________________________________________________________ ELECTRICAL CHARACTERISTICS (continued) (VAVDD = 15V, VHV = 20V, VOUT = 6.75V, RSET = 30.1k Ω, TA = -40°C to +85°C, unless otherwise noted.) (Figure 1) (Note 5) PARAMETER SYMBOL CONDITIONS MIN TYP MAX UNITS START Condition Hold Time tHDSTT 10% of SDA to 90% of SCL 4000 ns START Condition Setup Time tSUSTT 4700 ns Data Input Hold Time tHDDAT 0ns Data Input Setup Time tSUDAT 250 ns STOP Condition Setup Time tSUSTP 4000 ns Bus Free Time tBF 4700 ns VDD REGULATOR VDD Output Voltage VDD 4.5V < VAVDD < 20V, IVDD = 0 3.1 4.5 V VDD Power-On Reset Threshold Rising edge, 100mV hysteresis 3.0 V AVDD SUPPLY AVDD Supply Range VAVDD 4.5 20.0 V AVDD Operating Current IAVDD VAVDD = 20V 60 µA HV SUPPLY HV Input Voltage Range VHV 16.1 28.0 V HV Power-On Reset Threshold Rising edge, 60mV hysteresis 16.0 V Not in program mode (Note 3) 1 Program mode (Note 3) 30 HV Input Bias Current IHV During program (Note 4) 60 µA OUTPUT VOLTAGE OUT Voltage Range VOUT VSET + 0.5V 13 V Note 1: SET resistors are only checked at full scale. Note 2: Guaranteed by design. Not production tested. Note 3: The MAX8738 enters program mode after any valid command is received, except the AAh command. Note 4: Program time lasts for 11ms. Note 5: Specifications from 0°C to -40°C are guaranteed by design, not production tested. tF tR tCLL tCLH tHDDAT tSUDAT SDA SCL VIH VIL tBF tHDSTT tSUSTP Figure 1. Timing Definitions Used in the Electrical Characteristics |
Similar Part No. - MAX8738 |
|
Similar Description - MAX8738 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |