Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXB1828ER Datasheet(PDF) 5 Page - Samsung semiconductor

Part # CXB1828ER
Description  2.5Gbps Laser Diode Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

CXB1828ER Datasheet(HTML) 5 Page - Samsung semiconductor

  CXB1828ER Datasheet HTML 1Page - Samsung semiconductor CXB1828ER Datasheet HTML 2Page - Samsung semiconductor CXB1828ER Datasheet HTML 3Page - Samsung semiconductor CXB1828ER Datasheet HTML 4Page - Samsung semiconductor CXB1828ER Datasheet HTML 5Page - Samsung semiconductor CXB1828ER Datasheet HTML 6Page - Samsung semiconductor CXB1828ER Datasheet HTML 7Page - Samsung semiconductor CXB1828ER Datasheet HTML 8Page - Samsung semiconductor CXB1828ER Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
– 5 –
CXB1828ER
Pin
No.
Symbol
Typical pin
voltage (V)
DC
Description
I/O
Equivalent circuit
11
VEEO2
VCC1
Current
Source
14
15
VEEO1
VEEO1
VCCO
Current
Source
17
18
VEE1 (MOD_MON)
VEEO2 (BIAS_MON)
VCC1
Current
Source
11
BIAS
O
Laser bias current output.
12
VEEO2
0
Negative power supply for the
modulation and bias output.
13
VEEO1
0
Negative power supply for the
modulation output.
14
Q
O
Laser modulation current output.
Open collector output.
15
QB
O
Complementary current output.
Connect the laser diode not to this
pin, but to the Q pin.
16
VccO
3.3
Positive power supply for the
modulation output.
17
BIAS_MON
O
Bias current monitor.
1/50 of the bias current flows
to this pin. This pin is connected to
Vcc either through a resistor 1k
or directly.
18
MOD_MON
O
Modulation current monitor.
1/50 of the modulation current
flows to this pin. This pin is
connected to Vcc either through a
resistor 1k
Ω or directly.


Similar Part No. - CXB1828ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
More results

Similar Description - CXB1828ER

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXB1828ER SONY-CXB1828ER Datasheet
258Kb / 20P
   2.5Gbps Laser Diode Driver
logo
Micrel Semiconductor
SY88212L MICREL-SY88212L_10 Datasheet
414Kb / 10P
   3.3V, 2.5Gbps Laser Diode Driver
SY88922 MICREL-SY88922_11 Datasheet
485Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922V MICREL-SY88922V Datasheet
42Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88232L MICREL-SY88232L_10 Datasheet
701Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated
SY88922 MICREL-SY88922_06 Datasheet
479Kb / 6P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88922V MICREL-SY88922V_06 Datasheet
455Kb / 5P
   5V/3.3V 2.5Gbps LASER DIODE DRIVER
SY88922 MICREL-SY88922 Datasheet
84Kb / 8P
   SDH/SONET 2.5Gbps LASER DIODE DRIVER
SY88232L MICREL-SY88232L Datasheet
879Kb / 18P
   2.5Gbps Laser Diode Driver with Integrated Limiting Amplifier
logo
Mitsubishi Electric Sem...
ML7XX34 MITSUBISHI-ML7XX34 Datasheet
212Kb / 2P
   2.5Gbps InGaAsP DFB LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com