Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LNBTVS6-222U Datasheet(PDF) 5 Page - STMicroelectronics

Part # LNBTVS6-222U
Description  Lightning protection for LNB power supply
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LNBTVS6-222U Datasheet(HTML) 5 Page - STMicroelectronics

  LNBTVS6-222U Datasheet HTML 1Page - STMicroelectronics LNBTVS6-222U Datasheet HTML 2Page - STMicroelectronics LNBTVS6-222U Datasheet HTML 3Page - STMicroelectronics LNBTVS6-222U Datasheet HTML 4Page - STMicroelectronics LNBTVS6-222U Datasheet HTML 5Page - STMicroelectronics LNBTVS6-222U Datasheet HTML 6Page - STMicroelectronics LNBTVS6-222U Datasheet HTML 7Page - STMicroelectronics LNBTVS6-222U Datasheet HTML 8Page - STMicroelectronics LNBTVS6-222U Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
LNBTVSx-22xx
Ordering information scheme
5/9
3
Ordering information scheme
LNB
TVS
x
- 22
xx
Low noise block regulator
Transient voltage suppressor
Lightning surge level
V
V
Package
3 = 3 kV
4 = 4 kV
6 = 6 kV
22 = 22 V
0 = 35 V
1 = 32 V
2 = 30 V
U = SMB
S = SMC
Blank = DO201
BR
CL


Similar Part No. - LNBTVS6-222U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBTVS6-304S STMICROELECTRONICS-LNBTVS6-304S Datasheet
92Kb / 7P
   Lightning protection for LNB power supply
More results

Similar Description - LNBTVS6-222U

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LNBTVSX-304 STMICROELECTRONICS-LNBTVSX-304 Datasheet
92Kb / 7P
   Lightning protection for LNB power supply
logo
Toshiba Semiconductor
TB7109F TOSHIBA-TB7109F Datasheet
486Kb / 15P
   Power supply IC for LNB
logo
Unisonic Technologies
L8221G-SH2-R UTC-L8221G-SH2-R Datasheet
188Kb / 5P
   Integrated regulated supply for LNB
logo
Laird Tech Smart Techno...
SP6 LSTD-SP6 Datasheet
753Kb / 1P
   Lightning protection for antenna systems
logo
STMicroelectronics
AN2713 STMICROELECTRONICS-AN2713 Datasheet
1Mb / 40P
   LNB power supply based on the LNBH23 supply
logo
Littelfuse
SP3384NUTG LITTELFUSE-SP3384NUTG Datasheet
520Kb / 5P
   Lightning Surge Protection
2021 Littelfuse, Inc
logo
STMicroelectronics
STEVAL-LNBH02 STMICROELECTRONICS-STEVAL-LNBH02 Datasheet
240Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25S
September 2016 Rev 1
logo
Intersil Corporation
ISL9491 INTERSIL-ISL9491 Datasheet
334Kb / 13P
   LNB Power Supply and Control for Satellite Set-Top Box
logo
STMicroelectronics
STEVAL-LNBH06 STMICROELECTRONICS-STEVAL-LNBH06 Datasheet
279Kb / 4P
   Power supply evaluation board for LNB based on the LNBH26S
September 2016 Rev 1
STEVAL-LNBH01 STMICROELECTRONICS-STEVAL-LNBH01 Datasheet
266Kb / 4P
   Power supply evaluation board for LNB based on the LNBH25LS
September 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com