Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN65C1168ENS Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65C1168ENS
Description  DUAL DIFFERENTIAL DRIVERS AND RECEIVERS WITH 짹15-kV ESD PROTECTION
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65C1168ENS Datasheet(HTML) 4 Page - Texas Instruments

  SN65C1168ENS Datasheet HTML 1Page - Texas Instruments SN65C1168ENS Datasheet HTML 2Page - Texas Instruments SN65C1168ENS Datasheet HTML 3Page - Texas Instruments SN65C1168ENS Datasheet HTML 4Page - Texas Instruments SN65C1168ENS Datasheet HTML 5Page - Texas Instruments SN65C1168ENS Datasheet HTML 6Page - Texas Instruments SN65C1168ENS Datasheet HTML 7Page - Texas Instruments SN65C1168ENS Datasheet HTML 8Page - Texas Instruments SN65C1168ENS Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
www.ti.com
TYPICAL OF EACH RECEIVER OUTPUT
TYPICAL OF EACH DRIVER OUTPUT
GND
Output
VCC
GND
Output
VCC
Absolute Maximum Ratings
(1)
SN65C1167E
,, SN65C1168E
DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
WITH
±15-kV ESD PROTECTION
SLLS740A – MARCH 2007 – REVISED APRIL 2007
SCHEMATIC OF OUTPUTS
over recommended operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
–0.5
7
V
Driver, DE, RE
–0.5
7
VI
Input voltage range
V
A or B, Receiver
–14
14
VID
Differential input voltage range(3)
Receiver
–14
14
V
Driver
–0.5
7
VO
Output voltage range
V
Receiver
–0.5
VCC + 0.5
IIK
Input clamp current range
Driver, VI < 0
–20
mA
Driver, VO < 0
–20
IOK
Output clamp current range
mA
Receiver
±20
Driver
±150
IO
Output current range
mA
Receiver
±25
ICC
Supply current range
200
mA
GND current
–200
mA
TJ
Operating virtual junction temperature
150
°C
NS package
64
θ
JA
Package thermal impedance(4)(5)
PW package
108
°C/W
RGY package
39
TA
Operating free-air temperature range
–40
85
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values except differential input voltage are with respect to the network GND.
(3)
Differential input voltage is measured at the noninverting terminal, with respect to the inverting terminal.
(4)
Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/θJA. Selecting the maximum of 150°C can affect reliability.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
4
Submit Documentation Feedback


Similar Part No. - SN65C1168ENS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1168E-SEP TI1-SN65C1168E-SEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C1168EMPWSEP TI1-SN65C1168EMPWSEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C1168EMPWTSEP TI1-SN65C1168EMPWTSEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
More results

Similar Description - SN65C1168ENS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65C1168E-SEP TI1-SN65C1168E-SEP Datasheet
899Kb / 24P
[Old version datasheet]   SN65C1168E-SEP Dual Differential Drivers and Receivers With 짹12-kV ESD Protection
SN65C3223E TI-SN65C3223E_07 Datasheet
303Kb / 20P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3222E TI-SN65C3222E Datasheet
227Kb / 15P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C3223E TI-SN65C3223E Datasheet
242Kb / 17P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVERS/RECEIVERS WITH 짹15-kV ESD PROTECTION
SN65C1167 TI-SN65C1167 Datasheet
288Kb / 14P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_07 Datasheet
485Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN75ALS1177 TI-SN75ALS1177_08 Datasheet
514Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN65C1167 TI-SN65C1167_06 Datasheet
353Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751178NSR TI-SN751178NSR Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
SN751177 TI1-SN751177_08 Datasheet
497Kb / 16P
[Old version datasheet]   DUAL DIFFERENTIAL DRIVERS AND RECEIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com