Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF7379IPBF Datasheet(PDF) 7 Page - International Rectifier

Part # IRF7379IPBF
Description  HEXFET짰 Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF7379IPBF Datasheet(HTML) 7 Page - International Rectifier

Back Button IRF7379IPBF Datasheet HTML 2Page - International Rectifier IRF7379IPBF Datasheet HTML 3Page - International Rectifier IRF7379IPBF Datasheet HTML 4Page - International Rectifier IRF7379IPBF Datasheet HTML 5Page - International Rectifier IRF7379IPBF Datasheet HTML 6Page - International Rectifier IRF7379IPBF Datasheet HTML 7Page - International Rectifier IRF7379IPBF Datasheet HTML 8Page - International Rectifier IRF7379IPBF Datasheet HTML 9Page - International Rectifier IRF7379IPBF Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
IRF7379IPbF
www.irf.com
7
Fig 15. Normalized On-Resistance
Vs. Temperature
Fig 16. Typical On-Resistance Vs. Drain
Current
Fig 17. Typical On-Resistance Vs. Gate
Voltage
P-Channel
0.0
0.5
1.0
1.5
2.0
-60
-40
-20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
A
V
= -10V
GS
I
= -3.0A
D
0
2
4
6
8
10
12
14
0.00
0.10
0.20
0.30
0.40
0.50
-I
, Drain Current (A)
D
VGS = -4.5V
VGS = -10V
0
4
8
12
16
0.06
0.08
0.10
0.12
0.14
0.16
-V
, Gate-to-Source Voltage (V)
GS
ID = -4.3A


Similar Part No. - IRF7379IPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF7379 IRF-IRF7379 Datasheet
215Kb / 10P
   Power MOSFET
IRF7379PBF IRF-IRF7379PBF Datasheet
219Kb / 10P
   HEXFET짰 Power MOSFET
IRF7379PBF IRF-IRF7379PBF Datasheet
225Kb / 10P
   Generation V Technology
IRF7379PBF IRF-IRF7379PBF_15 Datasheet
225Kb / 10P
   Generation V Technology
IRF7379QPBF IRF-IRF7379QPBF Datasheet
245Kb / 10P
   HEXFET Power MOSFET
More results

Similar Description - IRF7379IPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com