Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXD1968AR Datasheet(PDF) 11 Page - Sony Corporation

Part # CXD1968AR
Description  DVB-T Demodulator
Download  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD1968AR Datasheet(HTML) 11 Page - Sony Corporation

Back Button CXD1968AR Datasheet HTML 7Page - Sony Corporation CXD1968AR Datasheet HTML 8Page - Sony Corporation CXD1968AR Datasheet HTML 9Page - Sony Corporation CXD1968AR Datasheet HTML 10Page - Sony Corporation CXD1968AR Datasheet HTML 11Page - Sony Corporation CXD1968AR Datasheet HTML 12Page - Sony Corporation CXD1968AR Datasheet HTML 13Page - Sony Corporation CXD1968AR Datasheet HTML 14Page - Sony Corporation CXD1968AR Datasheet HTML 15Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 97 page
background image
CXD1968AR
- 11 -
TSSYNC is set active during the MPEG2 sync byte and reset inactive for the remainder of the packet.
TSERR is only set active if the transport stream packet error flag is set within the MPEG2 TS. This
signal indicates that the Reed-Solomon decoder was unable to correct all errors in the packet. There
are 2 programmable modes for this signal:
Whole Packet Mode: Active during the entire 204-byte packet.
Data Only Mode: Active during the 188-byte data portion of packet and inactive during the 16 Reed-
Solomon bytes.
Fig. 3. MPEG2 Transport Stream Output Configurations (Parallel Mode)
rr
dd
dd
dd
rr
rr
rr
rr
47h
dd
TSDATA [7:0]
TSVALID
(with TSCLK
Data Only)
TSERR
Whole Packet
TSVALID
(with TSCLK
Continuous)
TSERR
Data Only
∗ Gaps will not appear within the 188 valid data bytes (dd) in parallel mode if TS smoothing is enabled.
TSCLK
Continuous
TSCLK
Data Only 188
Th
TSSYNC
GAP∗
GAP∗
TSCLK
Data Only 204
GAP∗
GAP
Tsu
47h


Similar Part No. - CXD1968AR

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXD1961AQ SONY-CXD1961AQ Datasheet
294Kb / 33P
   DVB-S Frontend IC (QPSK demodulation FEC)
CXD1961Q SONY-CXD1961Q Datasheet
217Kb / 15P
   DVB-S Front-end IC (QPSK demodulator FEC)
CXD1969 SONY-CXD1969 Datasheet
159Kb / 2P
   CableCARDTM INTERFACE CONTROLLER
More results

Similar Description - CXD1968AR

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI2165 SKYWORKS-SI2165 Datasheet
189Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
August 11, 2021
logo
Silicon Laboratories
SI2165 SILABS-SI2165 Datasheet
80Kb / 2P
   Multi-Standard DVB-T and DVB-C Demodulator
SI2180-B60 SILABS-SI2180-B60 Datasheet
247Kb / 2P
   ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI2180-B60 SKYWORKS-SI2180-B60 Datasheet
151Kb / 2P
   ISDB-T and DVB-T/C Demodulator
November 28, 2021
logo
Silicon Laboratories
SI21802-B60 SILABS-SI21802-B60 Datasheet
161Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
logo
Skyworks Solutions Inc.
SI21802-B60 SKYWORKS-SI21802-B60 Datasheet
146Kb / 2P
   Dual ISDB-T and DVB-T/C Demodulator
August 22, 2021
logo
Silicon Laboratories
SI2168-B40 SILABS-SI2168-B40 Datasheet
141Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
logo
List of Unclassifed Man...
PS20353 ETC2-PS20353 Datasheet
2Mb / 27P
   Nordig Unified DVB-T COFDM Terrestrial Demodulator
logo
Motorola, Inc
MC92314 MOTOROLA-MC92314 Datasheet
691Kb / 100P
   DVB-T Single Chip Demodulator Application Note
logo
Skyworks Solutions Inc.
SI2168-D60 SKYWORKS-SI2168-D60 Datasheet
37Kb / 2P
   DVB-T2/T/C Digital TV Demodulator
November 28, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com