Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ES4810SAA Datasheet(PDF) 3 Page - ESS Technology,Inc

Part # ES4810SAA
Description  Digital Audio Processor Product Brief
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ESS [ESS Technology,Inc]
Direct Link  http://www.esstech.com
Logo ESS - ESS Technology,Inc

ES4810SAA Datasheet(HTML) 3 Page - ESS Technology,Inc

  ES4810SAA Datasheet HTML 1Page - ESS Technology,Inc ES4810SAA Datasheet HTML 2Page - ESS Technology,Inc ES4810SAA Datasheet HTML 3Page - ESS Technology,Inc ES4810SAA Datasheet HTML 4Page - ESS Technology,Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ESS Technology, Inc.
SAM0660-080406
3
ES4810SAA PRODUCT BRIEF
P C BOARD LAYOUT CONSIDERATIONS
PRELIMINARY
P C BOARD LAYOUT CONSIDERATIONS
Required Printed Circuit Board Layout
The ES4810 LQFP package requires additional heat
sinking to prevent heat-caused damage to the chip. To
accomplish this heat dissipation in an economical manner,
the following printed circuit board (PCB) layout is required.
The land pattern for the chips still use the standard 208-pin
LQFP footprint on the PCB with the addition of the heat
sink, as shown in Figure 3. Required for heat dissipation is
the addition of a solid copper fill on the top and bottom
layers of the PCB, along with 1mm square solder mask
exposures and via in the center of each exposure.
The metal land on the underside of the IC must have more
than 90% of its surface area directly soldered onto the
PCB (i.e., the solder mask openings as shown below) for
the heat dissipation to be effective.
It is not recommended to route any traces between the
land pattern and metal land.
The specifications for the LQFP heat sinking is listed in
Table 1
Figure 3 Required PCB Layout for Heat Dissipation
Table 1
LQFP Heat Sink Specifications
Parameters
Dimensions
Parameters
Dimensions
PCB Layers
4, minimum
Via diameter
0.3 mm
Solder mask opening (top layer)
1.0
× 1.0 mm
Via spacing (center to center)
1.2 mm
Solder mask width
0.2 mm
Via plating
must be plugged
VIA, 0.3 dia.
solder mask (top layer)
solder mask opening (top layer)
SAM0508-03
0.2
1.0
1.2
0.2
0.2
0.2
1.0
1.2
Dimensions
in mm
7.4
7.4


Similar Part No. - ES4810SAA

ManufacturerPart #DatasheetDescription
logo
ESS Technology,Inc
ES4810SAA ESS-ES4810SAA Datasheet
44Kb / 2P
   Digital Audio Processor Product Brief
More results

Similar Description - ES4810SAA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ES3986 ETC1-ES3986 Datasheet
34Kb / 4P
   Digital-Audio Processor Product Brief
logo
ESS Technology,Inc
ES4810 ESS-ES4810 Datasheet
44Kb / 2P
   Digital Audio Processor Product Brief
ES6430 ESS-ES6430 Datasheet
84Kb / 6P
   Digital Media Processor Product Brief
ES6425 ESS-ES6425 Datasheet
143Kb / 8P
   Digital Media Processor 2 Product Brief
ES4318 ESS-ES4318 Datasheet
80Kb / 4P
   DVD Processor Product Brief
logo
List of Unclassifed Man...
ES4408 ETC-ES4408 Datasheet
91Kb / 6P
   DVD Processor Product Brief
logo
ESS Technology,Inc
ES3210 ESS-ES3210 Datasheet
63Kb / 4P
   Video CD Processor Product Brief
logo
List of Unclassifed Man...
WP3200 ETC1-WP3200 Datasheet
150Kb / 2P
   Home Gateway Processor Product Brief
logo
Hitachi Semiconductor
SH7750 HITACHI-SH7750 Datasheet
58Kb / 2P
   SuperH RISC Processor Product Brief
logo
List of Unclassifed Man...
ES4118 ETC-ES4118 Datasheet
65Kb / 4P
   Super VCD Processor Product Brief
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com