Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXK79M36C164GB Datasheet(PDF) 6 Page - Sony Corporation

Part # CXK79M36C164GB
Description  18Mb 1x1Dp HSTL High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXK79M36C164GB Datasheet(HTML) 6 Page - Sony Corporation

Back Button CXK79M36C164GB Datasheet HTML 2Page - Sony Corporation CXK79M36C164GB Datasheet HTML 3Page - Sony Corporation CXK79M36C164GB Datasheet HTML 4Page - Sony Corporation CXK79M36C164GB Datasheet HTML 5Page - Sony Corporation CXK79M36C164GB Datasheet HTML 6Page - Sony Corporation CXK79M36C164GB Datasheet HTML 7Page - Sony Corporation CXK79M36C164GB Datasheet HTML 8Page - Sony Corporation CXK79M36C164GB Datasheet HTML 9Page - Sony Corporation CXK79M36C164GB Datasheet HTML 10Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
SONY®
ΣRAM
CXK79M72C164GB / CXK79M36C164GB
Preliminary
18Mb 1x1Dp, HSTL, rev 1.3
6 / 28
June 19, 2003
Clock Truth Table
Notes:
1. “1” = input “high”; “0” = input “low”; “X” = input “don’t care”; “T” = input “true”; “F” = input “false”.
2. “***” indicates that the DQ input requirement or output state and the CQ output state are determined by the previous operation.
3. “---” indicates that the DQ input requirement or output state and the CQ output state are determined by the next operation.
4. If E2 = EP2 and E3 = EP3 then E = “T” else E = “F”.
5. If one or more Bx = 0 then B = “T” else B = “F”.
6. DQs are tri-stated in response to Bank Deselect, Deselect, and Write commands, one full cycle after the command is sampled.
7. CQs are tri-stated in response to Bank Deselect commands only, one full cycle after the command is sampled.
8. Up to three (3) Continue operations may be initiated after a Read or Write operation is initiated to burst transfer up to four
(4) distinct pieces of data per single external address input. If a fourth (4th) Continue operation is initiated, the internal ad-
dress wraps back to the initial external (base) address.
CK
E1
(tn)
E
(tn)
ADV
(tn)
W
(tn)
B
(tn)
Previous
Operation
Current Operation
DQ/CQ
(tn)
DQ/CQ
(tn+1)
DQ/CQ
(tn+2)
X
F
0
X
X
X
Bank Deselect
***
Hi-Z
---
X
X
1
X
X
Bank Deselect
Bank Deselect (Continue)
Hi-Z
Hi-Z
---
1
T
0
X
X
X
Deselect
***
Hi-Z/CQ
---
X
X
1
X
X
Deselect
Deselect (Continue)
Hi-Z/CQ
Hi-Z/CQ
---
0T
0
0
T
X
Write
Loads new address
Stores DQx if Bx =0
***
Hi-Z/CQ
D1/---
0T
0
0
F
X
Write (Abort)
Loads new address
No data stored
***
Hi-Z/CQ
X/---
X
X
1
X
T
Write
Write Continue
Increments address by 1
Stores DQx if Bx =0
Hi-Z/CQ
D1/CQ
D2/---
X
X
1
X
F
Write
Write Continue (Abort)
Increments address by 1
No data stored
Hi-Z/CQ
D1/CQ
X/---
0T
0
1
X
X
Read
Loads new address
***
Q1/CQ
---
X
X
1
X
X
Read
Read Continue
Increments address by 1
Q1/CQ
Q2/CQ
---


Similar Part No. - CXK79M36C164GB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK79M36C162GB SONY-CXK79M36C162GB Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
CXK79M36C162GB-33 SONY-CXK79M36C162GB-33 Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
CXK79M36C162GB-4 SONY-CXK79M36C162GB-4 Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
CXK79M36C162GB-5 SONY-CXK79M36C162GB-5 Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
CXK79M36C165GB SONY-CXK79M36C165GB Datasheet
450Kb / 29P
   18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
More results

Similar Description - CXK79M36C164GB

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXK79M72C165GB SONY-CXK79M72C165GB Datasheet
450Kb / 29P
   18Mb 1x1Dp LVCMOS High Speed Synchronous SRAMs (256Kb x 72 or 512Kb x 36)
CXK79M36C162GB SONY-CXK79M36C162GB Datasheet
400Kb / 25P
   18Mb 1x2Lp HSTL High Speed Synchronous SRAMs (512Kb x 36)
CXK77P36E160GB SONY-CXK77P36E160GB Datasheet
257Kb / 25P
   16Mb LW R-L HSTL High Speed Synchronous SRAMs (512K x 36 or 1M x 18)
logo
GSI Technology
GS816218B GSI-GS816218B Datasheet
1Mb / 41P
   1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
logo
Integrated Silicon Solu...
IS61NSCS25672 ISSI-IS61NSCS25672 Datasheet
182Kb / 32P
   RAM 256K x 72, 512K x 36 18Mb Synchronous SRAM
logo
GSI Technology
GS816272C GSI-GS816272C Datasheet
1Mb / 31P
   256K x 72 18Mb Sync Burst SRAMs
GS8161E18BT GSI-GS8161E18BT Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8161E18BT-V GSI-GS8161E18BT-V Datasheet
1Mb / 35P
   1M x 18, 512K x 36, 512K x 36 18Mb Sync Burst SRAMs
GS8160E18T GSI-GS8160E18T Datasheet
622Kb / 25P
   1M x 18, 512K x 36 18Mb Sync Burst SRAMs
GS816273C GSI-GS816273C Datasheet
516Kb / 25P
   256K x 72 18Mb S/DCD Sync Burst SRAMs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com