Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX11042ETC+ Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX11042ETC+
Description  Wired Remote Controllers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX11042ETC+ Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX11042ETC+ Datasheet HTML 2Page - Maxim Integrated Products MAX11042ETC+ Datasheet HTML 3Page - Maxim Integrated Products MAX11042ETC+ Datasheet HTML 4Page - Maxim Integrated Products MAX11042ETC+ Datasheet HTML 5Page - Maxim Integrated Products MAX11042ETC+ Datasheet HTML 6Page - Maxim Integrated Products MAX11042ETC+ Datasheet HTML 7Page - Maxim Integrated Products MAX11042ETC+ Datasheet HTML 8Page - Maxim Integrated Products MAX11042ETC+ Datasheet HTML 9Page - Maxim Integrated Products MAX11042ETC+ Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Detailed Description
The MAX11041/MAX11042 wired remote controllers
recognize either six or 30 different keypresses consist-
ing of a resistor/switch array over a single connector.
Designed for wired remote controllers on the head-
phone or headset cord, the MAX11041/MAX11042
contain debouncing circuitry and jack insertion/
removal detection. During a keypress, the MAX11041/
MAX11042 store the key type and key duration in an 8-
word FIFO and INT (interrupt output) goes low. The
results stored in the FIFO are accessed through the I2C
interface.
FORCE and SENSE
During a keypress, a unique external resistor (RSW_)
located in the remote controller connects SENSE to
ground (Figure 2). This event changes the impedance
seen by the SENSE line. The MAX11041/MAX11042
decode this resistor value to an 8-bit result (see the
Required Resistor Set section). FORCE and SENSE are
±15kV ESD (IEC 61000-4-2) protected.
Register Description
The MAX11041/MAX11042 contain one 8-bit control
register, an 8-word FIFO (each word consists of an 8-
bit key value and an 8-bit duration value), and an 8-bit
chip ID.
Chip ID
The chip ID identifies the features and capabilities of the
wired remote controller to the software. For the
MAX11041, the chip ID is 0x00. For the MAX11042, the
chip ID is 0x01.
Control Register
The MAX11041/MAX11042 contain one control register
(see Table 1). Bits C7, C6, and C5 control software shut-
down. Set FORCE high-impedance and indicate if the
FIFO is empty. Write/read to the control register through
the I2C-compatible serial interface (see the Digital Serial
Interface section).
FIFO
The MAX11041/MAX11042 contain an 8-word FIFO that
can hold enough information for four keypresses and
releases. Each keypress and release results in two data
words being stored into the FIFO. Each FIFO word con-
sists of 2 bytes. The 1st byte is the decoded keypress or
release (K7–K0) and the 2nd byte is the keypress or
release duration time. Table 2 shows the format of a key-
press entry into the FIFO. Read the FIFO through the I2C-
compatible serial interface (see the Digital Serial
Interface section). At power-up, all the FIFO is reset such
that K7–K0 are set to 0xFF hex and 0x0F, and T6–T0 are
set to 0x00. See the Applications Information section for
an example of how data is entered into the FIFO.
Wired Remote Controllers
6
_______________________________________________________________________________________
Pin Description
PIN
TQFN
UCSP
NAME
FUNCTION
1
D1
GND
Ground
2
C1
SENSE
Voltage Sense Input. Connect SENSE to FORCE through an external lowpass filter
composed of RSENSE and CSENSE (see the FORCE and SENSE section). There is a ±15kV
IEC61000-4-2 ESD protection on SENSE.
3, 11
B1, D3
VDD
Power-Supply Input. Connect both VDD inputs together and bypass each VDD with a 0.1µF
capacitor to GND.
4
A1
N.C.
No Connection. Leave unconnected or connect to VDD.
5A2
A1
I2C Address Input 1. Logic state represents bit 1 of the I2C slave address.
6A3
A0
I2C Address Input 0. Logic state represents bit 0 of the I2C slave address.
7
A4
SHDN
Active-Low Shutdown Input. Bring
SHDN low to put the MAX11041/MAX11042 in shutdown
mode. FORCE is in a high-impedance state while
SHDN is low.
8
B4
SCL
I2C Serial-Interface Clock Input. SCL requires a pullup resistor.
9
C4
SDA
I2C Serial-Interface Data Input/Output. SDA requires a pullup resistor.
10
D4
INT
Active-Low Interrupt Output.
INT goes low when a valid keypress is detected at SENSE.
12
D2
FORCE
Force Output. Connect FORCE to the external resistor array. Connect SENSE to FORCE
through an external lowpass filter composed of RSENSE = 10k
Ω and CSENSE = 10nF. There
is a ±15kV IEC61000-4-2 ESD protection on FORCE.
EP
EP
Exposed Pad. Connect EP to GND.


Similar Part No. - MAX11042ETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11042ETC++ MAXIM-MAX11042ETC+ Datasheet
235Kb / 17P
   Wired Remote Controllers
Rev 2; 11/08
More results

Similar Description - MAX11042ETC+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11041 MAXIM-MAX11041_08 Datasheet
235Kb / 17P
   Wired Remote Controllers
Rev 2; 11/08
MAX11041 MAXIM-MAX11041_10 Datasheet
226Kb / 17P
   Wired Remote Controller
Rev 3; 1/10
logo
Zilog, Inc.
Z86L88 ZILOG-Z86L88 Datasheet
76Kb / 11P
   INFRARED REMOTE CONTROLLERS
Z86E73 ZILOG-Z86E73 Datasheet
127Kb / 19P
   INFRARED REMOTE CONTROLLERS
logo
Sanyo Semicon Device
LB1475M SANYO-LB1475M Datasheet
99Kb / 4P
   2-Wire Type Wired Remote Controller
logo
Ningbo Foryard Optoelec...
FY-V300-DC12V FORYARD-FY-V300-DC12V Datasheet
207Kb / 5P
   Wired RGB Controller
logo
Global Mixed-mode Techn...
G7951 GMT-G7951 Datasheet
35Kb / 2P
   Three Remote Temperature Sensors and One PWM Mode Fan Controllers with SMBus Serial Interface
logo
Omron Electronics LLC
E53-CN03N2 OMRON-E53-CN03N2 Datasheet
5Mb / 72P
   Digital Temperature Controllers/Digital Controllers
logo
PHOENIX CONTACT
2730239 PHOENIX-2730239 Datasheet
53Kb / 3P
   Fan module for Remote Field Controllers RFC 430 ETH-IB / RFC 450 ETH-IB
logo
Global Mixed-mode Techn...
G793 GMT-G793 Datasheet
43Kb / 1P
   Two Remote and One Local Temperature Sensors and 3/4 Fan Controllers with SMBus Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com