Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13442EASA Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13442EASA
Description  ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13442EASA Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13442EASA Datasheet HTML 1Page - Maxim Integrated Products MAX13442EASA Datasheet HTML 2Page - Maxim Integrated Products MAX13442EASA Datasheet HTML 3Page - Maxim Integrated Products MAX13442EASA Datasheet HTML 4Page - Maxim Integrated Products MAX13442EASA Datasheet HTML 5Page - Maxim Integrated Products MAX13442EASA Datasheet HTML 6Page - Maxim Integrated Products MAX13442EASA Datasheet HTML 7Page - Maxim Integrated Products MAX13442EASA Datasheet HTML 8Page - Maxim Integrated Products MAX13442EASA Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
±15kV ESD-Protected, ±80V Fault-Protected,
Fail-Safe RS-485/J1708 Transceivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
(Voltages referenced to GND.)
VCC ........................................................................................+7V
RE, DE, DE, DI, TXD ...................................-0.3V to (VCC + 0.3V)
A, B (Note 1) (MAX13442E/MAX13444E) ............................±80V
A, B (Note 1) (MAX13443E) .................................................±60V
RO ..............................................................-0.3V to (VCC + 0.3V)
Short-Circuit Duration (RO, A, B) ...............................Continuous
Continuous Power Dissipation (TA = +70°C)
8-Pin SO (derate 5.9mW/°C above +70°C)..................471mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature ......................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
DC ELECTRICAL CHARACTERISTICS
(VCC = +4.75V to +5.25V, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
DRIVER
Figure 1, RL = 100
Ω
2VCC
Differential Driver Output
VOD
Figure 1, RL = 54
Ω
1.5
VCC
V
Change in Magnitude of
Differential Output Voltage
ΔVOD
Figure 1, RL = 100
Ω or 54Ω (Note 2)
0.2
V
Driver Common-Mode
Output Voltage
VOC
Figure 1, RL = 100
Ω or 54Ω
VCC / 2
3
V
Change in Magnitude of
Common-Mode Voltage
ΔVOC
Figure 1, RL = 100
Ω or 54Ω (Note 2)
(MAX13442E/MAX13443E)
0.2
V
DRIVER LOGIC
Driver-Input High Voltage
VDIH
2V
Driver-Input Low Voltage
VDIL
0.8
V
Driver-Input Current
IDIN
±2µA
0
≤ VOUT ≤ +12V
+350
Driver Short-Circuit Output Current
(Note 3)
IOSD
-7V
≤ VOUT ≤ VCC
-350
mA
(VCC - 1V)
≤ VOUT ≤ +12V (Note 3)
+25
Driver Short-Circuit Foldback
Output Current
IOSDF
-7V
≤ VOUT ≤ +1V (Note 3)
-25
mA
VOUT
≥ +20V, RL = 100Ω
+6
Driver-Limit Short-Circuit Foldback
Output Current
IOSDL
VOUT
≤ -15V, RL = 100Ω
-6
mA
RECEIVER
VCC = GND, VA, B = 12V
250
VA, B = -7V
-150
µA
Input Current
IA,B
A, B
receive
mode
VA, B =
±80V
±6mA
Receiver-Differential Threshold
Voltage
VTH
-7V
≤ VCM ≤ +12V
-200
-50
mV
Receiver-Input Hysteresis
ΔVTH
25
mV
Note 1: During normal operation, a termination resistor must be connected between A and B in order to guarantee overvoltage pro-
tection up to the absolute maximum rating of this device. When not in operation, these devices can withstand fault voltages
up to the maximum rating without a termination resistor and will not be damaged.


Similar Part No. - MAX13442EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
More results

Similar Description - MAX13442EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com