Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13443EASA Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX13443EASA
Description  ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13443EASA Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX13443EASA Datasheet HTML 4Page - Maxim Integrated Products MAX13443EASA Datasheet HTML 5Page - Maxim Integrated Products MAX13443EASA Datasheet HTML 6Page - Maxim Integrated Products MAX13443EASA Datasheet HTML 7Page - Maxim Integrated Products MAX13443EASA Datasheet HTML 8Page - Maxim Integrated Products MAX13443EASA Datasheet HTML 9Page - Maxim Integrated Products MAX13443EASA Datasheet HTML 10Page - Maxim Integrated Products MAX13443EASA Datasheet HTML 11Page - Maxim Integrated Products MAX13443EASA Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
±15kV ESD-Protected, ±80V Fault-Protected,
Fail-Safe RS-485/J1708 Transceivers
8
_______________________________________________________________________________________
VCC
D
VOD
VOC
2
RL
2
RL
DI
A
B
Figure 1. Driver VOD and VOC
R
RO
0
VOH
IOH
(-)
IOL
(+)
VOL
VID
A
B
Figure 2. Receiver VOH and VOL
VCC
VOM
3V
0V
VOH
VOM
VOM
VOM
VOM
VOL
VOH
VOL
50
Ω
RL
CL = 50pF
(NOTE 5)
GENERATOR
(NOTE 4)
D
DI
tPLHA
1.5V
A
B
OUT
S1
DI
1.5V
tPHLA
tPHLB
tPLHB
≈ 1.5V
VOH + VOL
2
VOM =
A
B
2
Figure 3. Driver Propagation Times
Test Circuits and Waveforms
VCC
50
Ω
RL
CL = 50pF (NOTE 5)
GENERATOR
(NOTE 4)
D
DI
OUT
CL
CL
tDPLH
tDPHL
tLH
50%
1.5V
10%
(A–B)
DI
90%
50%
1.5V
10%
90%
3V
0V
≈ 2.0V
tHL
≈ -2.0V
A
B
Figure 4. Driver Differential Output Delay and Transition Times


Similar Part No. - MAX13443EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13443E MAXIM-MAX13443E Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
More results

Similar Description - MAX13443EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com