Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13444EASA Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX13444EASA
Description  ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13444EASA Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX13444EASA Datasheet HTML 3Page - Maxim Integrated Products MAX13444EASA Datasheet HTML 4Page - Maxim Integrated Products MAX13444EASA Datasheet HTML 5Page - Maxim Integrated Products MAX13444EASA Datasheet HTML 6Page - Maxim Integrated Products MAX13444EASA Datasheet HTML 7Page - Maxim Integrated Products MAX13444EASA Datasheet HTML 8Page - Maxim Integrated Products MAX13444EASA Datasheet HTML 9Page - Maxim Integrated Products MAX13444EASA Datasheet HTML 10Page - Maxim Integrated Products MAX13444EASA Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
±15kV ESD-Protected, ±80V Fault-Protected,
Fail-Safe RS-485/J1708 Transceivers
_______________________________________________________________________________________
7
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
-40
-10 5
20
-25
3550658095 110 125
DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
RL = 100
Ω
RL = 54
Ω
MAX13443E
-2000
-400
-1200
-1600
-800
1200
800
400
0
2800
2400
2000
1600
3200
A, B CURRENT vs. A, B
VOLTAGE (TO GROUND)
A, B VOLTAGE (V)
-80 -60
-40
0
-20
40
60
20
80
DRIVER DISABLED,
RECEIVER ENABLED
MAX13442E
NO LOAD
RL = 54
Ω
-2000
-1200
-1600
0
-400
-800
400
800
1600
1200
2000
-60
-40 -30
-50
-20 -10 0 10 20 30 40
60
50
A, B CURRENT vs. A, B VOLTAGE
(TO GROUND)
A, B VOLTAGE (V)
DRIVER DISABLED,
RECEIVER ENABLED
MAX13443E
NO LOAD
RL = 54
Ω
Typical Operating Characteristics (continued)
(VCC = +5V, TA = +25°C, unless otherwise noted.)
0
30
20
10
40
50
60
70
80
90
100
-80
-50
-65
-35
-20
-5
DRIVER OUTPUT CURRENT
vs. DIFFERENTIAL OUTPUT VOLTAGE
DIFFERENTIAL OUTPUT VOLTAGE (V)
MAX13442E
DI = GND, DE = VCC,
VOLTAGE APPLIED
TO OUTPUT B
RL = 54
Ω
0
1.0
0.5
2.0
1.5
3.0
2.5
3.5
-40
-10 5
20
-25
3550658095 110 125
DIFFERENTIAL OUTPUT VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
RL = 100
Ω
RL = 54
Ω
MAX13442E


Similar Part No. - MAX13444EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13444E MAXIM-MAX13444E Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
More results

Similar Description - MAX13444EASA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX13442E MAXIM-MAX13442E_11 Datasheet
298Kb / 18P
   ±15kV ESD-Protected, ±80V Fault-Protected, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 3/11
MAX3440E MAXIM-MAX3440E_10 Datasheet
314Kb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E_15 Datasheet
1Mb / 19P
   ±15kV ESD-Protected, ±60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 3; 4/14
MAX3440EESA MAXIM-MAX3440EESA Datasheet
314Kb / 19P
   15,-15kV ESD-Protected, 60,-60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 2; 11/10
MAX3440E MAXIM-MAX3440E Datasheet
368Kb / 20P
   짹15kV ESD-Protected, 짹60V Fault-Protected, 10Mbps, Fail-Safe RS-485/J1708 Transceivers
Rev 0; 10/02
MAX13080E MAXIM-MAX13080E Datasheet
343Kb / 24P
   5.0V, 15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 1; 4/05
MAX13080E MAXIM-MAX13080E_11 Datasheet
287Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX13080E MAXIM-MAX13080E_14 Datasheet
601Kb / 24P
   5.0V, ±15kV ESD-Protected, Fail-Safe,Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 11/11
MAX3076EASD-T MAXIM-MAX3076EASD-T Datasheet
1Mb / 24P
   3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com