Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15010 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX15010
Description  Automotive 300mA LDO Voltage Regulators with Tracker Output and Overvoltage Protector
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15010 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX15010 Datasheet HTML 4Page - Maxim Integrated Products MAX15010 Datasheet HTML 5Page - Maxim Integrated Products MAX15010 Datasheet HTML 6Page - Maxim Integrated Products MAX15010 Datasheet HTML 7Page - Maxim Integrated Products MAX15010 Datasheet HTML 8Page - Maxim Integrated Products MAX15010 Datasheet HTML 9Page - Maxim Integrated Products MAX15010 Datasheet HTML 10Page - Maxim Integrated Products MAX15010 Datasheet HTML 11Page - Maxim Integrated Products MAX15010 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Automotive 300mA LDO Voltage Regulators
with Tracker Output and Overvoltage Protector
8
_______________________________________________________________________________________
LDO DROPOUT VOLTAGE
vs. LOAD CURRENT
IOUT_LDO (mA)
0
200
100
300
1000
800
600
400
200
900
700
500
300
100
0
STARTUP RESPONSE THROUGH VIN
MAX15008 toc18
20ms/div
VIN
10V/div
0V
0V
0V
0V
VRESET
5V/div
VOUT_LDO
5V/div
VOUT_TRK
5V/div
IOUT_LDO = 100mA
IOUT_TRK = 100mA
EN_LDO = EN_TRK = IN
STARTUP RESPONSE THROUGH EN
MAX15008 toc19
20ms/div
IOUT_LDO = 100mA
IOUT_TRK = 100mA
VEN_TRK = VEN_LDO
VIN
20V/div
VEN_LDO
5V/div
VRESET
5V/div
VOUT_LDO
5V/div
VOUT_TRK
5V/div
0V
0V
0V
0V
0V
SHUTDOWN RESPONSE THROUGH VIN
MAX15008 toc20
20ms/div
IOUT_LDO = 100mA
IOUT_TRK = 70mA
VEN_TRK = VEN_LDO = VIN
VIN
10V/div
VOUT_LDO
5V/div
VOUT_TRK
5V/div
0V
0V
0V
0V
VRESET
5V/div
SHUTDOWN RESPONSE THROUGH EN
MAX15008 toc21
400
μs/div
EN_LDO = EN_TRK
IOUT_LDO = 100mA
IOUT_TRK = 70mA
VOUT_LDO
5V/div
VOUT_TRK
5V/div
0V
0V
0V
0V
0V
VRESET
5V/div
VEN_LDO
5V/div
VIN
20V/div
LDO, EN_LDO, AND HOLD TIMING
MAX15008 toc22
200ms/div
VEN_LDO
5V/div
VOUT_LDO
5V/div
HOLD
5V/div
RESET
5V/div
0V
0V
0V
0V
HOLD PULLED UP
TO OUT_LDO
GROUND CURRENT DISTRIBUTION
HISTOGRAM (-40
°C)
GROUND CURRENT (
μA)
74 77 80
71
68
65
59 62
56
53
50
47
44
70
50
30
10
60
40
20
0
GROUND CURRENT DISTRIBUTION
HISTOGRAM (+125
°C)
GROUND CURRENT (
μA)
70
50
30
10
60
40
20
0
74 77 80
71
68
65
59 62
56
53
50
47
44
Typical Operating Characteristics (continued)
(VIN = VEN_ = +14V, CIN = 10µF, COUT_LDO = 22µF, CTRACK = COUT_TRK = 10µF, VOUT_LDO = 5V, FB_LDO = SGND, TA = +25°C,
unless otherwise specified.)


Similar Part No. - MAX15010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1501 MAXIM-MAX1501 Datasheet
367Kb / 15P
   Highly Integrated, Linear Battery Charger with Thermal Regulation for Portable Applications
Rev 0; 4/03
MAX1501 MAXIM-MAX1501 Datasheet
230Kb / 16P
   Highly Integrated, Linear Battery Charger with Thermal Regulation for Portable Applications
2014
MAX15011 MAXIM-MAX15011 Datasheet
469Kb / 23P
   Automotive 300mA LDO Regulators with Switched Output and Overvoltage Protector
Rev 0; 8/07
MAX15011ATJ++ MAXIM-MAX15011ATJ+ Datasheet
469Kb / 23P
   Automotive 300mA LDO Regulators with Switched Output and Overvoltage Protector
Rev 0; 8/07
MAX15012 MAXIM-MAX15012 Datasheet
271Kb / 14P
   175V/2A, High-Speed, Half-Bridge MOSFET Drivers
Rev 0; 5/06
More results

Similar Description - MAX15010

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15009 MAXIM-MAX15009 Datasheet
469Kb / 23P
   Automotive 300mA LDO Regulators with Switched Output and Overvoltage Protector
Rev 0; 8/07
logo
Rohm
BD00HA3WEFJ ROHM-BD00HA3WEFJ_13 Datasheet
522Kb / 22P
   300mA Variable Fixed Output LDO Regulators
BDXXGA3WEFJ ROHM-BDXXGA3WEFJ Datasheet
858Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
17.May.2013 Rev.004
BD00GA3WEFJ-E2 ROHM-BD00GA3WEFJ-E2 Datasheet
612Kb / 23P
   300mA Variable / Fixed Output LDO Regulators
logo
Maxim Integrated Produc...
MAX1963 MAXIM-MAX1963 Datasheet
354Kb / 12P
   Low-Input-Voltage, 300mA LDO Regulators with RESETin SOT and TDFN
Rev 0; 10/03
MAX14562 MAXIM-MAX14562 Datasheet
1Mb / 10P
   36V-Capable Overvoltage Protector with Regulated Output Voltage
Rev 1; 8/11
logo
Rohm
BDXXGA3MEFJ-M ROHM-BDXXGA3MEFJ-M Datasheet
997Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
2021.10.11 Rev.002
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_10 Datasheet
937Kb / 23P
   DUAL 300mA LDO REGULATORS
logo
Rohm
BD00GA3MEFJ-ME2 ROHM-BD00GA3MEFJ-ME2 Datasheet
611Kb / 24P
   Automotive 300mA Variable Output LDO Regulator
logo
BCD Semiconductor Manuf...
AP2402 BCDSEMI-AP2402_09 Datasheet
584Kb / 23P
   DUAL 300mA LDO REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com