Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16048 Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX16048
Description  12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Download  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16048 Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX16048 Datasheet HTML 5Page - Maxim Integrated Products MAX16048 Datasheet HTML 6Page - Maxim Integrated Products MAX16048 Datasheet HTML 7Page - Maxim Integrated Products MAX16048 Datasheet HTML 8Page - Maxim Integrated Products MAX16048 Datasheet HTML 9Page - Maxim Integrated Products MAX16048 Datasheet HTML 10Page - Maxim Integrated Products MAX16048 Datasheet HTML 11Page - Maxim Integrated Products MAX16048 Datasheet HTML 12Page - Maxim Integrated Products MAX16048 Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
TRACKING MODE WITH
FAST SHUTDOWN
MAX16046 toc13
20ms/div
1V/div
0V
INS4
INS3
INS2
INS1
SEQUENCING MODE
MAX16046 toc14
40ms/div
1V/div
0V
INS4
INS3
INS2
INS1
FET TURN-ON WITH CHARGE PUMP
MAX16046 toc11
20ms/div
VEN_OUT_
10V/div
VSOURCE
2V/div
IDRAIN
1A/div
0V
0V
0V
TRACKING MODE
MAX16046 toc12
20ms/div
1V/div
0V
INS4
INS3
INS2
INS1
OUTPUT-VOLTAGE HIGH vs. SOURCE
CURRENT (CHARGE-PUMP OUTPUT)
SOURCE CURRENT (
μA)
6
5
4
3
2
1
1
2
3
4
5
6
0
07
OUTPUT-VOLTAGE HIGH vs. SOURCE
CURRENT (PUSH-PULL OUTPUT)
SOURCE CURRENT (
μA)
300
200
100
2.45
2.50
2.55
2.60
2.65
2.70
2.40
0
400
ADC ACCURACY
vs. TEMPERATURE
TEMPERATURE (
°C)
75
60
30
45
-15
0
15
-30
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1.0
-1.0
-45
90
Typical Operating Characteristics (continued)
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
12-Channel/8-Channel EEPROM-Programmable
System Managers with Nonvolatile Fault Registers
_______________________________________________________________________________________
9


Similar Part No. - MAX16048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16048 MAXIM-MAX16048 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16048ACB++ MAXIM-MAX16048ACB+ Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16048ATN++ MAXIM-MAX16048ATN+ Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16048ECB++ MAXIM-MAX16048ECB+ Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16048ETN++ MAXIM-MAX16048ETN+ Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
More results

Similar Description - MAX16048

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047 MAXIM-MAX16047 Datasheet
516Kb / 62P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 11/07
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com