Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16824EUE+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX16824EUE+
Description  High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16824EUE+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX16824EUE+ Datasheet HTML 1Page - Maxim Integrated Products MAX16824EUE+ Datasheet HTML 2Page - Maxim Integrated Products MAX16824EUE+ Datasheet HTML 3Page - Maxim Integrated Products MAX16824EUE+ Datasheet HTML 4Page - Maxim Integrated Products MAX16824EUE+ Datasheet HTML 5Page - Maxim Integrated Products MAX16824EUE+ Datasheet HTML 6Page - Maxim Integrated Products MAX16824EUE+ Datasheet HTML 7Page - Maxim Integrated Products MAX16824EUE+ Datasheet HTML 8Page - Maxim Integrated Products MAX16824EUE+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
High-Voltage, Three-Channel Linear
High-Brightness LED Drivers
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
IN to GND ...............................................................-0.3V to +30V
OUT1, OUT2, OUT3 to GND ..................................-0.3V to +40V
CS1, CS2, CS3, REG to GND...................................-0.3V to +6V
PWM1, PWM2, PWM3 to GND .................................-0.3V to +6V
DIN, CLK, LE, OE, DOUT to GND ............................-0.3V to +6V
Maximum Current into Any Pin
(except OUT1, OUT2, OUT3) ........................................±20mA
Maximum Current into OUT1, OUT2, OUT3......................160mA
Continuous Power Dissipation (TA = +70°C)
16-Pin TSSOP-EP (derate 18.9mW/°C above +70°C)....1500mW
Operating Temperature Range ...........................-40°C to +85°C
Junction Temperature ......................................................+150°C
Storage Temperature Range .............................-65°C to +150°C
Lead Temperature (soldering, 10s) .................................+300°C
ELECTRICAL CHARACTERISTICS
(VIN = 12V, CREG = 1µF to GND, IREG = 0, RCS_ = 2Ω from CS_ to GND, TJ = TA = -40°C to +85°C, unless otherwise noted. Typical
values are at TJ = TA = +25°C.) (Note 1)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage Range
VIN
6.5
28.0
V
GND Current
IGND
IOUT1 = IOUT2 = IOUT3 =100mA
5
10
mA
10mA < IOUT_ < 100mA,
0°C
≤ TJ ≤ 85°C
5
LED Current-Sense Accuracy
(Note 2)
10mA < IOUT_ < 100mA,
-40°C
≤ TJ ≤ 85°C
7
%
IOUT_ = 100mA (current pulsed)
0.75
1.5
Dropout Voltage (Note 3)
ΔVDO
IOUT_ = 150mA (current pulsed)
1.2
2.25
V
Output Current Slew Rate
Current rising, VOUT = 4V
100
mA/µs
Output Current Leakage
ILEAK
PWM1 = PWM2 = PWM3 = 0V
1
µA
CURRENT SENSE
VCS1 = VCS2 = VCS3 , 0°C
≤ TJ ≤ +85°C
190
200
210
Regulated CS_ Voltage
VCS_
VCS1 = VCS2 = VCS3 , -40°C
≤ TJ ≤ +85°C
186
200
214
mV
OVERTEMPERATURE PROTECTION
Thermal Shutdown Temperature
165
°C
Thermal Shutdown Hysteresis
23
°C
+5V REGULATOR (REG)
Output Voltage
VREG
IREG = 0mA (Note 4)
4.75
5
5.25
V
REG Output Current
IREG
4.75V < VREG
4mA
REG Short-Circuit Current
IREGSC
VREG = 0V (Note 5)
15
40
90
mA
LOGIC INPUT (PWM1, PWM2, PWM3)
PWM_ Input Bias Current
IPWM
VPWM1 = VPWM2 = VPWM3 = 5V
1
µA
PWM_ Input-Voltage High
VIH
4V
PWM_ Input-Voltage Low
VIL
0.6
V
PWM_ Turn-On Delay
50% of VPWM_ to 50% of
ΔVOUT_
475
ns
PWM_ Turn-Off Delay
50% of VPWM_ to 50% of
ΔVOUT_
150
ns


Similar Part No. - MAX16824EUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824EVKIT MAXIM-MAX16824EVKIT Datasheet
84Kb / 5P
   MAX16824 Evaluation Kit
Rev 0; 2/08
More results

Similar Description - MAX16824EUE+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16824 MAXIM-MAX16824_09 Datasheet
307Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 2; 4/09
MAX16824 MAXIM-MAX16824_08 Datasheet
211Kb / 15P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 1; 1/08
MAX16824 MAXIM-MAX16824_13 Datasheet
206Kb / 13P
   High-Voltage, Three-Channel Linear High-Brightness LED Drivers
Rev 3; 1/13
MAX16815 MAXIM-MAX16815 Datasheet
198Kb / 11P
   High-Voltage, 100mA/200mA Adjustable Linear High-Brightness LED Drivers with PWM Dimming
Rev 1; 7/09
logo
Shanghai Consonance Ele...
CN5501 CONSONANCE-CN5501 Datasheet
344Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
CN5502 CONSONANCE-CN5502 Datasheet
349Kb / 9P
   High-Voltage, Linear High-Brightness LED Driver IC
logo
Maxim Integrated Produc...
MAX16823 MAXIM-MAX16823_15 Datasheet
830Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 4; 8/15
MAX16823 MAXIM-MAX16823_09 Datasheet
193Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 3; 9/09
MAX16823 MAXIM-MAX16823_V01 Datasheet
770Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
2017
MAX16823 MAXIM-MAX16823_08 Datasheet
195Kb / 12P
   High-Voltage, 3-Channel Linear High-Brightness LED Driver with Open LED Detection
Rev 2; 10/08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com