Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1200SC82S-3.0G Datasheet(PDF) 3 Page - YOBON TECHNOLOGIES,INC.

Part # YB1200SC82S-3.0G
Description  High Accuracy Ultra-Low-Noise, High PSRR LDO Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1200SC82S-3.0G Datasheet(HTML) 3 Page - YOBON TECHNOLOGIES,INC.

  YB1200SC82S-3.0G Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1200SC82S-3.0G Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1200SC82S-3.0G Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1200SC82S-3.0G Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1200SC82S-3.0G Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1200SC82S-3.0G Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1200SC82S-3.0G Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1200SC82S-3.0G Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1200SC82S-3.0G Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
YB1200 – High Accuracy
Ultra-Low-Noise, High PSRR LDO Regulator
YB1200 MRev.1.4
www.yobon.com.tw
3
Ordering Information
Table 2
YB1200 Order Information
Output Voltage
Grade
Order Information
Package Marking
Supplied as:
SC70-5 Small Package
1.8
Green Package+ Standard
YB1200SC70S-1.8G
BA
3000 Units Tape & Reel
2.5
Green Package+ Standard
YB1200SC70S-2.5G
BB
3000 Units Tape & Reel
2.6
Green Package+ Standard
YB1200SC70S-2.6G
BE
3000 Units Tape & Reel
2.8
Green Package+ Standard
YB1200SC70S-2.8G
BC
3000 Units Tape & Reel
3.0
Green Package+ Standard
YB1200SC70S-3.0G
BF
3000 Units Tape & Reel
3.3
Green Package+ Standard
YB1200SC70S-3.3G
BD
3000 Units Tape & Reel
SC-82 Small Package
1.8
Green Package+ Standard
YB1200SC82S-1.8G
DA
3000 Units Tape & Reel
2.5
Green Package+ Standard
YB1200SC82S-2.5G
DB
3000 Units Tape & Reel
2.6
Green Package+ Standard
YB1200SC82S-2.6G
DE
3000 Units Tape & Reel
2.8
Green Package+ Standard
YB1200SC82S-2.8G
DC
3000 Units Tape & Reel
3.0
Green Package+ Standard
YB1200SC82S-3.0G
DF
3000 Units Tape & Reel
3.3
Green Package+ Standard
YB1200SC82S-3.3G
DD
3000 Units Tape & Reel


Similar Part No. - YB1200SC82S-3.0G

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1200R YOBON-YB1200R Datasheet
698Kb / 11P
   150mA High PSRR with Auto-Discharge LDO Regulator
More results

Similar Description - YB1200SC82S-3.0G

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
NCV8161 ONSEMI-NCV8161 Datasheet
633Kb / 16P
   Ultra-Low Noise and High PSRR LDO Regulator
November, 2016 ??Rev. 1
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
   Low Noise, High PSRR LDO Regulator
VER 1.3
logo
Renesas Technology Corp
RAA214023 RENESAS-RAA214023 Datasheet
2Mb / 45P
   Ultra Low Noise, High PSRR, LDO
Feb 3, 2023
RAA214020 RENESAS-RAA214020 Datasheet
2Mb / 46P
   Ultra Low Noise, High PSRR, LDO
Dec 17, 2021
logo
Asahi Kasei Microsystem...
AK1110AEU AKM-AK1110AEU_17 Datasheet
1Mb / 19P
   2ch Output, Ultra High PSRR, Ultra Low Noise LDO Regulator
logo
ON Semiconductor
NCP148 ONSEMI-NCP148 Datasheet
578Kb / 12P
   Ultra-Low Noise High PSRR LDO Regulator Analog Circuits
June, 2017 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com