Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17014ETM+ Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX17014ETM+
Description  Low-Cost Multiple-Output Power Supply for LCD TVs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17014ETM+ Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX17014ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 9Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 10Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 11Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 12Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
Low-Cost Multiple-Output
Power Supply for LCD TVs
_______________________________________________________________________________________
9
Note 2: When the inductor is in continuous conduction (EN2 = VL or heavy load), the output voltage has a DC regulation level lower than
the error comparator threshold by 50% of the output voltage ripple. In discontinuous conduction (EN2 = GND with light load), the
output voltage has a DC regulation level higher than the error comparator threshold by 50% of the output voltage ripple.
Note 3: Disables boost switching if either SUP, SWI, or OVIN exceeds the threshold. Switching resumes when no threshold is exceeded.
Note 4: Specifications to -40°C are guaranteed by design, not production tested.
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = IN2 = 12V, AVDD = OVIN = SUP = 15V, TA = -40°C to +85°C. Typical values are at TA = +25°C, unless oth-
erwise noted.) (Note 4)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
MODE Voltage Threshold for Enabling
DRN Switch Control in Mode 2
GON connects to DRN
1.2
1.3
V
MODE Current-Source Stop Voltage
Threshold
MODE rising edge
2
3
V
THR-to-GON Voltage Gain
9.4
10.6
V/V
SEQUENCE CONTROL
EN1, EN2 Input Low Voltage
0.6
V
EN1, EN2 Input High Voltage
1.6
V
SWITCHING FREQUENCY SELECTION
FSEL Input Low Voltage
600kHz
0.6
V
FSEL Input High Voltage
1.2MHz
1.6
V
Typical Operating Characteristics
(Circuit of Figure 1. VIN = VINL = VSUPP = 12V, AVDD = 16V, VGON = 34.5V, VGOFF = -6V, VOUT1 = 3.3V, TA = +25°C, unless other-
wise noted.)
STEP-DOWN REGULATOR EFFICIENCY
vs. LOAD CURRENT
LOAD CURRENT (A)
1
0.1
55
60
65
70
75
80
85
50
0.01
10
EN1 = VL, EN2 = GND
EN1 = VL, EN2 = VL
STEP-DOWN REGULATOR
OUTPUT VOLTAGE vs. LOAD CURRENT
LOAD CURRENT (A)
1.60
2.00
1.20
0.80
0.40
3.225
3.250
3.275
3.300
3.325
3.350
3.200
0
2.40
EN1 = VL, EN2 = GND
EN1 = VL, EN2 = VL
STEP-DOWN REGULATOR
LOAD TRANSIENT RESPONSE
MAX17014 toc03
10
µs/div
A: VOUT, 100mV/div
B: LOAD CURRENT, 2A/div
C: INDUCTOR CURRENT, 1A/div
A
B
C
0A
3.3V
2A
0.1A


Similar Part No. - MAX17014ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014ETM++ MAXIM-MAX17014ETM+ Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
More results

Similar Description - MAX17014ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Global Mixed-mode Techn...
G5567 GMT-G5567 Datasheet
118Kb / 1P
   6-CH Bias Power Supply for LCD TVs
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com