Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX17014ETM+ Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX17014ETM+
Description  Low-Cost Multiple-Output Power Supply for LCD TVs
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17014ETM+ Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX17014ETM+ Datasheet HTML 1Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 2Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 3Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 4Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 5Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 6Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 7Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 8Page - Maxim Integrated Products MAX17014ETM+ Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Low-Cost Multiple-Output
Power Supply for LCD TVs
_______________________________________________________________________________________
3
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
REFERENCE
REF Output Voltage
No external load
1.235
1.250
1.265
V
REF Load Regulation
0 < ILOAD < 50μA
10
mV
REF Sink Current
In regulation
10
μA
REF Undervoltage Lockout Threshold
Rising edge; 20mV typical hysteresis
1.0
1.2
V
STEP-DOWN REGULATOR
0°C < TA < +85°C
3.25
3.30
3.35
OUT Voltage in Fixed Mode
FB2 = GND, no load
(Note 2)
TA = +25°C
3.267
3.333
V
0°C < TA < +85°C
1.23
1.25
1.27
FB2 Voltage in Adjustable Mode
VOUT = 2.5V, no load
(Note 2)
TA = +25°C
1.2375
1.2625
V
FB2 Adjustable-Mode Threshold
Voltage
Dual-mode comparator
0.10
0.15
0.20
V
Output Voltage Adjust Range
Step-down output
1.5
5.0
V
FB2 Fault Trip Level
Falling edge
0.96
1.00
1.04
V
FB2 Input Leakage Current
VFB2 = 1.5V
50
125
200
nA
DC Load Regulation
0A < ILOAD < 2A
0.5
%
DC Line Regulation
No load, 10.8V < VIN2 < 13.2V
0.1
%/V
LX2-to-IN2 nMOS Switch
On-Resistance
120
240
m
LX2-to-CPGND nMOS Switch
On-Resistance
6
10
23
BST-to-VL PMOS Switch
On-Resistance
7
12
20
Low-Frequency Operation
OUT Threshold
Step-down only
0.8
V
FSEL = VIN
217
Low-Frequency Operation
Switching Frequency
FSEL = GND
108
kHz
LX2 Positive Current Limit
2.50
3
3.50
A
Soft-Start Period
3
ms
Soft-Start Step Size
VREF /
128
V
Maximum Duty Factor
70
80
90
%
STEP-UP REGULATOR
Output Voltage Range
VVIN
20
V
Oscillator Maximum Duty Cycle
69
75
81
%
Minimum tON
70
ns
0°C < TA < +85°C
1.235
1.25
1.265
FB1 Regulation Voltage
FB1 = COMP,
CCOMP = 1nF
TA = +25°C
1.2375
1.2625
V
FB1 Fault Trip Level
Falling edge
0.96
1.00
1.04
V
ELECTRICAL CHARACTERISTICS (continued)
(Circuit of Figure 1, VIN = IN2 = 12V, AVDD = OVIN = SUP = 15V, TA = 0°C to +85°C. Typical values are at TA = +25°C, unless otherwise
noted.)


Similar Part No. - MAX17014ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014ETM++ MAXIM-MAX17014ETM+ Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
More results

Similar Description - MAX17014ETM+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17014 MAXIM-MAX17014_10 Datasheet
540Kb / 33P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 1; 11/09
MAX17113 MAXIM-MAX17113 Datasheet
1Mb / 30P
   Low-Cost, Multiple-Output Power Supply for LCD TVs
Rev 0; 8/09
MAX17014A MAXIM-MAX17014A Datasheet
626Kb / 32P
   Low-Cost Multiple-Output Power Supply for LCD TVs
Rev 0; 8/08
MAX8728 MAXIM-MAX8728 Datasheet
424Kb / 29P
   Low-Cost, Multiple-Output Power Supply for LCD Monitors/TVs
Rev 0; 1/06
MAX1530 MAXIM-MAX1530 Datasheet
708Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 0; 5/03
MAX1530 MAXIM-MAX1530_09 Datasheet
607Kb / 33P
   Multiple-Output Power-Supply Controllers for LCD Monitors
Rev 1; 11/09
logo
Monolithic Power System...
MP5600 MPS-MP5600 Datasheet
664Kb / 26P
   Compact Multiple-Output Power Supply for TV-LCD panel
logo
Global Mixed-mode Techn...
G5567 GMT-G5567 Datasheet
118Kb / 1P
   6-CH Bias Power Supply for LCD TVs
logo
Phihong USA Inc.
PSA-2041U PHIHONG-PSA-2041U Datasheet
82Kb / 2P
   Multiple Output Switching Power Supply
logo
Torex Semiconductor
XC9516 TOREX-XC9516 Datasheet
1Mb / 26P
   Triple Output Power Supply for TFT-LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com