Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QM30E2Y Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # QM30E2Y
Description  MEDIUM POWER SWITCHING USE INSULATED TYPE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

QM30E2Y Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  QM30E2Y Datasheet HTML 1Page - Mitsubishi Electric Semiconductor QM30E2Y Datasheet HTML 2Page - Mitsubishi Electric Semiconductor QM30E2Y Datasheet HTML 3Page - Mitsubishi Electric Semiconductor QM30E2Y Datasheet HTML 4Page - Mitsubishi Electric Semiconductor QM30E2Y Datasheet HTML 5Page - Mitsubishi Electric Semiconductor QM30E2Y Datasheet HTML 6Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Feb.1999
PERFORMANCE CURVES (Diode part (D1))
MITSUBISHI TRANSISTOR MODULES
QM30E2Y/E3Y-H
MEDIUM POWER SWITCHING USE
INSULATED TYPE
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC (TRANSISTOR)
TIME (s)
FORWARD CHARACTERISTICS
(TYPICAL)
MAXIMUM SURGE CURRENT
CONDUCTION TIME
(CYCLES AT 60Hz)
FORWARD VOLTAGE
VF (A)
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
TRANSIENT THERMAL IMPEDANCE
CHARACTERISTIC
FORWARD CURRENT
IF (A)
TIME (s)
1
10
0
10
0
10
–1
10
–2
10
–3
10
–1
10
–1
10
2
10
1
10
0
10
2
10
1
10
0
10
3
10
2
10
1
10
0
10
0
10
–1
10
–2
10
–3
10
2
10
1
10
0
10
2
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0.4
0.8
1.2
1.6
2.0
2.4
Tj=25°C
Tj=125°C
2
10
1
10
7
5
4
3
2
0
10
7
5
4
3
2
0
100
200
300
400
500
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
7
5
3
2
4
4
4
Tj=25°C
Tj=125°C
Irr
Qrr
trr
VCC=300V
IB1=–IB2=0.6A
7
5
3
2
7
5
3
2
7
5
3
2
0.4
0.8
1.2
1.6
2.0
0
3
2
7
5
3
2
4
4
4
4
4
5 7
7
5
3
2
7
5
3
2
7
5
3
2
0.1
0.2
0.3
0.4
0.5
0
7
5
3
2
7
5
3
2
4
4
4
4
4


Similar Part No. - QM30E2Y

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM30E2Y-2H MITSUBISHI-QM30E2Y-2H Datasheet
101Kb / 6P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - QM30E2Y

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
QM15TG-9B MITSUBISHI-QM15TG-9B Datasheet
73Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50HA-H MITSUBISHI-QM50HA-H Datasheet
61Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15TB-2H MITSUBISHI-QM15TB-2H Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-H MITSUBISHI-QM50DY-H Datasheet
70Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM15HA-H MITSUBISHI-QM15HA-H Datasheet
62Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50DY-24B MITSUBISHI-QM50DY-24B Datasheet
78Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM50TF-24H MITSUBISHI-CM50TF-24H Datasheet
57Kb / 4P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30TF-HB MITSUBISHI-QM30TF-HB Datasheet
88Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM30DY-H MITSUBISHI-QM30DY-H Datasheet
69Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
CM15MD-24H MITSUBISHI-CM15MD-24H Datasheet
154Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
QM50TB-2HB MITSUBISHI-QM50TB-2HB Datasheet
86Kb / 5P
   MEDIUM POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com