Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1210ST23S-3.3G Datasheet(PDF) 8 Page - YOBON TECHNOLOGIES,INC.

Part # YB1210ST23S-3.3G
Description  300mA Ultra-Low-Noise, High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1210ST23S-3.3G Datasheet(HTML) 8 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1210ST23S-3.3G Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1210ST23S-3.3G Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1210ST23S-3.3G Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1210ST23S-3.3G Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1210ST23S-3.3G Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1210ST23S-3.3G Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1210ST23S-3.3G Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC. YB1210ST23S-3.3G Datasheet HTML 11Page - YOBON TECHNOLOGIES,INC. YB1210ST23S-3.3G Datasheet HTML 12Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
YB1210 – 300mA
Ultra-Low-Noise, High PSRR LDO Regulator
YB1210 MRev.1.5
www.yobon.com.tw
8
SHUTDOWN AND
POWER-ON CONTROL
THERMAL
SENSOR
ERROR
AMP
REFERENCE
AND NOISE BYPASS
MOS DRIVER
WITH LIMIT
IN
GND
EN
OUT
P
Figure 3. Block Diagram
Functional Block Diagram
Functional Description
The
YB1210
is
an
ultra-low-noise,
low-quiescent current, low-dropout linear
regulator. It is supplied in a SOT-23 /
SOT-25 / SOT-89 package for different
applications. These devices can supply
loads up to 250mA. As shown in the
Functional Block Diagram, the YB1210
consists of a reference and noise bypass
circuit,
error
amplifier,
output
drive
transistor, internal feedback voltage divider,
thermal sensor, and short circuit current
limiter. The internal reference is connected
to the error amplifier’s inverting input. The
error amplifier compares this reference with
the feedback voltage and amplifies the
difference. If the feedback voltage is lower
than
the
reference
voltage,
the
pass-transistor gate is pulled low. This
allows more current to pass to the output
and increases the output voltage. If the
feedback voltage is too high, the pass
transistor gate is pulled high, allowing less
current to pass to the output. The parts are
available with preset output voltages
ranging from 1.8V to 3.3V.
Stability
The YB1210 is a high performance LDO
emphasizing stability with low output
capacitance. It is able to maintain stability
with an output capacitor as low as 0.47uF.
The output capacitor can also be increased
to optimize performance. The YB1210 will
remain stable and in regulation with no load,
unlike many other voltage regulators.
Internal P-Channel Pass Transistor
The YB1210 features a low impedance
P-channel MOSFET pass transistor. This
provides several advantages over similar


Similar Part No. - YB1210ST23S-3.3G

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210ST23R120 YOBON-YB1210ST23R120 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST23R130 YOBON-YB1210ST23R130 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST23R140 YOBON-YB1210ST23R140 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST23R150 YOBON-YB1210ST23R150 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST23R160 YOBON-YB1210ST23R160 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1210ST23S-3.3G

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
   300mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com