Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1210ST8RS-3.3G Datasheet(PDF) 6 Page - YOBON TECHNOLOGIES,INC.

Part # YB1210ST8RS-3.3G
Description  300mA Ultra-Low-Noise, High PSRR LDO Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1210ST8RS-3.3G Datasheet(HTML) 6 Page - YOBON TECHNOLOGIES,INC.

Back Button YB1210ST8RS-3.3G Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1210ST8RS-3.3G Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1210ST8RS-3.3G Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1210ST8RS-3.3G Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1210ST8RS-3.3G Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1210ST8RS-3.3G Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1210ST8RS-3.3G Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1210ST8RS-3.3G Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. YB1210ST8RS-3.3G Datasheet HTML 10Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
YB1210 – 300mA
Ultra-Low-Noise, High PSRR LDO Regulator
YB1210 MRev.1.5
www.yobon.com.tw
6
Dropout Voltage vs Temperature
0
100
200
300
400
500
600
700
0
10
30
50
70
90
110 130 150 170 190 210 230 250
Load Current (m A)
Output Voltage vs. Temperature
2.81
2.82
2.83
2.84
2.85
2.86
2.87
2.88
2.89
25
35
45
55
65
75
85
Temperature (℃)
Shutdown Exit Delay
Vo=2.84V
RLoad=50
Shutdown
Voltage
ILoad=80mA
ILoad=1mA
25℃
85℃
Vo=2.8V


Similar Part No. - YB1210ST8RS-3.3G

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210ST8RR120 YOBON-YB1210ST8RR120 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST8RR130 YOBON-YB1210ST8RR130 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST8RR140 YOBON-YB1210ST8RR140 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST8RR150 YOBON-YB1210ST8RR150 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
YB1210ST8RR160 YOBON-YB1210ST8RR160 Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
More results

Similar Description - YB1210ST8RS-3.3G

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
   300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007 Datasheet
205Kb / 5P
   300mA Ultra-Low-Noise, High PSRR LDO Regulator
logo
Excelliance MOS Corp.
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
   300mA, High PSRR, Low Noise LDO Regulator
EM1105 EXCELLIANCE-EM1105 Datasheet
756Kb / 8P
   300mA, High PSRR, Low Noise, Adjustable LDO Regulator
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
   300mA High PSRR Low Noise, Adjustable LDO Regulator
logo
Asahi Kasei Microsystem...
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
   300mA Output,High PSRR,Low Noise LDO Regulator
logo
Micrel Semiconductor
MIC5323 MICREL-MIC5323 Datasheet
474Kb / 15P
   High PSRR Low Noise 300mA 關Cap Ultra-Low Dropout LDO Regulator
logo
Eutech Microelectronics...
EUP7917 EUTECH-EUP7917 Datasheet
277Kb / 12P
   300mA, High PSRR Low-Noise LDO
logo
Cystech Electonics Corp...
LM1101N5 CYSTEKEC-LM1101N5 Datasheet
744Kb / 10P
   300mA High PSRR Low Noise LDO
logo
Lowpower Semiconductor ...
LP3986 POWER-LP3986 Datasheet
679Kb / 6P
   300mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com