Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61160 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61160
Description  White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61160 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61160 Datasheet HTML 2Page - Texas Instruments TPS61160 Datasheet HTML 3Page - Texas Instruments TPS61160 Datasheet HTML 4Page - Texas Instruments TPS61160 Datasheet HTML 5Page - Texas Instruments TPS61160 Datasheet HTML 6Page - Texas Instruments TPS61160 Datasheet HTML 7Page - Texas Instruments TPS61160 Datasheet HTML 8Page - Texas Instruments TPS61160 Datasheet HTML 9Page - Texas Instruments TPS61160 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
www.ti.com
40
50
60
70
80
90
100
0
10
20
30
40
50
6LEDs- TPS61160
V =3.6V
I
V =3V
I
V =4.2V
I
OutputCurrent-mA
40
50
60
70
80
90
100
0
10
20
30
40
50
OutputCurrent-mA
4(12.8V),6(19.2V)LEDs
8(25.6V),10(32V)LEDs
6LEDs
V =3.6V
I
4LEDs
8LEDs
10LEDs
300
400
500
600
700
800
900
1000
20
30
40
50
60
70
80
90
DutyCycle-%
40
50
60
70
80
90
100
0
10
20
30
40
50
10LEDs- TPS61161
V =5V
I
V =3.6V
I
V =12V
I
OutputCurrent-mA
300
400
500
600
700
800
900
1000
-40
-20
0
20
40
60
80
100
120
140
Temperature- C
°
0
20
40
60
80
100
120
140
160
180
200
0
2
4
6
8
10
12
14
16
18
20
22
24
26
28
30
32
EasyScaleStepStep
TPS61160
TPS61161
SLVS791 – NOVEMBER 2007
EFFICIENCY
EFFICIENCY
vs
vs
OUTPUT CURRENT
OUTPUT CURRENT
Figure 2.
Figure 3.
EFFICIENCY
SWITCH CURRENT LIMIT
vs
vs
OUTPUT CURRENT
DUTY CYCLE
Figure 4.
Figure 5.
SWITCH CURRENT LIMIT
FB VOLTAGE
vs
vs
TEMPERATURE
EASYSCALE STEP
Figure 6.
Figure 7.
6
Submit Documentation Feedback
Copyright © 2007, Texas Instruments Incorporated
Product Folder Link(s): TPS61160 TPS61161


Similar Part No. - TPS61160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160 TI1-TPS61160 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160 Datasheet
1Mb / 39P
[Old version datasheet]   White LED Drivers With Digital and PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   TPS6116xA White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
TPS61160A TI1-TPS61160A Datasheet
1Mb / 31P
[Old version datasheet]   White LED Driver with PWM Brightness Control in 2-mm x 2-mm WSON Package
More results

Similar Description - TPS61160

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61160A TI-TPS61160A Datasheet
834Kb / 20P
[Old version datasheet]   White LED Driver With PWM Brightness Control in 2mm x 2mm QFN Package for up to 10 LEDs in Series
TPS61160DRVRG4 TI1-TPS61160DRVRG4 Datasheet
1Mb / 27P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61160 TI1-TPS61160_14 Datasheet
1Mb / 28P
[Old version datasheet]   White LED Driver With Digital and PWM Brightness Control in 2mm x 2mm QFN Package
TPS61165 TI-TPS61165 Datasheet
503Kb / 21P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN Package
logo
Global Mixed-mode Techn...
G5139 GMT-G5139 Datasheet
54Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
G5129 GMT-G5129 Datasheet
53Kb / 1P
   Boost White LED Driver with PWM Brightness Control in 2mm x 2mm TDFN Package
logo
Texas Instruments
TPS61165 TI-TPS61165_10 Datasheet
862Kb / 26P
[Old version datasheet]   High Brightness White LED Driver in 2mm x 2mm QFN and SOT-23 Packages
TPS61161-Q1 TI1-TPS61161-Q1 Datasheet
885Kb / 25P
[Old version datasheet]   WHITE LED DRIVER WITH DIGITAL AND PWM BRIGHTNESS CONTROL FOR UP TO 10 LEDs IN SERIES
logo
Rohm
BD6067GU ROHM-BD6067GU_12 Datasheet
564Kb / 17P
   White LED Driver with PWM Brightness Control for up to 8 LEDs in Series
logo
Will Semiconductor Ltd.
WD3138 WILLSEMI-WD3138 Datasheet
1Mb / 23P
   White LED Driver with Digital and PWM Brightness Control in Tiny Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com