Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3341EEUD Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # MAX3341EEUD
Description  ±15kV ESD-Protected USB Level Translator in UCSP with USB Detect
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3341EEUD Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button MAX3341EEUD Datasheet HTML 6Page - Maxim Integrated Products MAX3341EEUD Datasheet HTML 7Page - Maxim Integrated Products MAX3341EEUD Datasheet HTML 8Page - Maxim Integrated Products MAX3341EEUD Datasheet HTML 9Page - Maxim Integrated Products MAX3341EEUD Datasheet HTML 10Page - Maxim Integrated Products MAX3341EEUD Datasheet HTML 11Page - Maxim Integrated Products MAX3341EEUD Datasheet HTML 12Page - Maxim Integrated Products MAX3341EEUD Datasheet HTML 13Page - Maxim Integrated Products MAX3341EEUD Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
occurs with handling and assembly during manufactur-
ing. All pins require this protection during manufactur-
ing. Therefore, after PC board assembly, the Machine
Model is less relevant to I/O ports.
Applications Information
External Components
External Resistors
Two external 23.7
Ω ±1%, 1/2W resistors are required
for USB connection. Place the resistors in between the
MAX3341E and the USB connector on the D+ and D-
lines. See Typical Operating Circuit.
External Capacitors
Use three external capacitors for proper operation. Use
a 0.1µF ceramic for decoupling VL, a 1µF ceramic for
decoupling VCC, and a 1.0µF (min) ceramic or plastic
filter capacitor on VTRM. Return all capacitors to GND.
UCSP Reliability
The UCSP represents a unique packaging form factor
that may not perform equally to a packaged product
through traditional mechanical reliability tests. CSP reli-
ability is integrally linked to the user’s assembly meth-
ods, circuit board material, and usage environment.
The user should closely review these areas when con-
sidering use of a CSP package. Performance through
Operating Life Test and Moisture Resistance remains
uncompromised as it is primarily determined by the
wafer-fabrication process.
Mechanical stress performance is a greater considera-
tion for a CSP package. CSPs are attached through
direct solder contact to the user’s PC board, foregoing
the inherent stress relief of a packaged product lead
frame. Solder joint contact integrity must be consid-
ered. Table 2 shows the testing done to characterize
the CSP reliability performance. In conclusion, the
UCSP is capable of performing reliably through envi-
ronmental stresses as indicated by the results in Table
2. Additional usage data and recommendations are
detailed in the UCSP application note, which can be
found on Maxim’s website at www.maxim-ic.com.
±15kV ESD-Protected USB Level Translator in
UCSP with USB Detect
10
______________________________________________________________________________________
D+/D-
tPDZ
tPZD
VOHD - 0.3V
VOLD + 0.3V
VL
0
VL/2
OE
Figure 2. Enable and Disable Timing, Transmitter
VPO
D+/D-
tPHLO
VL
0
0.8V
2V
VL/2
Figure 3. Mode 0 Timing
VPO/VMO
D+/D-
tPLH1
tPHL1
VL
0
0.8V
2V
VL/2
Figure 4. Mode 1 Timing


Similar Part No. - MAX3341EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX334 MAXIM-MAX334 Datasheet
126Kb / 4P
   High Speed Quad SPST Analog Switch
MAX3344E MAXIM-MAX3344E Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3344EEBE-T MAXIM-MAX3344EEBE-T Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3344EEUE MAXIM-MAX3344EEUE Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3345E MAXIM-MAX3345E Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
More results

Similar Description - MAX3341EEUD

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3346E MAXIM-MAX3346E Datasheet
389Kb / 17P
   ±15kV ESD-Protected USB Transceiver in UCSP
Rev 0; 2/04
MAX3344E MAXIM-MAX3344E Datasheet
406Kb / 15P
   -5kV ESD-Protected USB Transceivers in UCSP with USB Detect
Rev 0; 2/04
MAX3450E MAXIM-MAX3450E_08 Datasheet
210Kb / 14P
   ±15kV ESD-Protected USB Transceivers
Rev 2; 10/08
MAX3453E MAXIM-MAX3453E_06 Datasheet
325Kb / 19P
   ±15kV ESD-Protected USB Transceivers
Rev 4; 2/06
MAX3355E MAXIM-MAX3355E Datasheet
276Kb / 11P
   /-15kV ESD-Protected USB On-the-Go Charge Pump and Comparators in UCSP
Rev 1; 8/03
MAX3372E MAXIM-MAX3372E_07 Datasheet
490Kb / 31P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 2; 11/07
MAX3378EEBC MAXIM-MAX3378EEBC Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3372E MAXIM-MAX3372E_14 Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1μA, 16Mbps, Dual/Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX3376EEKA MAXIM-MAX3376EEKA Datasheet
357Kb / 26P
   ±15kV ESD-Protected, 1uA, 16Mbps, Dual Quad Low-Voltage Level Translators in UCSP
Rev 3; 1/13
MAX13481E MAXIM-MAX13481E Datasheet
289Kb / 19P
   ±15kV ESD-Protected USB Transceivers with External/Internal Pullup Resistors
Rev 2; 1/06
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com