Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX9707 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX9707
Description  3-Channel, 2.3W, Filterless Class D Amplifiers with Active Crossover
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX9707 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX9707 Datasheet HTML 7Page - Maxim Integrated Products MAX9707 Datasheet HTML 8Page - Maxim Integrated Products MAX9707 Datasheet HTML 9Page - Maxim Integrated Products MAX9707 Datasheet HTML 10Page - Maxim Integrated Products MAX9707 Datasheet HTML 11Page - Maxim Integrated Products MAX9707 Datasheet HTML 12Page - Maxim Integrated Products MAX9707 Datasheet HTML 13Page - Maxim Integrated Products MAX9707 Datasheet HTML 14Page - Maxim Integrated Products MAX9707 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
3-Channel, 2.3W, Filterless Class D Amplifiers
with Active Crossover
______________________________________________________________________________________
11
Typical Operating Characteristics—Headphone Mode (continued)
(VDD = PVDD = HPVDD = 5V, GND = PGND = CPGND = 0V, SHDN = VDD, GAIN1 = GAIN2 = GND (+9dB), FS0 = FS1 = GND (800Hz),
MGAIN = float (-6dB), SYNC_IN = VDD (SSM), speaker load RL connected between OUT+ and OUT-, unless otherwise noted, RL =
∞.
Headphone load RLH connected between HPR/HPL to GND. CBIAS = 1µF to GND, 1µF capacitor between C1P and C1N, CVSS = 1µF.
TA = TMIN to TMAX, unless otherwise noted. Typical values at TA = +25°C.)
POWER-SUPPLY REJECTION RATIO
vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-100
-80
-60
-40
-20
0
-120
10
100k
VRIPPLE = 100mVP-P
INPUTS AC-GROUNDED
RIGHT
LEFT
CROSSTALK vs. FREQUENCY
FREQUENCY (Hz)
10k
1k
100
-70
-60
-50
-40
-30
-20
-10
0
-80
10
100k
RL = 32
POUT = 32mW
RIGHT TO LEFT
LEFT TO RIGHT
OUTPUT POWER
vs. CHARGE-PUMP CAPACITANCE
LOAD (
Ω)
45
40
20
25
30
35
30
40
50
60
70
80
90
100
20
15
50
f = 1kHz
THD+N = 1%
C1 = C2 = 0.22
µF
C1 = C2 = 0.47
µF
C1 = C2 = 1
µF
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.0
4.5
4.0
3.5
10
20
30
40
0
3.0
5.5
SUPPLY VOLTAGE = IVDD + IHPVDD
HPS = GND
HPVDD = 3.3V
HPS = VDD
VDD = 5V
OUTPUT FREQUENCY SPECTRUM
FREQUENCY (kHz)
15
10
5
-120
-100
-80
-60
-40
-20
0
-140
020
VOUT = -60dBV
f = 1kHz
RL = 32
TURN-ON/-OFF RESPONSE
MAX9706 toc36
2V/div
1V/div
100ms/div


Similar Part No. - MAX9707

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX970 MAXIM-MAX970 Datasheet
116Kb / 12P
   Single/Dual/Quad, Micropower, Ultra-Low-Voltage, Rail-to-Rail I/O Comparators
Rev 0; 4/97
MAX9700 MAXIM-MAX9700 Datasheet
532Kb / 19P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 1; 6/04
MAX9700 MAXIM-MAX9700 Datasheet
340Kb / 20P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
Rev 2; 10/08
MAX9700 MAXIM-MAX9700 Datasheet
2Mb / 17P
   1.2W, Low-EMI, Filterless, Class D Audio Amplifier
19-3030; Rev 3; 3/18
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
More results

Similar Description - MAX9707

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9705 MAXIM-MAX9705_09 Datasheet
477Kb / 18P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 3; 5/09
MAX9705 MAXIM-MAX9705 Datasheet
2Mb / 20P
   2.3W, Ultra-Low-EMI, Filterless, Class D Audio Amplifier
Rev 0; 7/05
logo
Texas Instruments
LM48410 TI1-LM48410 Datasheet
1Mb / 24P
[Old version datasheet]   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier
logo
Maxim Integrated Produc...
MAX9796 MAXIM-MAX9796_V01 Datasheet
427Kb / 28P
   2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
19-0866; Rev 1; 1/08
MAX9796 MAXIM-MAX9796 Datasheet
358Kb / 27P
   2.3W, High-Power Class D Audio Subsystem with DirectDrive Headphone Amplifiers
Rev 0; 7/07
logo
National Semiconductor ...
LM48410 NSC-LM48410 Datasheet
735Kb / 20P
   Low EMI, Filterless, 2.3W Stereo Class D Audio Power Amplifier with National 3D Enhancement
logo
Maxim Integrated Produc...
MAX9713 MAXIM-MAX9713 Datasheet
508Kb / 18P
   6W, Filterless, Spread-Spectrum Mono/Stereo Class D Amplifiers
Rev 2; 9/04
logo
Rohm
BD5471MUV ROHM-BD5471MUV Datasheet
506Kb / 22P
   2.3W2.3W Class-D Speaker Amplifier for Differential Analog input
logo
Maxim Integrated Produc...
MAX9770 MAXIM-MAX9770_V01 Datasheet
468Kb / 22P
   1.2W, Low-EMI, Filterless, Mono Class D Amplifier with Stereo DirectDrive Headphone Amplifiers
19-3134; Rev 2; 4/08
MAX9703 MAXIM-MAX9703_V01 Datasheet
1Mb / 24P
   10W Stereo/15W Mono, Filterless, Spread-Spectrum, Class D Amplifiers
19-3160; Rev 8; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com