Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1230ST8RX180 Datasheet(PDF) 4 Page - YOBON TECHNOLOGIES,INC.

Part # YB1230ST8RX180
Description  Low-Noise LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1230ST8RX180 Datasheet(HTML) 4 Page - YOBON TECHNOLOGIES,INC.

  YB1230ST8RX180 Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX180 Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX180 Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX180 Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX180 Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX180 Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX180 Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX180 Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC. YB1230ST8RX180 Datasheet HTML 9Page - YOBON TECHNOLOGIES,INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
YB1230 – 600mA
Low-Noise LDO Regulator
YB1230 MRev 1.4
www.yobon.com.tw
4
Typical Characteristics
At TA=25℃, VIN=(VOUT+1V), CIN=COUT=2.2μF, VEN=VIN, unless otherwise noted.
Dropout Voltage vs Output Voltage
0
200
400
600
800
1000
1.8
2.1
2.3
2.5
2.8
3
3.3
Output Voltage (V)
Ground Current vs. Input Voltage
0
20
40
60
80
100
120
140
2.5
3
3.5
4
4.5
5
5.5
6
Input Voltage (V)
1.8V
2.8V
Dropout Voltage vs. Load Current
0
200
400
600
800
1000
10
100
200
300
400
500
600
Load Current (mA)
1.8V
2.8V
Dropout Voltage vs. Temperature
0
100
200
300
400
500
600
700
10
100
200
300
400
500
600
Load Current (mA)
2.8V at 25 C
2.8V at 85 C


Similar Part No. - YB1230ST8RX180

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1230ST8RX180 YOBON-YB1230ST8RX180 Datasheet
360Kb / 11P
   600mA, Low-Noise LDO Regulator
More results

Similar Description - YB1230ST8RX180

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1231 YOBON-YB1231 Datasheet
522Kb / 10P
   Low-Noise LDO Regulator
logo
ON Semiconductor
FAN25800 ONSEMI-FAN25800 Datasheet
1Mb / 11P
   Low-Noise, LDO Regulator
Rev. 1.5
logo
ACE Technology Co., LTD...
ACE505 ACE-ACE505 Datasheet
231Kb / 9P
   Low noise 150mA LDO regulator
VER 1.5
logo
SHANGHAI BELLING CO., L...
BL8555 BELLING-BL8555 Datasheet
1Mb / 9P
   Low noise 150mA LDO regulator
logo
RICOH electronics devic...
RP103X RICOH-RP103X Datasheet
411Kb / 29P
   LOW NOISE 150mA LDO REGULATOR
logo
Unisonic Technologies
LR1122D UTC-LR1122D Datasheet
241Kb / 9P
   LOW NOISE 200mA LDO REGULATOR
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
logo
E-Tech Electronics LTD
LR1102 ETL-LR1102 Datasheet
490Kb / 12P
   LOW NOISE 150mA LDO REGULATOR
logo
Micrel Semiconductor
MIC5206 MICREL-MIC5206 Datasheet
73Kb / 8P
   150mA Low-Noise LDO Regulator
logo
RICOH electronics devic...
R1111N RICOH-R1111N Datasheet
140Kb / 16P
   LOW NOISE 150mA LDO REGULATOR?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com