Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

YB1300S Datasheet(PDF) 4 Page - YOBON TECHNOLOGIES,INC.

Part # YB1300S
Description  Switched Capacitor Boost Converter 5V/4.5V
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YOBON [YOBON TECHNOLOGIES,INC.]
Direct Link  http://www.yobon.com.tw
Logo YOBON - YOBON TECHNOLOGIES,INC.

YB1300S Datasheet(HTML) 4 Page - YOBON TECHNOLOGIES,INC.

  YB1300S Datasheet HTML 1Page - YOBON TECHNOLOGIES,INC. YB1300S Datasheet HTML 2Page - YOBON TECHNOLOGIES,INC. YB1300S Datasheet HTML 3Page - YOBON TECHNOLOGIES,INC. YB1300S Datasheet HTML 4Page - YOBON TECHNOLOGIES,INC. YB1300S Datasheet HTML 5Page - YOBON TECHNOLOGIES,INC. YB1300S Datasheet HTML 6Page - YOBON TECHNOLOGIES,INC. YB1300S Datasheet HTML 7Page - YOBON TECHNOLOGIES,INC. YB1300S Datasheet HTML 8Page - YOBON TECHNOLOGIES,INC.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
YB1300S
Switched Capacitor Boost Converter 5V/4.5V
YB1300S MRev.1.0
www.yobon.com.tw
4
Typical Characteristics
At TA=25℃, VIN=3.2V, IOUT=10mA, CIN=COUT=2.2μF, CPUMP=0.22μF, VENABLE=VIN, unless otherwise noted.
Output Voltage vs. Output Current
Efficiency vs. Output Current
Output Ripple with Iout=60mA
Output Voltage vs. Input Voltage
Input Short-Circuit Current vs. Input Voltage
Output Ripple vs. Output Current
Time=1
μs/div
Vin=3.2V
Vout
AC
Coupled
10mV/div
20
30
40
50
60
70
80
0
20
40
60
80
100
120
140
160
180
200
Output Current (mA)
Vin=3.8V
Vin=4.2V
Vin=3.0V
Vin=3.4V
40
50
60
70
80
90
100
10
20
30
40
50
60
70
80
90
100
Output Current (mA)
Vin=3.4V
Vin=2.7V
Vin=3.2V
Vin=3.6V
Vin=4.2V
4.800
4.850
4.900
4.950
5.000
5.050
5.100
5.150
5.200
10
20
30
40
50
60
70
80
90
100
Output Current (mA)
Vin=4.2V
Vin=3.6V
Vin=3.2V
Vin=3.4V
4.500
4.600
4.700
4.800
4.900
5.000
5.100
2.83.0
3.23.4
3.63.8
4.04.2
Supply Voltage (V)
Iout=10mA
Iout=20mA
Iout=30mA
Iout=40mA
Iout=50mA
Iout=60mA
Iout=70mA
Iout=80mA
Iout=90mA
30
40
50
60
70
80
90
100
2.7
3.0
3.3
3.6
3.9
4.2
4.5
4.8
5.1
Supply Voltage (V)


Similar Part No. - YB1300S

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
More results

Similar Description - YB1300S

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1300S YOBON-YB1300S_09 Datasheet
381Kb / 8P
   Switched Capacitor Boost Converter 5V/4.5V
logo
Texas Instruments
LM2775-Q1 TI1-LM2775-Q1 Datasheet
2Mb / 30P
[Old version datasheet]   Switched Capacitor 5-V Boost Converter
LM2775 TI-LM2775_15 Datasheet
923Kb / 27P
[Old version datasheet]   LM2775 Switched Capacitor 5-V Boost Converter
logo
National Semiconductor ...
LM3354 NSC-LM3354 Datasheet
394Kb / 12P
   Regulated 90mA Buck-Boost Switched Capacitor DC/DC Converter
LM3355 NSC-LM3355 Datasheet
185Kb / 9P
   Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
LM2664 NSC-LM2664 Datasheet
222Kb / 9P
   Switched Capacitor Voltage Converter
LM2767 NSC-LM2767 Datasheet
194Kb / 9P
   Switched Capacitor Voltage Converter
logo
TelCom Semiconductor, I...
TC828A TELCOM-TC828A Datasheet
67Kb / 8P
   Switched Capacitor Voltage Converter
logo
National Semiconductor ...
LM2766 NSC-LM2766 Datasheet
220Kb / 9P
   Switched Capacitor Voltage Converter
logo
Analog Intergrations Co...
AIC7660 AIC-AIC7660 Datasheet
317Kb / 11P
   Switched-Capacitor Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com